Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMIS-42770 Datasheet(PDF) 1 Page - ON Semiconductor

Part # AMIS-42770
Description  Dual High Speed CAN Transceiver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AMIS-42770 Datasheet(HTML) 1 Page - ON Semiconductor

  AMIS-42770 Datasheet HTML 1Page - ON Semiconductor AMIS-42770 Datasheet HTML 2Page - ON Semiconductor AMIS-42770 Datasheet HTML 3Page - ON Semiconductor AMIS-42770 Datasheet HTML 4Page - ON Semiconductor AMIS-42770 Datasheet HTML 5Page - ON Semiconductor AMIS-42770 Datasheet HTML 6Page - ON Semiconductor AMIS-42770 Datasheet HTML 7Page - ON Semiconductor AMIS-42770 Datasheet HTML 8Page - ON Semiconductor AMIS-42770 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
© Semiconductor Components Industries, LLC, 2009
January, 2009 − Rev. 3
1
Publication Order Number:
AMIS−42770/D
AMIS-42770
Dual High Speed CAN
Transceiver
General Description
Controller Area Network (CAN) is a serial communication protocol,
which supports distributed real−time control and multiplexing with high
safety level. Typical applications of CAN−based networks can be found
in automotive and industrial environments.
The AMIS−42770 Dual−CAN transceiver is the interface between
up to two physical bus lines and the protocol controller and will be
used for serial data interchange between different electronic units at
more than one bus line. It can be used for both 12 V and 24 V systems.
The circuit consists of following blocks:
Two differential line transmitters
Two differential line receivers
Interface to the CAN protocol handler
Interface to expand the number of CAN busses
Logic block including repeater function and the feedback suppression
Thermal shutdown circuit (TSD)
Due to the wide common−mode voltage range of the receiver inputs,
the AMIS−42770 is able to reach outstanding levels of electromagnetic
susceptibility (EMS). Similarly, extremely low electromagnetic
emission (EME) is achieved by the excellent matching of the output
signals.
Key Features
Fully Compatible with the ISO 11898−2 Standard
Certified “Authentication on CAN Transceiver Conformance (d1.1)”
Wide Range of Bus Communication Speed (up to 1 Mbit/s in
Function of the Bus Topology)
Allows Low Transmit Data Rate in Networks Exceeding 1 km
Ideally Suited for 12 V and 24 V Industrial and Automotive
Applications
Low EME: Common−mode−choke is No Longer Required
Differential Receiver with Wide Common−mode Range (±35 V) for
High EMS
No Disturbance of the Bus Lines with an Un−powered Node
Prolonged Dominant Time−out Function Allowing Communication
Speeds Down to 1 kbit/s
Thermal Protection
Bus Pins Protected against Transients
Short Circuit Proof to Supply Voltage and Ground
This is a Pb−Free Device*
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
SOIC 20
IC SUFFIX
CASE 751AQ
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 2 of this data sheet.
ORDERING INFORMATION


Similar Part No. - AMIS-42770

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AMIS-42770 ONSEMI-AMIS-42770_14 Datasheet
137Kb / 13P
   Dual High Speed CAN Transceiver
November, 2014 ??Rev. 4
More results

Similar Description - AMIS-42770

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AMIS-42770 ONSEMI-AMIS-42770_14 Datasheet
137Kb / 13P
   Dual High Speed CAN Transceiver
November, 2014 ??Rev. 4
AMIS-42700 ONSEMI-AMIS-42700 Datasheet
212Kb / 14P
   Dual High Speed CAN Transceiver
January, 2009 ??Rev. 5
logo
NXP Semiconductors
CM0902 NXP-CM0902 Datasheet
563Kb / 25P
   Dual high-speed CAN transceiver
Rev. 4.0, 8/2016
logo
AMI SEMICONDUCTOR
AMIS-42700 AMI-AMIS-42700 Datasheet
523Kb / 16P
   Dual High-Speed CAN Transceiver
logo
ON Semiconductor
NCV7441 ONSEMI-NCV7441 Datasheet
173Kb / 10P
   Dual High Speed Low Power CAN Transceiver
August, 2011 ??Rev. 0
logo
Infineon Technologies A...
TLE7250GVIO INFINEON-TLE7250GVIO_15 Datasheet
1Mb / 23P
   High Speed CAN Transceiver
Rev. 1.1, 2014-05-07
TLE9250 INFINEON-TLE9250 Datasheet
1Mb / 28P
   High Speed CAN Transceiver
Rev. 1.0 2017-08-09
TLE8250GVIO INFINEON-TLE8250GVIO_16 Datasheet
946Kb / 26P
   High Speed CAN-Transceiver
Rev. 1.11 2016-12-29
TLE8250G INFINEON-TLE8250G Datasheet
1Mb / 23P
   High Speed CAN-Transceiver
Rev. 1.0, 2010-06-02
IFX1050G INFINEON-IFX1050G Datasheet
1Mb / 15P
   High Speed CAN-Transceiver
Rev. 1.0, 2009-05-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com