Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMIS42770ICAW1RG Datasheet(PDF) 3 Page - ON Semiconductor

Part # AMIS42770ICAW1RG
Description  Dual High Speed CAN Transceiver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AMIS42770ICAW1RG Datasheet(HTML) 3 Page - ON Semiconductor

  AMIS42770ICAW1RG Datasheet HTML 1Page - ON Semiconductor AMIS42770ICAW1RG Datasheet HTML 2Page - ON Semiconductor AMIS42770ICAW1RG Datasheet HTML 3Page - ON Semiconductor AMIS42770ICAW1RG Datasheet HTML 4Page - ON Semiconductor AMIS42770ICAW1RG Datasheet HTML 5Page - ON Semiconductor AMIS42770ICAW1RG Datasheet HTML 6Page - ON Semiconductor AMIS42770ICAW1RG Datasheet HTML 7Page - ON Semiconductor AMIS42770ICAW1RG Datasheet HTML 8Page - ON Semiconductor AMIS42770ICAW1RG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
AMIS−42770
http://onsemi.com
3
TYPICAL APPLICATION
Application Description
AMIS−42770 is especially designed to provide the link
between a CAN controller (protocol IC) and two physical
busses. It is able to operate in three different modes:
Dual CAN
A CAN−bus extender
A CAN−bus repeater
Application Schematics
AMIS−42770
Text
Rx0
Tx0
7
9
2
3
10
Rint
4
CANH2
CANL1
GND
Vref
VCC
18
13
12
19
14
8
5
6 15 16 17
CANL2
CANH1
CAN BUS 2
CAN BUS 1
100 nF
VBAT
5 V−reg
Figure 2. Application Diagram CAN−bus Repeater
RLT
60 W
RLT
60 W
CD
EN1
EN2
AMIS−42770
Text
Rx0
Tx0
7
9
2
3
10
Rint
4
VBAT
CANH2
CANL1
GND
VCC
Vref
VCC
18
13
12
19
14
8
GND
CAN
controller
5 V−reg
5
6 15 16 17
CANL2
CANH1
CAN BUS 2
CAN BUS 1
100 nF
100 nF
Figure 3. Application Diagram Dual−CAN
mC
CD
CD
EN1
EN2
RLT
60 W
RLT
60 W


Similar Part No. - AMIS42770ICAW1RG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AMIS42770ICAW1RG ONSEMI-AMIS42770ICAW1RG Datasheet
137Kb / 13P
   Dual High Speed CAN Transceiver
November, 2014 ??Rev. 4
More results

Similar Description - AMIS42770ICAW1RG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AMIS-42770 ONSEMI-AMIS-42770_14 Datasheet
137Kb / 13P
   Dual High Speed CAN Transceiver
November, 2014 ??Rev. 4
AMIS-42700 ONSEMI-AMIS-42700 Datasheet
212Kb / 14P
   Dual High Speed CAN Transceiver
January, 2009 ??Rev. 5
logo
NXP Semiconductors
CM0902 NXP-CM0902 Datasheet
563Kb / 25P
   Dual high-speed CAN transceiver
Rev. 4.0, 8/2016
logo
AMI SEMICONDUCTOR
AMIS-42700 AMI-AMIS-42700 Datasheet
523Kb / 16P
   Dual High-Speed CAN Transceiver
logo
ON Semiconductor
NCV7441 ONSEMI-NCV7441 Datasheet
173Kb / 10P
   Dual High Speed Low Power CAN Transceiver
August, 2011 ??Rev. 0
logo
Infineon Technologies A...
TLE7250GVIO INFINEON-TLE7250GVIO_15 Datasheet
1Mb / 23P
   High Speed CAN Transceiver
Rev. 1.1, 2014-05-07
TLE9250 INFINEON-TLE9250 Datasheet
1Mb / 28P
   High Speed CAN Transceiver
Rev. 1.0 2017-08-09
TLE8250GVIO INFINEON-TLE8250GVIO_16 Datasheet
946Kb / 26P
   High Speed CAN-Transceiver
Rev. 1.11 2016-12-29
TLE8250G INFINEON-TLE8250G Datasheet
1Mb / 23P
   High Speed CAN-Transceiver
Rev. 1.0, 2010-06-02
IFX1050G INFINEON-IFX1050G Datasheet
1Mb / 15P
   High Speed CAN-Transceiver
Rev. 1.0, 2009-05-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com