Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM840051 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SM840051
Description  10 Gigabit Ethernet Ultra-Low Jitter Clock Synthesizer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SM840051 Datasheet(HTML) 3 Page - Micrel Semiconductor

  SM840051 Datasheet HTML 1Page - Micrel Semiconductor SM840051 Datasheet HTML 2Page - Micrel Semiconductor SM840051 Datasheet HTML 3Page - Micrel Semiconductor SM840051 Datasheet HTML 4Page - Micrel Semiconductor SM840051 Datasheet HTML 5Page - Micrel Semiconductor SM840051 Datasheet HTML 6Page - Micrel Semiconductor SM840051 Datasheet HTML 7Page - Micrel Semiconductor SM840051 Datasheet HTML 8Page - Micrel Semiconductor SM840051 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Micrel, Inc.
SM840051
May 2010
3
M9999-050710-C
hbwhelp@micrel.com or (408) 955-1690
Absolute Maximum Ratings
(1)
Supply Voltage (VDD)...................................................+4.6V
Input Voltage (VIN)................................ –0.50V to VDD+0.5V
Output Voltage (VOUT) .......................... –0.50V to VDD+0.5V
Lead Temperature (soldering, 20sec.)....................... 260°C
Storage Temperature (Ts) .........................–65°C to +150°C
Operating Ratings
(2)
Supply Voltage (VIN)............................. +2.375V to +3.465V
Ambient Temperature (TA) .......................... –40°C to +75°C
Junction Thermal Resistance
TSSOP (
θJA).....................................................150°C/W
DC Electrical Characteristics
VDD = 2.5V ±5%; TA = –40°C to +75°C, unless noted.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VDD
Core Supply Voltage
2.375
2.50
2.625
V
VDDA
Analog Supply Voltage
2.375
2.50
2.625
V
IDD
Core Supply Current
No load
12
20
mA
IDDA
Analog Supply Current
48
55
mA
DC Electrical Characteristics
VDD = 3.3V ±5%; TA = –40°C to +75°C, unless noted.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VDD
Core Supply Voltage
3.135
3.30
3.465
V
VDDA
Analog Supply Voltage
3.135
3.30
3.465
V
IDD
Core Supply Current
No load
15
25
mA
IDDA
Analog Supply Current
49
60
mA
LVCMOS Electrical Characteristics
VDD = 2.5V and 3.3V ±5%; TA = –40°C to +75°C, unless noted.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VDD = 3.3V ±5%
2
VDD +0.3
V
VIH
Input HIGH Voltage
VDD = 2.5V ±5%
1.7
VDD + 0.3
V
VDD = 3.3V ±5%
-0.30
0.80
V
VIL
Input LOW Voltage
VDD = 2.5V ±5%
-0.30
0.70
V
VDD = 3.3V ±5%
2.6
V
VOH
Output HIGH Voltage
VDD = 2.5V ±5%
1.8
V
VOL
Output LOW Voltage
0.5
V
IIH
Input HIGH Current
Output Enable input
5
µA
IIL
Input LOW Current
Output Enable input
-150
µA
IIH
Input HIGH Current
FSEL input
150
µA
IIL
Input LOW Current
FSEL input
-5
µA
Notes:
1. Exceeding the absolute maximum rating may damage the device.
2. The device is not guaranteed to function outside its operating rating.


Similar Part No. - SM840051

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SM840001 MICREL-SM840001 Datasheet
313Kb / 8P
   106.25MHz Ultra-Low Jitter Clock Synthesizer
SM840001KA MICREL-SM840001KA Datasheet
313Kb / 8P
   106.25MHz Ultra-Low Jitter Clock Synthesizer
SM840001KATR MICREL-SM840001KATR Datasheet
313Kb / 8P
   106.25MHz Ultra-Low Jitter Clock Synthesizer
SM840002 MICREL-SM840002 Datasheet
367Kb / 9P
   ClockWorks??Dual 10-Gigabit/Gigabit Ethernet 62.5MHz, 125MHz, or 156.25MHz
SM840002KA MICREL-SM840002KA Datasheet
367Kb / 9P
   ClockWorks??Dual 10-Gigabit/Gigabit Ethernet 62.5MHz, 125MHz, or 156.25MHz
More results

Similar Description - SM840051

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SM843031-01 MICREL-SM843031-01 Datasheet
331Kb / 7P
   ClockWorks??10-Gigabit Ethernet, 312.5MHz, Ultra-Low Jitter LVPECL Clock Frequency Synthesizer
SM843251-156 MICREL-SM843251-156 Datasheet
340Kb / 7P
   ClockWorks??10-Gigabit Ethernet, 156.25MHz, Ultra-Low Jitter LVPECL Clock Frequency Synthesizer
SM840004-11 MICREL-SM840004-11 Datasheet
236Kb / 10P
   62.5/125MHz Gigabit Ethernet, 4 Output, Ultra-Low Jitter Clock Synthesizer
SM844256 MICREL-SM844256 Datasheet
246Kb / 8P
   10 Gigabit Ethernet and SONET, 6 Output, Ultra-Low Jitter LVDS Frequency Synthesizer
SM843256 MICREL-SM843256 Datasheet
238Kb / 8P
   10 Gigabit Ethernet and SONET, 6 output, Ultra-Low Jitter LVPECL Frequency Synthesizer
logo
Microchip Technology
SM813XXX MICROCHIP-SM813XXX Datasheet
477Kb / 21P
   Flexible Ultra-Low Jitter Clock Synthesizer
07/14/15
logo
Micrel Semiconductor
SM803020 MICREL-SM803020 Datasheet
941Kb / 14P
   Flexible Ultra-Low Jitter Clock Synthesizer
SM840001 MICREL-SM840001 Datasheet
313Kb / 8P
   106.25MHz Ultra-Low Jitter Clock Synthesizer
SM840021 MICREL-SM840021 Datasheet
342Kb / 10P
   125MHz Ultra-Low Jitter Clock Synthesizer
logo
Texas Instruments
LMK03328 TI1-LMK03328 Datasheet
2Mb / 153P
[Old version datasheet]   Ultra-Low Jitter Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com