Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4304.4063 Datasheet(PDF) 4 Page - Schurter Inc.

Part # 4304.4063
Description  IEC Appliance Inlet C14 with Filter, Fuseholder 2-pole, Line Switch 2-pole
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

4304.4063 Datasheet(HTML) 4 Page - Schurter Inc.

  4304.4063 Datasheet HTML 1Page - Schurter Inc. 4304.4063 Datasheet HTML 2Page - Schurter Inc. 4304.4063 Datasheet HTML 3Page - Schurter Inc. 4304.4063 Datasheet HTML 4Page - Schurter Inc. 4304.4063 Datasheet HTML 5Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image

Power Entry Modules with Line Filter
FKI
www.schurter.com/pg06
EMC Products
Variants
Socketandfusedrawerincluded
Type
Rated Current
[A]
Filter-Type
Fuseholder
Line Switch
Housing
Material: Housing
Comment
Order Number
FKI
1
Standard Version
2-pole
2-pole
45
Aluminum
-
4304.4061
FKI
2
Standard Version
2-pole
2-pole
45
Aluminum
-
4304.4062
FKI
4
Standard Version
2-pole
2-pole
45
Aluminum
-
4304.4063
FKI
6
Standard Version
2-pole
2-pole
45
Aluminum
-
4304.4064
FKI
10
Standard Version
2-pole
2-pole
45
Aluminum
-
4304.4065
FKI
1
Medical Version (M5)
2-pole
2-pole
45
Aluminum
-
4304.4091
FKI
2
Medical Version (M5)
2-pole
2-pole
45
Aluminum
-
4304.4092
FKI
4
Medical Version (M5)
2-pole
2-pole
45
Aluminum
-
4304.4092
FKI
6
Medical Version (M5)
2-pole
2-pole
45
Aluminum
-
4304.4094
FKI
10
Medical Version (M5)
2-pole
2-pole
45
Aluminum
-
4304.4095
FKI
1
Standard Version
2-pole
2-pole
50
Nickel plated steel
1)
4304.4021
FKI
2
Standard Version
2-pole
2-pole
50
Nickel plated steel
1)
4304.4022
FKI
4
Standard Version
2-pole
2-pole
50
Nickel plated steel
1)
4304.4023
FKI
6
Standard Version
2-pole
2-pole
50
Nickel plated steel
1)
4304.4024
FKI
10
Standard Version
2-pole
2-pole
50
Nickel plated steel
1)
4304.4025
FKI
1
Medical Version (M5)
2-pole
2-pole
50
Nickel plated steel
1)
4304.4066
FKI
2
Medical Version (M5)
2-pole
2-pole
50
Nickel plated steel
1)
4304.4067
FKI
4
Medical Version (M5)
2-pole
2-pole
50
Nickel plated steel
1)
4304.4068
FKI
6
Medical Version (M5)
2-pole
2-pole
50
Nickel plated steel
1)
4304.4069
FKI
10
Medical Version (M5)
2-pole
2-pole
50
Nickel plated steel
1)
4304.4070
1)Versionswithnickelplatedsteelenclosureareonphase-out.Fornewdesignswerecommendtheversionswithaluminumenclosure.
Packaging unit
10Pcs
Accessories
Description
Assorted Covers
Rear Cover
0859.0074
Mating Outlets/Connectors
Category / Description
Appliance Outlet Overview complete
IEC Appliance Outlet F, Screw-on Mounting, Front Side, Solder or Quick-connect Terminal
4787
IEC Appliance Outlet F, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal
4788
IEC Appliance Outlet F or H, Screw-on Mounting, Front Side, Solder, PCB or Quick-connect Terminal
5091
IEC Appliance Outlet F or H, Screw-on Mounting, Front Side, Solder or Quick-connect Terminal
5092
Appliance Outlet further types to FKI
Connector Overview complete
IEC Connector C15, Rewireable, Straight
0101
IEC Connector C15A, Rewireable, Straight
0102
IEC Connector C15A, Rewireable, Straight
0102-G
IEC Connector C15A, Rewireable, Angled
0112
IEC Connector C13, Rewireable, Angled
4012
Connector further types to FKI
...


Similar Part No. - 4304.4063

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
4304.4063 SCHURTER-4304.4063 Datasheet
568Kb / 6P
   IEC Appliance Inlet C14 with Filter, Fuseholder 2-pole, Line Switch 2-pole
04.01.2022
More results

Similar Description - 4304.4063

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FKI SCHURTER-FKI_18 Datasheet
522Kb / 5P
   IEC Appliance Inlet C14 with Filter, Fuseholder 2-pole, Line Switch 2-pole
FKI SCHURTER-FKI_V01 Datasheet
568Kb / 6P
   IEC Appliance Inlet C14 with Filter, Fuseholder 2-pole, Line Switch 2-pole
04.01.2022
FKH SCHURTER-FKH Datasheet
751Kb / 5P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1-pole, Line Switch 2-pole
FKH SCHURTER-FKH_V01 Datasheet
565Kb / 6P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1-pole, Line Switch 2-pole
04.01.2022
FKID SCHURTER-FKID Datasheet
675Kb / 4P
   IEC Appliance Inlet C14 with Filter 2-Stage, Fuseholder 2-pole, Line Switch 2-pole
FKID SCHURTER-FKID_18 Datasheet
503Kb / 5P
   IEC Appliance Inlet C14 with Filter 2-Stage, Fuseholder 2-pole, Line Switch 2-pole
FKID_1809 SCHURTER-FKID_1809 Datasheet
516Kb / 5P
   IEC Appliance Inlet C14 with Filter 2-Stage, Fuseholder 2-pole, Line Switch 2-pole
FKH SCHURTER-FKH_18 Datasheet
519Kb / 5P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1-pole, Line Switch 2-pole
FKHD SCHURTER-FKHD_V01 Datasheet
527Kb / 5P
   IEC Appliance Inlet C14 with Filter 2-Stage, Fuseholder 1-pole, Line Switch 2-pole
04.01.2022
DD12 SCHURTER-DD12 Datasheet
752Kb / 5P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole, Line Switch 2-pole
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com