Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4304.4024 Datasheet(PDF) 3 Page - Schurter Inc.

Part # 4304.4024
Description  IEC Appliance Inlet C14 with Filter, Fuseholder 2-pole, Line Switch 2-pole
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

4304.4024 Datasheet(HTML) 3 Page - Schurter Inc.

  4304.4024 Datasheet HTML 1Page - Schurter Inc. 4304.4024 Datasheet HTML 2Page - Schurter Inc. 4304.4024 Datasheet HTML 3Page - Schurter Inc. 4304.4024 Datasheet HTML 4Page - Schurter Inc. 4304.4024 Datasheet HTML 5Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image

Power Entry Modules with Line Filter
FKI
www.schurter.com/pg06
EMC Products
Diagrams
Standard version
1) Line
2) only FKI
3) Load
Medical version
N
PE
L
Cx
L1
L2
N’
PE’
L’
R
Cx
F2
F1
1)
2)
1) Line
2) Load
Derating Curves
2-pole
0
20
40
60
80
100
0.2
0.0
I = << In
I = 0.7 In
I = 1.0 In
1.6
0.6
0.4
0.8
1.2
1.0
1.4
Ambient air temperature Ta °C
Attenuation Loss
----differentialmode_____commonmode
Standardversion
1 A
2 A
4 A
6 A
10 A
Medicalversion(M5)
1 A
2 A
4 A
6 A
10 A
Technical Data of Filter-Components
Rated Current
[A]
Filter-Type
Inductances
L [mH]
Capacitance
CX [nF]
Capacitance
CY [nF]
R [M
Ω]
1
Standard Version
2 x 10
68
2.2
1
2
Standard Version
2 x 4
68
2.2
1
4
Standard Version
2 x 1.5
68
2.2
1
6
Standard Version
2 x 0.8
68
2.2
1
10
Standard Version
2 x 0.3
68
2.2
1
1
Medical Version (M5)
2 x 10
68
-
1
2
Medical Version (M5)
2 x 4
68
-
1
4
Medical Version (M5)
2 x 1.5
68
-
1
6
Medical Version (M5)
2 x 0.8
68
-
1
10
Medical Version (M5)
2 x 0.3
68
-
1


Similar Part No. - 4304.4024

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
4304.4024 SCHURTER-4304.4024 Datasheet
568Kb / 6P
   IEC Appliance Inlet C14 with Filter, Fuseholder 2-pole, Line Switch 2-pole
04.01.2022
More results

Similar Description - 4304.4024

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FKI SCHURTER-FKI_18 Datasheet
522Kb / 5P
   IEC Appliance Inlet C14 with Filter, Fuseholder 2-pole, Line Switch 2-pole
FKI SCHURTER-FKI_V01 Datasheet
568Kb / 6P
   IEC Appliance Inlet C14 with Filter, Fuseholder 2-pole, Line Switch 2-pole
04.01.2022
FKH SCHURTER-FKH Datasheet
751Kb / 5P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1-pole, Line Switch 2-pole
FKH SCHURTER-FKH_V01 Datasheet
565Kb / 6P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1-pole, Line Switch 2-pole
04.01.2022
FKID SCHURTER-FKID Datasheet
675Kb / 4P
   IEC Appliance Inlet C14 with Filter 2-Stage, Fuseholder 2-pole, Line Switch 2-pole
FKID SCHURTER-FKID_18 Datasheet
503Kb / 5P
   IEC Appliance Inlet C14 with Filter 2-Stage, Fuseholder 2-pole, Line Switch 2-pole
FKID_1809 SCHURTER-FKID_1809 Datasheet
516Kb / 5P
   IEC Appliance Inlet C14 with Filter 2-Stage, Fuseholder 2-pole, Line Switch 2-pole
FKH SCHURTER-FKH_18 Datasheet
519Kb / 5P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1-pole, Line Switch 2-pole
FKHD SCHURTER-FKHD_V01 Datasheet
527Kb / 5P
   IEC Appliance Inlet C14 with Filter 2-Stage, Fuseholder 1-pole, Line Switch 2-pole
04.01.2022
DD12 SCHURTER-DD12 Datasheet
752Kb / 5P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole, Line Switch 2-pole
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com