Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3SCV5532M1 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 3SCV5532M1
Description  Long-life Haif-size Industrial Relay
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

3SCV5532M1 Datasheet(HTML) 1 Page - Tyco Electronics

  3SCV5532M1 Datasheet HTML 1Page - Tyco Electronics 3SCV5532M1 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - 3SCV5532M1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3SCC MACOM-3SCC Datasheet
587Kb / 4P
   150 Grid-space Micro-miniature Relays
3SCC5001A1 MACOM-3SCC5001A1 Datasheet
587Kb / 4P
   150 Grid-space Micro-miniature Relays
3SCC5001A2 MACOM-3SCC5001A2 Datasheet
587Kb / 4P
   150 Grid-space Micro-miniature Relays
3SCC5001A5 MACOM-3SCC5001A5 Datasheet
587Kb / 4P
   150 Grid-space Micro-miniature Relays
3SCC5001A6 MACOM-3SCC5001A6 Datasheet
587Kb / 4P
   150 Grid-space Micro-miniature Relays
More results

Similar Description - 3SCV5532M1

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
NR-HD-5V NAIS-NR-HD-5V Datasheet
121Kb / 8P
   LONG LIFE RELAY
logo
Illinois Capacitor, Inc...
SVL ILLINOISCAPACITOR-SVL Datasheet
198Kb / 2P
   Small size ??Long Life
logo
ALPS ELECTRIC CO.,LTD.
EC11J ALPS-EC11J Datasheet
432Kb / 4P
   11mm Size Metal Shaft Long Life Type
RK09Y11L ALPS-RK09Y11L Datasheet
114Kb / 2P
   9mm Size Insulated Shaft Long-life Type
logo
CTS Corporation
291V1022F832AB CTS-291V1022F832AB Datasheet
3Mb / 3P
   Precision, Long-life Compact 12mm Size Optical Encoder
logo
PARA LIGHT ELECTRONICS ...
EP501W1L059WHR PARALIGHT-EP501W1L059WHR Datasheet
196Kb / 13P
   Long operating life.
logo
Everlight Electronics C...
EALP05SQAGA1 EVERLIGHT-EALP05SQAGA1 Datasheet
198Kb / 8P
   Long life feature.
EALP03RDCGA7 EVERLIGHT-EALP03RDCGA7 Datasheet
247Kb / 9P
   Long life feature.
EALP03CLAGA0 EVERLIGHT-EALP03CLAGA0 Datasheet
289Kb / 8P
   Long life feature.
EALP05RDHRA4 EVERLIGHT-EALP05RDHRA4 Datasheet
351Kb / 9P
   Long life feature.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com