Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OGD Datasheet(PDF) 1 Page - Schurter Inc.

Part # OGD
Description  Cover for Holder OGD, OGD-SMD
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

OGD Datasheet(HTML) 1 Page - Schurter Inc.

  OGD Datasheet HTML 1Page - Schurter Inc. OGD Datasheet HTML 2Page - Schurter Inc. OGD Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image

Fuseholders
Cover OGD, OGD-SMD
www.schurter.com/pg02
Fuses
Cover for Holder OGD, OGD-SMD
4W/10A
Description
-Fitstotype:OGD;OGD-SMD
Standards
-IEC60127-6
-UL512
-CSAC22.2no.39
Approvals
-VDELicenseNumber:4008993
-ULFileNumber:E39328
References
GeneralProductInformation
Weblinks
Approvals,RoHS,CHINA-RoHS,e-Store,Distributor-Stock-Check,
Accessories,ProductChangeNotification(PCN)
Technical Data
Fuse-Link
6.3x32mm
RatedPowerAcceptanceIEC 4W/10A@Ta23°C
AdmissibleAmbientAirTemp. -40°Cto85°C
StorageConditions
0°Cto60°C,max.70%r.h.
SolderingMethods
Reflow,Wave
Solderability
245°C/3secacc.toIEC60068-2-20,
TestTd
ResistancetoSolderingHeat
260°C/10secacc.toIEC60068-2-20,
TestTd
Abmessungen
37.8mm
 
4
9.6
37.8
10.9
Variants
Description
Order Number
Reflow-Cover
0853.0917


Similar Part No. - OGD

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
OGD SCHURTER-OGD Datasheet
269Kb / 3P
   Fuseholder Open Design, 5 x 20 / 6.3 x 32 mm, THT, VDE: 250/500 VAC, UL/CSA: 600 V, Cover, IEC 60335-1
15.09.2021
OGD-SMD SCHURTER-OGD-SMD Datasheet
270Kb / 3P
   Fuseholder Open Design, 5 x 20 / 6.3 x 32 mm, SMD, VDE: 250/500 VAC, UL/CSA: 600 V, Cover, IEC 60355-1
04.01.2022
OGD-SMD SCHURTER-OGD-SMD Datasheet
270Kb / 3P
   Fuseholder Open Design, 5 x 20 / 6.3 x 32 mm, SMD, VDE: 250/500 VAC, UL/CSA: 600 V, Cover, IEC 60355-1
26.07.2022
OGD-SMD SCHURTER-OGD-SMD_V01 Datasheet
270Kb / 3P
   Fuseholder Open Design, 5 x 20 / 6.3 x 32 mm, SMD, VDE: 250/500 VAC, UL/CSA: 600 V, Cover, IEC 60355-1
04.01.2022
OGD-SMD SCHURTER-OGD-SMD_V02 Datasheet
270Kb / 3P
   Fuseholder Open Design, 5 x 20 / 6.3 x 32 mm, SMD, VDE: 250/500 VAC, UL/CSA: 600 V, Cover, IEC 60355-1
26.07.2022
More results

Similar Description - OGD

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
0853.0551 SCHURTER-0853.0551 Datasheet
219Kb / 2P
   Cover for Holder OGN, OGN-SMD
19.08.2020
OGN SCHURTER-OGN Datasheet
549Kb / 3P
   Cover for Holder OGN, OGN-SMD
logo
List of Unclassifed Man...
1022C ETC2-1022C Datasheet
183Kb / 1P
   NATTERY HOLDER COVER
logo
Molex Electronics Ltd.
1801500000 MOLEX1-1801500000 Datasheet
47Kb / 1P
   LED Array Holder for Bridgelux* ES, without Lens Cover
1801500001 MOLEX1-1801500001 Datasheet
50Kb / 1P
   LED Array Holder for Bridgelux ES, with Lens Cover
1801800000 MOLEX1-1801800000 Datasheet
43Kb / 1P
   LED Array Holder for Bridgelux RS, without Lens Cover
logo
Schurter Inc.
OG-UHB-UH SCHURTER-OG-UHB-UH Datasheet
393Kb / 2P
   Cover for Holder OG (Clip) 5x20, OG (Halter) 5x20, UH, UHB
OG-UHB-UH SCHURTER-OG-UHB-UH_V02 Datasheet
205Kb / 2P
   Cover for Holder OG (Clip) 5x20, OG (Halter) 5x20, UH, UHB
04.01.2022
logo
List of Unclassifed Man...
12BH441C-GR ETC2-12BH441C-GR Datasheet
68Kb / 1P
   4 ?쏛AA??Battery Holder with Leads and Cover
12BH9VCS-GR ETC2-12BH9VCS-GR Datasheet
85Kb / 2P
   9V Battery Holder with Leads, Cover, and Switch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com