Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UJA1075 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # UJA1075
Description  High-speed CAN/LIN core system basis chip
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

UJA1075 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button UJA1075 Datasheet HTML 6Page - NXP Semiconductors UJA1075 Datasheet HTML 7Page - NXP Semiconductors UJA1075 Datasheet HTML 8Page - NXP Semiconductors UJA1075 Datasheet HTML 9Page - NXP Semiconductors UJA1075 Datasheet HTML 10Page - NXP Semiconductors UJA1075 Datasheet HTML 11Page - NXP Semiconductors UJA1075 Datasheet HTML 12Page - NXP Semiconductors UJA1075 Datasheet HTML 13Page - NXP Semiconductors UJA1075 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 53 page
background image
UJA1075_2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 27 May 2010
10 of 53
NXP Semiconductors
UJA1075
High-speed CAN/LIN core system basis chip
The chip temperature rises above the OTP activation threshold, Tth(act)otp, causing the
SBC to switch to Overtemp mode
6.1.5 Sleep mode
Sleep mode is selected from Standby mode or Normal mode by setting bits MC in the
Mode_Control register (Table 5) to 01. The SBC will enter Sleep mode providing there are
no pending interrupts (INTN = HIGH) or wake-up events and at least one wake-up source
is enabled (CAN, LIN or WAKE). Any attempt to enter Sleep mode while one of these
conditions has not been satisfied will result in a short reset (3.6 ms min. pulse width; see
Section 6.5.1 and Table 11).
In Sleep mode, V1 and V2 are off and the bus transceivers will be switched off (Off mode;
STBCC/STBCL = 0; see Table 6) or in a low-power state (Lowpower mode;
STBCC/STBCL = 1) with bus wake-up detection active - see Section 6.7.1 and
Section 6.8.1). The watchdog is off and the reset pin is LOW.
A CAN, LIN or local wake-up event will cause the SBC to switch from Sleep mode to
Standby mode, generating a (short or long; see Section 6.5.1) system reset. The value of
the mode control bits (MC) will be changed to 00 and V1 will be enabled.
6.1.6 Overtemp mode
The SBC will enter Overtemp mode from Normal mode or Standby mode when the chip
temperature exceeds the overtemperature protection activation threshold, Tth(act)otp,
In Overtemp mode, the voltage regulators are switched off and the bus systems are in a
high-resistive state. When the SBC enters Overtemp mode, the RSTN pin is driven LOW
and the limp home control bit, LHC, is set so that the LIMP pin is driven LOW.
The chip temperature must drop a hysteresis level below the overtemperature shutdown
threshold before the SBC can exit Overtemp mode. After leaving Overtemp mode the
SBC enters Standby mode and a system reset is generated (reset pulse width of tw(rst),
long or short; see Section 6.5.1 and Table 11).
6.2 SPI
6.2.1 Introduction
The Serial Peripheral Interface (SPI) provides the communication link with the
microcontroller, supporting multi-slave operations. The SPI is configured for full duplex
data transfer, so status information is returned when new control data is shifted in. The
interface also offers a read-only access option, allowing registers to be read back by the
application without changing the register content.
The SPI uses four interface signals for synchronization and data transfer:
SCSN: SPI chip select; active LOW
SCK: SPI clock; default level is LOW due to low-power concept
SDI: SPI data input
SDO: SPI data output; floating when pin SCSN is HIGH
Bit sampling is performed on the falling clock edge and data is shifted on the rising clock
edge (see Figure 4).


Similar Part No. - UJA1075

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UJA1075A NXP-UJA1075A Datasheet
393Kb / 54P
   High-speed CAN/LIN core system basis chip
Rev. 02 ??28 January 2011
UJA1075ATW/3V3 NXP-UJA1075ATW/3V3 Datasheet
393Kb / 54P
   High-speed CAN/LIN core system basis chip
Rev. 02 ??28 January 2011
UJA1075ATW/3V3/WD NXP-UJA1075ATW/3V3/WD Datasheet
393Kb / 54P
   High-speed CAN/LIN core system basis chip
Rev. 02 ??28 January 2011
UJA1075ATW/5V0 NXP-UJA1075ATW/5V0 Datasheet
393Kb / 54P
   High-speed CAN/LIN core system basis chip
Rev. 02 ??28 January 2011
UJA1075ATW/5V0/WD NXP-UJA1075ATW/5V0/WD Datasheet
393Kb / 54P
   High-speed CAN/LIN core system basis chip
Rev. 02 ??28 January 2011
More results

Similar Description - UJA1075

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UJA1075A NXP-UJA1075A Datasheet
393Kb / 54P
   High-speed CAN/LIN core system basis chip
Rev. 02 ??28 January 2011
UJA1078 NXP-UJA1078 Datasheet
389Kb / 53P
   High-speed CAN/dual LIN core system basis chip
Rev. 02-27 May 2010
UJA1078ATW PHILIPS-UJA1078ATW Datasheet
394Kb / 54P
   High-speed CAN/dual LIN core system basis chip
Rev. 2-28 January 2011
UJA1078A NXP-UJA1078A Datasheet
394Kb / 54P
   High-speed CAN/dual LIN core system basis chip
Rev. 2-28 January 2011
UJA1076 NXP-UJA1076 Datasheet
342Kb / 47P
   High-speed CAN core system basis chip
Rev. 02-27 May 2010
UJA1061 PHILIPS-UJA1061 Datasheet
323Kb / 81P
   Low speed CAN/LIN system basis chip
2004 Mar 22
UJA1076A NXP-UJA1076A Datasheet
341Kb / 47P
   High-speed CAN core system basis chip
Rev. 2 ??31 January 2011
UJA1079 NXP-UJA1079 Datasheet
332Kb / 45P
   LIN core system basis chip
Rev. 02-27 May 2010
UJA1079A NXP-UJA1079A Datasheet
337Kb / 46P
   LIN core system basis chip
Rev. 2 ??31 January 2011
UJA1065 PHILIPS-UJA1065 Datasheet
285Kb / 67P
   High-speed CAN/LIN fail-safe system basis chip
Rev. 01-10 August 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com