Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D16EET21FREDRED Datasheet(PDF) 1 Page - E-SWITCH

Part # D16EET21FREDRED
Description  PUSHBUTTON SWITCHES - ILLUMINATED
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

D16EET21FREDRED Datasheet(HTML) 1 Page - E-SWITCH

  D16EET21FREDRED Datasheet HTML 1Page - E-SWITCH D16EET21FREDRED Datasheet HTML 2Page - E-SWITCH D16EET21FREDRED Datasheet HTML 3Page - E-SWITCH D16EET21FREDRED Datasheet HTML 4Page - E-SWITCH D16EET21FREDRED Datasheet HTML 5Page - E-SWITCH D16EET21FREDRED Datasheet HTML 6Page - E-SWITCH D16EET21FREDRED Datasheet HTML 7Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Phone: 800-867-2717
Fax: 763-531-8235
90
Red
Grn
Red
Grn
Yel
LAMP COLOR
(WHERE APPLICABLE)
SERIES D16, P16, L16 SWITCHES
Specifications subject to change without notice.
SERIES
EE = Latching
OA = Momentary
PL* =
Pilot Indicator
*For L16
(Pilot Indicator)
MECHANICAL
CONFIGURATION
Example Ordering Number
D16_ EE_ R1_ 3_ A_BLU
PUSHBUTTON SWITCHES - ILLUMINATED
SPECIFICATIONS
Contact Rating:
5A@250 VAC-UL, VDE
8A@125 VAC - UL, CSA
6A@24 VDC - UL, CSA
Life Expectancy (Mechanical): 100,000 cycles
Life Expectancy (Electrical):
50,000 cycles
Contact Resistance:
100mΩ max. typical; initial @ 2-4 VDC
Insulation Resistance:
> 1,000MΩ
Dielectric Strength:
> 1,500 volts 1 minute
> 3,000 volts between poles
Actuation Force:
300g/pole
Operating Temperature: -20°C to 55°C
MATERIALS
Switch Housing:
Polyetherimide (PEI)
Contact Housing:
Diallyl Phthalate (DAP)
Lens:
Polycarbonate (PC)
Contacts:
Silver plated copper alloy
Terminals:
Silver plated copper alloy
HOW TO ORDER
FEATURES & BENEFITS
Modular interface/contact
block design
Robust product for industrial
applications
Attractive front panel design
Illuminated options available
APPLICATIONS/MARKETS
Industrial controls
Instrumentation
Transportation
Telecommunications
0* = Pilot Ind.
1**= SPDT
2 = DPDT
3 = 3PDT
4 = 4PDT
*For L16 only
(Pilot Indicator)
**P16
available SPDT only
CIRCUIT
0 = None
A
B
C
F
G
H
J
K
M
N
L
D
E
LAMP TYPE
& VOLTAGE
RED = Red
GRN= Green
BLU = Blue*
WHT= White*
ORG= Orange*
YEL = Yellow*
*Not Available For
‘R’ Mushroom Head.
D16 = Solder Lug
P16 = Socket
L16 = Pilot
Indicator
S1
S2
T1
T2
R*
R1
*R (Mushroom
Head) Available for
D16 & P16 Only.
PUSHBUTTON
HEAD
LENS
COLOR


Similar Part No. - D16EET21FREDRED

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
D16-4148 MICROSEMI-D16-4148 Datasheet
67Kb / 1P
   Switching Diode Array
D16-4150 MICROSEMI-D16-4150 Datasheet
67Kb / 1P
   Switching Diode Array
logo
List of Unclassifed Man...
D16-LAR1-1AB ETC2-D16-LAR1-1AB Datasheet
166Kb / 4P
   Push Button Switches
D16-LAR1-2AB ETC2-D16-LAR1-2AB Datasheet
166Kb / 4P
   Push Button Switches
D16-LAS1-1AB ETC2-D16-LAS1-1AB Datasheet
166Kb / 4P
   Push Button Switches
More results

Similar Description - D16EET21FREDRED

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
13AL COPAL-13AL Datasheet
441Kb / 2P
   Illuminated Pushbutton Switches
13BL COPAL-13BL Datasheet
477Kb / 2P
   Illuminated Pushbutton Switches
logo
List of Unclassifed Man...
TP1251 ETC2-TP1251 Datasheet
279Kb / 2P
   ILLUMINATED PUSHBUTTON SWITCHES
logo
Copal Electronics
LP-SERIES COPAL-LP-SERIES Datasheet
774Kb / 14P
   Illuminated Pushbutton Switches
15EL COPAL-15EL Datasheet
274Kb / 2P
   Illuminated Pushbutton Switches
CFPB COPAL-CFPB Datasheet
479Kb / 3P
   Illuminated Pushbutton Switches
15GL COPAL-15GL Datasheet
488Kb / 2P
   Illuminated Pushbutton Switches
logo
E-SWITCH
LP2 E-SWITCH-LP2 Datasheet
190Kb / 3P
   PUSHBUTTON SWITCHES - ILLUMINATED
LP15 E-SWITCH-LP15 Datasheet
174Kb / 2P
   PUSHBUTTON SWITCHES - ILLUMINATED
logo
Copal Electronics
LP_SERIES COPAL-LP_SERIES Datasheet
774Kb / 14P
   Illuminated Pushbutton Switches
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com