Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC487G Datasheet(PDF) 2 Page - ON Semiconductor

Part # BC487G
Description  High Current Transistors NPN Silicon
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC487G Datasheet(HTML) 2 Page - ON Semiconductor

  BC487G Datasheet HTML 1Page - ON Semiconductor BC487G Datasheet HTML 2Page - ON Semiconductor BC487G Datasheet HTML 3Page - ON Semiconductor BC487G Datasheet HTML 4Page - ON Semiconductor BC487G Datasheet HTML 5Page - ON Semiconductor BC487G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
BC487, BC487B
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector − Emitter Breakdown Voltage (Note 1)
(IC = 10 mAdc, IB = 0)
V(BR)CEO
60
Vdc
Collector − Base Breakdown Voltage
(IC = 100 mAdc, IE = 0)
V(BR)CBO
60
Vdc
Emitter − Base Breakdown Voltage
(IE = 10 mAdc, IC = 0)
V(BR)EBO
5.0
Vdc
Collector Cutoff Current
(VCB = 40 Vdc, IE = 0)
ICBO
100
nAdc
ON CHARACTERISTICS*
DC Current Gain
(IC = 10 mAdc, VCE = 2.0 Vdc)
(IC = 100 mAdc, VCE = 2.0 Vdc)
BC487
BC487B
(IC = 1.0 Adc, VCE = 5.0 Vdc)*
hFE
40
60
160
15
260
400
400
Collector − Emitter Saturation Voltage
(IC = 500 mAdc, IB = 50 mAdc)
(IC = 1.0 Adc, IB = 100 mAdc)
VCE(sat)
0.2
0.3
0.5
Vdc
Base − Emitter Saturation Voltage
(IC = 500 mAdc, IB = 50 mAdc)
(IC = 1.0 Adc, IB = 100 mAdc)(1)
VBE(sat)
0.85
0.9
1.2
Vdc
DYNAMIC CHARACTERISTICS
Current−Gain − Bandwidth Product
(IC = 50 mAdc, VCE = 2.0 Vdc, f = 100 MHz)
fT
200
MHz
Output Capacitance
(VCB = 10 Vdc, IE = 0, f = 1.0 MHz)
Cob
7.0
pF
Input Capacitance
(VEB = 0.5 Vdc, IC = 0, f = 1.0 MHz)
Cib
50
pF
1. Pulse Test: Pulse Width = 300
ms, Duty Cycle 2.0%.
Figure 1. Switching Time Test Circuits
*Total Shunt Capacitance of Test Jig and Connectors
For PNP Test Circuits, Reverse All Voltage Polarities
5.0 ms
+10 V
0
Vin
5.0 mF
100
100
TURN−ON TIME
−1.0 V
VCC
+40 V
RL
OUTPUT
*CS < 6.0 pF
tr = 3.0 ns
5.0 ms
Vin
5.0 mF
100
100
TURN−OFF TIME
+VBB
VCC
+40 V
RL
OUTPUT
*CS < 6.0 pF
tr = 3.0 ns
RB
RB


Similar Part No. - BC487G

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
BC487 MICRO-ELECTRONICS-BC487 Datasheet
57Kb / 1P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
logo
Continental Device Indi...
BC487 CDIL-BC487 Datasheet
364Kb / 5P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
BC487A CDIL-BC487A Datasheet
364Kb / 5P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
BC487B CDIL-BC487B Datasheet
364Kb / 5P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
BC487L CDIL-BC487L Datasheet
364Kb / 5P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
More results

Similar Description - BC487G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BC489 ONSEMI-BC489 Datasheet
235Kb / 6P
   High Current Transistors(NPN Silicon)
logo
Comset Semiconductor
BUR52 COMSET-BUR52_12 Datasheet
77Kb / 3P
   HIGH CURRENT NPN SILICON TRANSISTORS
BUR52 COMSET-BUR52 Datasheet
121Kb / 4P
   HIGH CURRENT NPN SILICON TRANSISTORS
logo
List of Unclassifed Man...
2N6702 ETC1-2N6702 Datasheet
292Kb / 6P
   High-Current silicon NPN Versawatt Transistors
logo
ON Semiconductor
MPSW01 ONSEMI-MPSW01 Datasheet
137Kb / 4P
   One Watt High Current Transistors NPN Silicon
February, 2010 ??Rev. 5
logo
New Jersey Semi-Conduct...
2N2195 NJSEMI-2N2195 Datasheet
125Kb / 1P
   HIGH-SPEED NPN SILICON, HIGH-CURRENT SWITCHING TRANSISTORS
logo
Zetex Semiconductors
FZT851 ZETEX-FZT851 Datasheet
53Kb / 3P
   NPN SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE) TRANSISTORS
logo
Siemens Semiconductor G...
BC635 SIEMENS-BC635 Datasheet
126Kb / 5P
   NPN Silicon AF Transistors (High current gain High collector current)
BC617 SIEMENS-BC617 Datasheet
142Kb / 5P
   NPN Silicon Darlington Transistors (High current gain High collector current)
logo
Broadcom Corporation.
AT-30511 BOARDCOM-AT-30511 Datasheet
278Kb / 10P
   Low Current, High Performance NPN Silicon Bipolar Transistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com