Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC14016B Datasheet(PDF) 7 Page - Motorola, Inc

Part # MC14016B
Description  Quad Analog Switch/Quad Multiplexer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC14016B Datasheet(HTML) 7 Page - Motorola, Inc

  MC14016B Datasheet HTML 1Page - Motorola, Inc MC14016B Datasheet HTML 2Page - Motorola, Inc MC14016B Datasheet HTML 3Page - Motorola, Inc MC14016B Datasheet HTML 4Page - Motorola, Inc MC14016B Datasheet HTML 5Page - Motorola, Inc MC14016B Datasheet HTML 6Page - Motorola, Inc MC14016B Datasheet HTML 7Page - Motorola, Inc MC14016B Datasheet HTML 8Page - Motorola, Inc MC14016B Datasheet HTML 9Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
MOTOROLA CMOS LOGIC DATA
71
MC14016B
APPLICATIONS INFORMATION
Figure A illustrates use of the Analog Switch. The 0–to–5 V
Digital Control signal is used to directly control a 5 Vp–p ana-
log signal.
The digital control logic levels are determined by VDD and
VSS. The VDD voltage is the logic high voltage; the VSS volt-
age is logic low. For the example, VDD = +5 V logic high at
the control inputs; VSS = GND = 0 V logic low.
The maximum analog signal level is determined by VDD
and VSS. The analog voltage must not swing higher than
VDD or lower than VSS.
The example shows a 5 Vp–p signal which allows no
margin at either peak. If voltage transients above VDD and/or
below VSS are anticipated on the analog channels, external
diodes (Dx) are recommended as shown in Figure B. These
diodes should be small signal types able to absorb the
maximum anticipated current surges during clipping.
The
absolute maximum potential difference between VDD
and VSS is 18.0 V. Most parameters are specified up to 15 V
which is the
recommended maximum difference between
VDD and VSS.
Figure A. Application Example
+ 5 V
VDD
VSS
SWITCH
IN
SWITCH
OUT
5 Vp–p
ANALOG SIGNAL
0–TO–5 V DIGITAL
CONTROL SIGNALS
+ 5 V
EXTERNAL
CMOS
DIGITAL
CIRCUITRY
5 Vp–p
ANALOG SIGNAL
MC14016B
+ 5.0 V
+ 2.5 V
GND
Figure B. External Germanium or Schottky Clipping Diodes
VDD
VDD
Dx
Dx
Dx
Dx
VSS
VSS
SWITCH
IN
SWITCH
OUT


Similar Part No. - MC14016B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14016B ONSEMI-MC14016B Datasheet
244Kb / 12P
   Quad Analog Switch/Quad Multiplexer
March, 2000 ??Rev. 3
MC14016B ONSEMI-MC14016B Datasheet
179Kb / 11P
   Quad Analog Switch/ Quad Multiplexer
October, 2006 ??Rev. 7
MC14016B ONSEMI-MC14016B Datasheet
143Kb / 10P
   Quad Analog Switch/ Quad Multiplexer
July, 2014 ??Rev. 11
MC14016BCP ONSEMI-MC14016BCP Datasheet
244Kb / 12P
   Quad Analog Switch/Quad Multiplexer
March, 2000 ??Rev. 3
MC14016BCP ONSEMI-MC14016BCP Datasheet
179Kb / 11P
   Quad Analog Switch/ Quad Multiplexer
October, 2006 ??Rev. 7
More results

Similar Description - MC14016B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14016B ONSEMI-MC14016B_14 Datasheet
143Kb / 10P
   Quad Analog Switch/ Quad Multiplexer
July, 2014 ??Rev. 11
MC14066B ONSEMI-MC14066B_06 Datasheet
197Kb / 12P
   Quad Analog Switch/Quad Multiplexer
October, 2006 ??Rev. 7
MC14016B ONSEMI-MC14016B Datasheet
244Kb / 12P
   Quad Analog Switch/Quad Multiplexer
March, 2000 ??Rev. 3
MC14016B ONSEMI-MC14016B_06 Datasheet
179Kb / 11P
   Quad Analog Switch/ Quad Multiplexer
October, 2006 ??Rev. 7
MC14066B ONSEMI-MC14066B Datasheet
276Kb / 12P
   Quad Analog Switch/Quad Multiplexer
March, 2000 ??Rev. 3
MC14066B ONSEMI-MC14066B_14 Datasheet
160Kb / 11P
   Quad Analog Switch/Quad Multiplexer
August, 2014 ??Rev. 10
MC74HC4066A ONSEMI-MC74HC4066A_06 Datasheet
239Kb / 16P
   Quad Analog Switch/Multiplexer/Demultiplexer
October, 2006 ??Rev. 8
MC74HC4066A ONSEMI-MC74HC4066A_14 Datasheet
190Kb / 14P
   Quad Analog Switch/ Multiplexer/Demultiplexer
March, 2014 ??Rev. 12
MC74LVXT4066 ONSEMI-MC74LVXT4066_17 Datasheet
140Kb / 11P
   Quad Analog Switch/Multiplexer/Demultiplexer
November, 2017 ??Rev. 5
MC74VHC4066 ONSEMI-MC74VHC4066_11 Datasheet
194Kb / 14P
   Quad Analog Switch/Multiplexer/Demultiplexer
May, 2011 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com