Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFC233914562 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # BFC233914562
Description  Interference Suppression Film Capacitors MKP Radial Potted Type
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BFC233914562 Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button BFC233914562 Datasheet HTML 4Page - Vishay Siliconix BFC233914562 Datasheet HTML 5Page - Vishay Siliconix BFC233914562 Datasheet HTML 6Page - Vishay Siliconix BFC233914562 Datasheet HTML 7Page - Vishay Siliconix BFC233914562 Datasheet HTML 8Page - Vishay Siliconix BFC233914562 Datasheet HTML 9Page - Vishay Siliconix BFC233914562 Datasheet HTML 10Page - Vishay Siliconix BFC233914562 Datasheet HTML 11Page - Vishay Siliconix BFC233914562 Datasheet HTML 12Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
Document Number: 28138
For technical questions, contact: RFI@vishay.com
www.vishay.com
Revision: 31-Aug-09
311
MKP 339 X2
Interference Suppression Film Capacitors
MKP Radial Potted Type
Vishay BCcomponents
Pitch: 10.0 mm; C-tol. = ± 5 %
Notes
(1) H = In-tape height; P0 = Sprocket hole distance; for detailed specifications refer to packaging information
(2) Reel diameter = 356 mm is available on request
(3) Weight for short lead product only
• SPQ = Standard Packing Quantity
C
(µF)
DIMENSIONS
w x h x l
(mm)
MASS
(g) (3)
CATALOG NUMBER BFC2 339 XXXXX AND PACKAGING
LOOSE IN BOX
AMMOPACK (1)
LARGE REEL
(500 mm) (1) (2)
Short leads
Long leads
H = 18.5 mm
P0 = 12.7 mm
H = 18.5.mm
P0 = 15.0 mm
It = 3.5 mm
+ 1 mm/- 0.5 mm
It = 5.0 mm
± 1.0 mm
SPQ
It = 25.0 mm
± 2.0 mm
SPQ
SPQ
SPQ
Pitch = 10.0 mm ± 0.4 mm; dt = 0.60 mm ± 0.06 mm
0.001
4.0 x 10.0 x 12.5
0.6
51102
53102
1000
55102
1250
48102
950
-
0.0012
51122
53122
55122
48122
0.0015
51152
53152
55152
48152
0.0018
51182
53182
55182
48182
0.0022
51222
53222
55222
48222
0.0027
51272
53272
55272
48272
0.0033
51332
53332
55332
48332
0.0039
51392
53392
55392
48392
0.0047
51472
53472
55472
48472
0.0056
51562
53562
55562
48562
0.0068
51682
53682
55682
48682
0.0082
51822
53822
55822
48822
0.01
51103
53103
55103
48103
0.012
51123
53123
55123
48123
0.015
51153
53153
55153
48153
0.018
51183
53183
55183
48183
0.022
51223
53223
55223
48223
0.027
51273
53273
55273
48273
0.033
51333
53333
55333
48333
0.039
51393
53393
55393
48393
0.047
51473
53473
55473
48473
0.056
5.0 x 11.0 x 12.5
0.82
51563
53563
1000
55563
1000
48563
750
46563
1900
0.068
50683
52683
54683
38683
36683
0.082
6.0 x 12.0 x 12.5
1.1
50823
52823
750
54823
750
38823
600
36823
1500


Similar Part No. - BFC233914562

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BFC233914 VISHAY-BFC233914 Datasheet
240Kb / 21P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 06-Oct-08
More results

Similar Description - BFC233914562

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP339X2 VISHAY-MKP339X2 Datasheet
191Kb / 18P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 13-May-13
BFC233610224 VISHAY-BFC233610224 Datasheet
148Kb / 11P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 06-Aug-12
MKP3384X2 VISHAY-MKP3384X2 Datasheet
464Kb / 8P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 01-Aug-07
BFC233620223 VISHAY-BFC233620223 Datasheet
221Kb / 17P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 08-Oct-08
BFC233820224 VISHAY-BFC233820224 Datasheet
225Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 16-Jul-09
MKP3382X2 VISHAY-MKP3382X2 Datasheet
293Kb / 8P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 21-Nov-05
MKP3381X1 VISHAY-MKP3381X1 Datasheet
132Kb / 5P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 07-Oct-03
BFC233922105 VISHAY-BFC233922105 Datasheet
194Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 13-May-13
BFC233620104 VISHAY-BFC233620104 Datasheet
185Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 18-Dec-12
F17102101000 VISHAY-F17102101000 Datasheet
136Kb / 11P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 12-Jun-13
BFC233820683 VISHAY-BFC233820683 Datasheet
225Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 04-Jul-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com