Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2122D5PA Datasheet(PDF) 2 Page - Tyco Electronics

Part # 2122D5PA
Description  Miniature Electropneumatic Timing Relay
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

2122D5PA Datasheet(HTML) 2 Page - Tyco Electronics

  2122D5PA Datasheet HTML 1Page - Tyco Electronics 2122D5PA Datasheet HTML 2Page - Tyco Electronics 2122D5PA Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1255
AGASTAT
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Catalog 1308242
Issued 3-03
Specifications and availability
subject to change.
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
Outline Dimensions for Industrial Models (Dimensions in inches. Multiply by 25.4 to obtain millimeters.)
Ordering Information for Industrial Models
Typical Part No.
21
1
2
D
4
N
B
1. Basic Series:
21 = 2100 Miniature electropneumatic timing relay
2. Operation:
1 = On-delay
2 = Off-delay
3. Contact Arrangement:
2 = DPDT (2 form C)
4. Operating Voltage:
A = AC
D = DC
5. Physical Characteristics:
Code
Enclosure
Adjustment
Connector
Mounting
4 =
Unsealed
External Knob
Octal Plug
Chassis Mount
5 =
Unsealed
Internal Key
Octal Plug
Chassis Mount
9 =
Unsealed
Internal Key
Solder Hook
Panel Mount Plate
6. Coil Voltage:
M = 12VDC
N = 28VDC
P = 48VDC
R = 110VDC
Y = 125VDC
S = 120VAC, 50/60 Hz.
T = 240VAC, 60 Hz.
7. Timing Range:
A = .03 to .1 sec.
C = .15 to 1.0 sec.
E = .75 to 10.0 sec.
H = 5.0 to 120.0 sec.
K = 1.5 to 30.0 cycles
B = .1 to .3 sec.
D = .375 to 3.0 sec.
F = 1.0 to 30.0 sec.
J = 5.0 to 180.0 sec.
L = 3.0 to 120.0 cycles
Our authorized distributors are more likely to maintain the following items in stock for immediate delivery..
None at present.


Similar Part No. - 2122D5PA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2122 ETC2-2122 Datasheet
311Kb / 1P
   MALE/FEMALE THREADED STANDOFFS
2122 ETC2-2122 Datasheet
110Kb / 2P
   HEX MALE/FEMALE STANDOFFS
logo
RAF ELECTRONIC HARDWARE
2122-632-AL RAF-2122-632-AL Datasheet
96Kb / 1P
   1/4 HEX FEMALE STANDOFFS
2122-632-SS RAF-2122-632-SS Datasheet
96Kb / 1P
   1/4 HEX FEMALE STANDOFFS
logo
List of Unclassifed Man...
2122-AI0025-AQ0120 ETC1-2122-AI0025-AQ0120 Datasheet
139Kb / 2P
   Medium Duty Incremental Rotary Shaft Encoder
More results

Similar Description - 2122D5PA

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1423162-4 MACOM-2-1423162-4 Datasheet
366Kb / 6P
   Industrial Electropneumatic Timing Relay
2-1423157-0 MACOM-2-1423157-0 Datasheet
366Kb / 6P
   Industrial Electropneumatic Timing Relay
2-1423157-4 MACOM-2-1423157-4 Datasheet
366Kb / 6P
   Industrial Electropneumatic Timing Relay
2-1423159-3 MACOM-2-1423159-3 Datasheet
366Kb / 6P
   Industrial Electropneumatic Timing Relay
2-1423164-0 MACOM-2-1423164-0 Datasheet
366Kb / 6P
   Industrial Electropneumatic Timing Relay
2-1423164-7 MACOM-2-1423164-7 Datasheet
366Kb / 6P
   Industrial Electropneumatic Timing Relay
7012ADGZ MACOM-7012ADGZ Datasheet
366Kb / 6P
   Industrial Electropneumatic Timing Relay
2-1423159-4 MACOM-2-1423159-4 Datasheet
366Kb / 6P
   Industrial Electropneumatic Timing Relay
2-1423159-9 MACOM-2-1423159-9 Datasheet
366Kb / 6P
   Industrial Electropneumatic Timing Relay
2-1423162-1 MACOM-2-1423162-1 Datasheet
366Kb / 6P
   Industrial Electropneumatic Timing Relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com