Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT24AA01WI-GT10 Datasheet(PDF) 10 Page - ON Semiconductor

Part # CAT24AA01WI-GT10
Description  1-Kb and 2-Kb I2C CMOS Serial EEPROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT24AA01WI-GT10 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button CAT24AA01WI-GT10 Datasheet HTML 2Page - ON Semiconductor CAT24AA01WI-GT10 Datasheet HTML 3Page - ON Semiconductor CAT24AA01WI-GT10 Datasheet HTML 4Page - ON Semiconductor CAT24AA01WI-GT10 Datasheet HTML 5Page - ON Semiconductor CAT24AA01WI-GT10 Datasheet HTML 6Page - ON Semiconductor CAT24AA01WI-GT10 Datasheet HTML 7Page - ON Semiconductor CAT24AA01WI-GT10 Datasheet HTML 8Page - ON Semiconductor CAT24AA01WI-GT10 Datasheet HTML 9Page - ON Semiconductor CAT24AA01WI-GT10 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
CAT24AA01, CAT24AA02
http://onsemi.com
10
Example of Ordering Information
Prefix
Device #
Suffix
Company ID
CAT
24AA02
TD
Product Number
24AA01
I
− GT3
Package
I = Industrial (−40°C to +85°C)
Temperature Range
TD: TSOT−23 5−Lead
W: SOIC 8−Lead
Lead Finish
G: NiPdAu
Blank: Matte−Tin
T: Tape & Reel
3: 3,000 Units / Reel
10: 10,000 / Reel
24AA02
Tape & Reel (Note 12)
8. All packages are RoHS−compliant (Lead−free, Halogen−free).
9. The standard lead finish is NiPdAu.
10.The device used in the above example is a CAT24AA02TDI−GT3 (TSOT−23 5−Lead, Industrial Temperature, NiPdAu, Tape & Reel,
3,000/Reel).
11. For additional package and temperature options, please contact your nearest ON Semiconductor sales office.
12.For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specification Brochure, BRD8011/D.
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should
Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
CAT25320/D
ON Semiconductor is licensed by Philips Corporation to carry the I2C Bus Protocol.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5773−3850
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Similar Part No. - CAT24AA01WI-GT10

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24AA01WI-GT CATALYST-CAT24AA01WI-GT Datasheet
206Kb / 13P
   1-Kb and 2-Kb I2C CMOS Serial EEPROM
More results

Similar Description - CAT24AA01WI-GT10

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT24AA01 ONSEMI-CAT24AA01_15 Datasheet
91Kb / 10P
   1-Kb and 2-Kb I2C CMOS Serial EEPROM
May, 2015 ??Rev. 5
logo
Catalyst Semiconductor
CAT24AA01 CATALYST-CAT24AA01 Datasheet
206Kb / 13P
   1-Kb and 2-Kb I2C CMOS Serial EEPROM
logo
ON Semiconductor
CAT24C01 ONSEMI-CAT24C01_16 Datasheet
182Kb / 23P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
November, 2016 ??Rev. 31
CAT24C01 ONSEMI-CAT24C01_12 Datasheet
215Kb / 20P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
September, 2012 ??Rev. 22
CAT24C04WI ONSEMI-CAT24C04WI Datasheet
232Kb / 21P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
July, 2013 ??Rev. 27
CAT24C01LI-G ONSEMI-CAT24C01LI-G Datasheet
237Kb / 21P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
July, 2013 ??Rev. 27
CAT24C04WI-GT3JN ONSEMI-CAT24C04WI-GT3JN Datasheet
232Kb / 21P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
July, 2013 ??Rev. 27
CAT24C01 ONSEMI-CAT24C01 Datasheet
177Kb / 16P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
March, 2010 ??Rev. 11
CAV24C02 ONSEMI-CAV24C02_15 Datasheet
122Kb / 15P
   2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
November, 2015 ??Rev. 4
N24C02 ONSEMI-N24C02 Datasheet
95Kb / 10P
   2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
June, 2016 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com