Electronic Components Datasheet Search |
|
2402-1E-0500 Datasheet(PDF) 1 Page - Tyco Electronics |
|
2402-1E-0500 Datasheet(HTML) 1 Page - Tyco Electronics |
|
1 / 1 page Environmental Specifications Temperature Range: -55°C to +85°C or -55°C to +125°C. Vibration: 20 G’s, 10 - 2,000 Hz. Shock: 50 G’s, 11 ± 1ms duration. Insulation Resistance: 1,000 megohms, min., at 500Vdc, all terminals to case. Dielectric Strength: 500Vrms, 60 Hz., at sea level, all terminals to case. Sealing: Hermetic, 1.3 in. (33.0mm) of mercury. Life: 100,000 operations, min. Weight: 1.2 oz (30g) max. 1 Catalog 7-1773439-9 Dimensions are in inches and Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Revised 4-05 millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in brackets Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com are metric equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 © 2005 by Tyco Electronics Corporation. All Rights Reserved. CII and TYCO are trademarks. Other products and company names mentioned herein may be trademarks of their respective owners. Product Facts ■ DC input fixed delay on operate timer ■ 2 Form C (DPDT), 2A output ■ CMOS digital design ■ Reverse polarity protection ■ Hermetic package ■ Built to MIL-R-83726 environmentals ■ Customizing options include ■ Tighter timing tolerances ■ Header and mounting ■ Different input voltages Part Numbering System Typical Part Number 2401 –1 A – 1102 Model Number: 2401 = Fixed timer, -55°C to +85°C 2402 = Fixed timer, -55°C to +125°C Header Style (see Header Options drawings): 1 = Hook terminals 2 = Straight terminals, short 3 = Straight terminals, long Mounting (see outline dimension drawings): A = Plain case B = Bracket B C = Studs on side E = Bracket E Timing Code: Four-digit code for any value between 50ms and 600s. The timing code consists of four digits and gives the time in ms. The first three digits are the significant figures and the last digit is the number of zeros following the significant figures; thus 50 ms would be coded 0500, 1.1 s would read 1101, and 1 m (60 s) would be 6002. 2400 Series Delay On Operate Timer Fixed Timing, Relay Output Electrical Specifications Timing Range: 50 ms to 600 s. Tolerance: ±10% or 10 ms, whichever is greater. Recycle Time: 10 ms. Recovery Time: 20 ms. Input Data: Input Voltage: 18 to 31Vdc. Current Drain: 85mA @ 31Vdc, 25°C. Output Data: Output Form: 2 Form C (DPDT). Output Rating: 2A resistive at 30Vdc; 125mA resistive at 115Vac, 400 Hz. Transient Protection: 80Vdc for 50ms. A typical part number would be 2401–1A–1102. This fixed timer operates at -55°C to +85°C, has hook terminals, style “A” mounting, and a time delay of 11s. Timing Diagram ON OFF INPUT ON OFF < DELAY > CII 2400 series delay on operate timers combine solid state timing circuits with relay outputs in robust hermetically sealed enclosures. They are fixed timers. The 2 Form C (DPDT) output relay is rated 2A. 1.500 [38.1] MAX. .809 MAX. [20.55] .406 MAX. [10.31] .25 [6.35] .75 [19.0] .809 MAX. [20.55] .040-.047 [1.02-1.19] 1.32 MAX. [33.53] 1.062 [26.97] .120 DIA. [3.05] .030 [.762] .375 [9.52] .210-.230 [5.33-5.84] #4-40 STUDS .297 [7.54] .488 [12.4] .375 [9.52] Outline Dimensions Mounting Option A Mounting Option B Mounting Option D Mounting Option E .312 [7.92] 1.078 [27.38] 1.32 MAX. [33.53] .096 DIA. [2.44] .031 [.787] .125 [3.18] Wiring Diagram + – .188 TYP. [4.77] .188 TYP. [4.77] .030 DIA. TYP. [4.77] 3.0 ± .031 [76.2 ± .787] .030 DIA. TYP. [4.77] TERMINAL SPACING IS 0.2 [5.08] FOR ALL HEADERS Header Options Header Option 2 Header Option 1 OUTPUT Header Option 3 |
Similar Part No. - 2402-1E-0500 |
|
Similar Description - 2402-1E-0500 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |