Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT24C128 Datasheet(PDF) 2 Page - ON Semiconductor

Part # CAT24C128
Description  128 kb I2C CMOS Serial EEPROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT24C128 Datasheet(HTML) 2 Page - ON Semiconductor

  CAT24C128 Datasheet HTML 1Page - ON Semiconductor CAT24C128 Datasheet HTML 2Page - ON Semiconductor CAT24C128 Datasheet HTML 3Page - ON Semiconductor CAT24C128 Datasheet HTML 4Page - ON Semiconductor CAT24C128 Datasheet HTML 5Page - ON Semiconductor CAT24C128 Datasheet HTML 6Page - ON Semiconductor CAT24C128 Datasheet HTML 7Page - ON Semiconductor CAT24C128 Datasheet HTML 8Page - ON Semiconductor CAT24C128 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
CAT24C128
http://onsemi.com
2
Table 1. ABSOLUTE MAXIMUM RATINGS
Parameter
Rating
Units
Storage Temperature
−65 to +150
°C
Voltage on Any Pin with Respect to Ground (Note 1)
−0.5 to +6.5
V
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. The DC input voltage on any pin should not be lower than −0.5 V or higher than VCC + 0.5 V. During transitions, the voltage on any pin may
undershoot to no less than −1.5 V or overshoot to no more than VCC + 1.5 V, for periods of less than 20 ns.
Table 2. RELIABILITY CHARACTERISTICS (Note 2)
Symbol
Parameter
Min
Units
NEND (Note 3)
Endurance
1,000,000
Program / Erase Cycles
TDR
Data Retention
100
Years
2. These parameters are tested initially and after a design or process change that affects the parameter according to appropriate AEC−Q100
and JEDEC test methods.
3. Page Mode, VCC = 5 V, 25°C
Table 3. D.C. OPERATING CHARACTERISTICS (VCC = 1.8 V to 5.5 V, TA = −40°C to +125°C, unless otherwise specified.)
Symbol
Parameter
Test Conditions
Min
Max
Units
ICCR
Read Current
Read, fSCL = 400 kHz
1
mA
ICCW
Write Current
Write, fSCL = 400 kHz
3
mA
ISB
Standby Current
All I/O Pins at GND or VCC
TA = −40°C to +85°C
1
mA
TA = −40°C to +125°C
2
IL
I/O Pin Leakage
Pin at GND or VCC
TA = −40°C to +85°C
1
mA
TA = −40°C to +125°C
2
VIL
Input Low Voltage
−0.5
VCC x 0.3
V
VIH
Input High Voltage
VCC x 0.7
VCC + 0.5
V
VOL1
Output Low Voltage
VCC < 2.5 V, IOL = 3.0 mA
0.4
V
VOL2
Output Low Voltage
VCC < 2.5 V, IOL = 1.0 mA
0.2
V
Table 4. PIN IMPEDANCE CHARACTERISTICS (VCC = 1.8 V to 5.5 V, TA = −40°C to +125°C, unless otherwise specified.)
Symbol
Parameter
Conditions
Max
Units
CIN (Note 4)
SDA I/O Pin Capacitance
VIN = 0 V
8
pF
CIN (Note 4)
Input Capacitance (other pins)
VIN = 0 V
6
pF
IWP (Note 5)
WP Input Current
VIN < VIH
200
mA
VIN > VIH
1
mA
4. These parameters are tested initially and after a design or process change that affects the parameter according to appropriate AEC−Q100
and JEDEC test methods.
5. When not driven, the WP pin is pulled down to GND internally. For improved noise immunity, the internal pull−down is relatively strong;
therefore the external driver must be able to supply the pull−down current when attempting to drive the input HIGH. To conserve power, as
the input level exceeds the trip point of the CMOS input buffer (~ 0.5 x VCC), the strong pull−down reverts to a weak current source.


Similar Part No. - CAT24C128

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24C128 CATALYST-CAT24C128 Datasheet
520Kb / 17P
   128-Kb I2C CMOS Serial EEPROM
CAT24C128 CATALYST-CAT24C128 Datasheet
433Kb / 18P
   128-Kb I2C CMOS Serial EEPROM
logo
ON Semiconductor
CAT24C128 ONSEMI-CAT24C128 Datasheet
181Kb / 16P
   128 kb I2C CMOS Serial
August, 2013 ??Rev. 15
logo
Catalyst Semiconductor
CAT24C128HU3E-GT3 CATALYST-CAT24C128HU3E-GT3 Datasheet
433Kb / 18P
   128-Kb I2C CMOS Serial EEPROM
CAT24C128HU3ET3 CATALYST-CAT24C128HU3ET3 Datasheet
433Kb / 18P
   128-Kb I2C CMOS Serial EEPROM
More results

Similar Description - CAT24C128

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24C128 CATALYST-CAT24C128 Datasheet
520Kb / 17P
   128-Kb I2C CMOS Serial EEPROM
CAT24C128 CATALYST-CAT24C128_07 Datasheet
433Kb / 18P
   128-Kb I2C CMOS Serial EEPROM
logo
ON Semiconductor
CAV24C128 ONSEMI-CAV24C128_18 Datasheet
269Kb / 16P
   EEPROM Serial 128-Kb I2C
May, 2018 ??Rev. 1
CAT24C128HU4IGT3 ONSEMI-CAT24C128HU4IGT3 Datasheet
181Kb / 16P
   128 kb I2C CMOS Serial
August, 2013 ??Rev. 15
CAT25128 ONSEMI-CAT25128 Datasheet
186Kb / 16P
   128-Kb SPI Serial CMOS EEPROM
February, 2010 ??Rev. 2
CAT25128LI-G ONSEMI-CAT25128LI-G Datasheet
216Kb / 20P
   128-Kb SPI Serial CMOS EEPROM
September, 2012 ??Rev. 7
CAT25128VI-G ONSEMI-CAT25128VI-G Datasheet
216Kb / 20P
   128-Kb SPI Serial CMOS EEPROM
September, 2012 ??Rev. 7
CAT25128 ONSEMI-CAT25128_12 Datasheet
216Kb / 20P
   128-Kb SPI Serial CMOS EEPROM
September, 2012 ??Rev. 7
CAT25128 ONSEMI-CAT25128_14 Datasheet
220Kb / 20P
   128-Kb SPI Serial CMOS EEPROM
February, 2014 ??Rev. 8
CAT24S128 ONSEMI-CAT24S128 Datasheet
96Kb / 12P
   128 Kb I2C CMOS Serial EEPROM with Software Write Protect
September, 2018 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com