Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1771587 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1771587
Description  HC-B 16-AMQ
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1771587 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1771587 Datasheet HTML 1Page - PHOENIX CONTACT 1771587 Datasheet HTML 2Page - PHOENIX CONTACT 1771587 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PHOENIX CONTACT Inc., USA
Page 1 / 3
http://www.phoenixcon.com
Feb 25, 2010
Extract from the online
catalog
 
HC-B 16-AMQ
Order No.: 1771587
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1771587
 
 
HEAVYCON panel mounting base B16, with double locking latch,
height 27 mm
 
Commercial data
EAN
4017918036300
Pack
10 pcs.
Customs tariff
85389099
Weight/Piece
0.1267 KG
Catalog page information
Page 491 (PC-2009)
Product notes
WEEE/RoHS-compliant since:
01/18/2006
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
General data
Note
For contact inserts HC-B16, BB32, D40, DD72, HS6, M, K
Design
B16
Height
27 mm
Width
43 mm
Length
114 mm


Similar Part No. - 1771587

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1771503 PHOENIX-1771503 Datasheet
90Kb / 3P
   HC-B 16-TFQ-76/M1PG21S
1771516 PHOENIX-1771516 Datasheet
95Kb / 3P
   HC-B 16-TFQ-76/M1PG21G
1771529 PHOENIX-1771529 Datasheet
79Kb / 5P
   PCB terminal block - MKDSFW 3/ 2
1771532 PHOENIX-1771532 Datasheet
97Kb / 3P
   HC-B 16-TMQ/PG21S
1771545 PHOENIX-1771545 Datasheet
95Kb / 3P
   HC-B 16-TMQ/PG21G
More results

Similar Description - 1771587

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1642742 PHOENIX-1642742 Datasheet
128Kb / 3P
   HC-B 16-AMQ-EMV
1605200 PHOENIX-1605200 Datasheet
70Kb / 3P
   Housing - HC-B 16-AMQ-A
12/06/2018
1775693 PHOENIX-1775693 Datasheet
106Kb / 3P
   HC-B 32-AMQ
1771927 PHOENIX-1771927 Datasheet
106Kb / 3P
   HC-B 24-AMQ
1642522 PHOENIX-1642522 Datasheet
127Kb / 3P
   HC-B 10-AMQ-EMV
1642962 PHOENIX-1642962 Datasheet
127Kb / 3P
   HC-B 24-AMQ-EMV
1687312 PHOENIX-1687312 Datasheet
68Kb / 2P
   HC-B 24-AMQ-A
1605019 PHOENIX-1605019 Datasheet
50Kb / 3P
   Housing - HC-B 10-AMQ-A
1604984 PHOENIX-1604984 Datasheet
50Kb / 3P
   Housing - HC-B 10-AMQ-A
1774047 PHOENIX-1774047 Datasheet
51Kb / 3P
   Housing - HC-HV 10/16-AMQ
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com