Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT2271A-M0S18 Datasheet(PDF) 3 Page - Princeton Technology Corp

Part # PT2271A-M0S18
Description  Remote Control Decoder?
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2271A-M0S18 Datasheet(HTML) 3 Page - Princeton Technology Corp

  PT2271A-M0S18 Datasheet HTML 1Page - Princeton Technology Corp PT2271A-M0S18 Datasheet HTML 2Page - Princeton Technology Corp PT2271A-M0S18 Datasheet HTML 3Page - Princeton Technology Corp PT2271A-M0S18 Datasheet HTML 4Page - Princeton Technology Corp PT2271A-M0S18 Datasheet HTML 5Page - Princeton Technology Corp PT2271A-M0S18 Datasheet HTML 6Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Princeton Technology Corp.
Tel: 886-2-29162151
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
Remote Control Decoder
PT2271A
PT2271A v 1.0
Page 3
Revised July 1999
A0
A1
A2
A3
A4
A5
A6
A7
Vss
NC
Vcc
VT
OSC1
OSC2
DIN
A11
A10
A9
A8
NC
PT2271A (20 Pins)
A0
A1
A2
A3
A4
A5
A6
A7
Vss
NC
Vcc
VT
OSC1
OSC2
DIN
D0
D1
A9
A8
NC
PT2271A - M2/L2 (20 Pins)
A0
A1
A2
A3
A4
A5
A6
A7
Vss
NC
Vcc
VT
OSC1
OSC2
DIN
D0
D1
D2
A8
NC
PT2271A - M3/L3 (20 Pins)
A0
A1
A2
A3
A4
A5
A6
A7
Vss
NC
Vcc
VT
OSC1
OSC2
DIN
D0
D1
D2
D3
NC
PT2271A - M4/L4 (20 Pins)
A0
A1
A2
A3
A4
A5
A6
D4
Vss
NC
Vcc
VT
OSC1
OSC2
DIN
D0
D1
D2
D3
NC
PT2271A - M5/L5 (20 Pins)
A0
A1
A2
A3
A4
A5
D5
D4
Vss
NC
Vcc
VT
OSC1
OSC2
DIN
D0
D1
D2
D3
NC
PT2271A - M6/L6 (20 Pins)


Similar Part No. - PT2271A-M0S18

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2270 PTC-PT2270 Datasheet
284Kb / 4P
   Remote Control Decoder
PT2270 PTC-PT2270 Datasheet
549Kb / 18P
   Remote Control Decoder IC
PT2270-L2 PTC-PT2270-L2 Datasheet
284Kb / 4P
   Remote Control Decoder
PT2270-L2 PTC-PT2270-L2 Datasheet
549Kb / 18P
   Remote Control Decoder IC
PT2270-L2-S PTC-PT2270-L2-S Datasheet
284Kb / 4P
   Remote Control Decoder
More results

Similar Description - PT2271A-M0S18

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2272 PTC-PT2272_08 Datasheet
543Kb / 22P
   Remote Control Decoder
PT2272 PTC-PT2272 Datasheet
664Kb / 8P
   Remote Control Decoder?
PT2270 PTC-PT2270 Datasheet
284Kb / 4P
   Remote Control Decoder
logo
List of Unclassifed Man...
SC5272 ETC-SC5272 Datasheet
180Kb / 12P
   REMOTE CONTROL DECODER
logo
Silan Microelectronics ...
SC5272 SILAN-SC5272 Datasheet
795Kb / 12P
   REMOTE CONTROL DECODER PAIRED
logo
Princeton Technology Co...
PT2270 PTC-PT2270_06 Datasheet
549Kb / 18P
   Remote Control Decoder IC
PT2294 PTC-PT2294 Datasheet
326Kb / 19P
   Remote Control Decoder IC
April, 2006
PT2604 PTC-PT2604 Datasheet
46Kb / 2P
   Remote Control Decoder IC
logo
NXP Semiconductors
SAA3049A PHILIPS-SAA3049A Datasheet
92Kb / 16P
   Infrared remote control decoder
1996 Sep 13
logo
Princeton Technology Co...
PT2604 PTC-PT2604_10 Datasheet
359Kb / 14P
   Remote Control Decoder IC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com