Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT46V64M4 Datasheet(PDF) 1 Page - Micron Technology

Part # MT46V64M4
Description  Double Data Rate (DDR) SDRAM
Download  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT46V64M4 Datasheet(HTML) 1 Page - Micron Technology

  MT46V64M4_1 Datasheet HTML 1Page - Micron Technology MT46V64M4_1 Datasheet HTML 2Page - Micron Technology MT46V64M4_1 Datasheet HTML 3Page - Micron Technology MT46V64M4_1 Datasheet HTML 4Page - Micron Technology MT46V64M4_1 Datasheet HTML 5Page - Micron Technology MT46V64M4_1 Datasheet HTML 6Page - Micron Technology MT46V64M4_1 Datasheet HTML 7Page - Micron Technology MT46V64M4_1 Datasheet HTML 8Page - Micron Technology MT46V64M4_1 Datasheet HTML 9Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 93 page
background image
Products and specifications discussed herein are subject to change by Micron without notice.
256Mb: x4, x8, x16 DDR SDRAM
Features
PDF: 09005aef80768abb/Source: 09005aef82a95a3a
Micron Technology, Inc., reserves the right to change products or specifications without notice.
256Mb_DDR_x4x8x16_D1.fm - 256Mb DDR: Rev. O, Core DDR: Rev. B 1/09 EN
1
©2003 Micron Technology, Inc. All rights reserved.
Double Data Rate (DDR) SDRAM
MT46V64M4 – 16 Meg x 4 x 4 banks
MT46V32M8 – 8 Meg x 8 x 4 banks
MT46V16M16 – 4 Meg x 16 x 4 banks
Features
•VDD = +2.5V ±0.2V, VDDQ = +2.5V ±0.2V
•VDD = +2.6V ±0.1V, VDDQ = +2.6V ±0.1V (DDR400)
• Bidirectional data strobe (DQS) transmitted/
received with data, that is, source-synchronous data
capture (x16 has two – one per byte)
• Internal, pipelined double-data-rate (DDR)
architecture; two data accesses per clock cycle
• Differential clock inputs (CK and CK#)
• Commands entered on each positive CK edge
• DQS edge-aligned with data for READs; center-
aligned with data for WRITEs
• DLL to align DQ and DQS transitions with CK
• Four internal banks for concurrent operation
• Data mask (DM) for masking write data
(x16 has two – one per byte)
• Programmable burst lengths (BL): 2, 4, or 8
•Auto refresh
– 64ms, 8192-cycle(Commercial & Industrial)
– 16ms, 8192-cycle (Automotive)
• Self refresh (not available on AT devices)
• Longer-lead TSOP for improved reliability (OCPL)
• 2.5V I/O (SSTL_2-compatible)
• Concurrent auto precharge option supported
tRAS lockout supported (tRAP = tRCD)
Notes: 1. Only available on Revision F and G.
2. Only available on Revision K.
3. Not recommended for new designs.
4. Contact Micron for availability.
Options
Marking
• Configuration
– 64 Meg x 4 (16 Meg x 4 x 4 banks)
64M4
– 32 Meg x 8 (8 Meg x 8 x 4 banks)
32M8
– 16 Meg x 16 (4 Meg x 16 x 4 banks)
16M16
•Plastic package – OCPL
– 66-pin TSOP
TG
– 66-pin TSOP (Pb-free)
P
•Plastic package
– 60-ball FBGA (8mm x 14mm)
FG1
– 60-ball FBGA (8mm x 14mm) (Pb-free)
BG1
– 60-ball FBGA (8mm x 12.5mm)
CV2
– 60-ball FBGA (8mm x 12.5mm)
(Pb-free)
CY2
• Timing – cycle time
– 5ns @ CL = 3 (DDR400B)
-5B
– 6ns @ CL = 2.5 (DDR333) FBGA only
-6
– 6ns @ CL = 2.5 (DDR333) TSOP only
-6T
– 7.5ns @ CL = 2 (DDR266)
-75E1
– 7.5ns @ CL = 2 (DDR266A)
-75Z1
– 7.5ns @ CL = 2.5 (DDR266B)
-751
• Self refresh
– Standard
None
– Low-power self refresh
L
• Temperature rating
– Commercial (0°C to +70°C)
None
– Industrial (–40°C to +85°C)
IT
– Automotive (–40°C to +105°C)
AT4
• Revision
– x4, x8
:G3
– x16
:F3
– x4, x8, x16
:K


Similar Part No. - MT46V64M4_1

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT46V64M4FJ-6 MICRON-MT46V64M4FJ-6 Datasheet
152Kb / 8P
   DOUBLE DATA RATE DDR SDRAM
MT46V64M4FJ-6T MICRON-MT46V64M4FJ-6T Datasheet
152Kb / 8P
   DOUBLE DATA RATE DDR SDRAM
MT46V64M4FJ-75Z MICRON-MT46V64M4FJ-75Z Datasheet
152Kb / 8P
   DOUBLE DATA RATE DDR SDRAM
MT46V64M4TG-6 MICRON-MT46V64M4TG-6 Datasheet
152Kb / 8P
   DOUBLE DATA RATE DDR SDRAM
MT46V64M4TG-6T MICRON-MT46V64M4TG-6T Datasheet
152Kb / 8P
   DOUBLE DATA RATE DDR SDRAM
More results

Similar Description - MT46V64M4_1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SAA32M4 ETC1-SAA32M4 Datasheet
256Kb / 13P
   DOUBLE DATA RATE (DDR) SDRAM
logo
Micron Technology
MT46V32M8P-5BK MICRON-MT46V32M8P-5BK Datasheet
4Mb / 91P
   Double Data Rate (DDR) SDRAM
MT46V64M4 MICRON-MT46V64M4 Datasheet
152Kb / 8P
   DOUBLE DATA RATE DDR SDRAM
MT46V4M32 MICRON-MT46V4M32 Datasheet
1Mb / 66P
   DOUBLE DATA RATE DDR SDRAM
logo
Alliance Semiconductor ...
MT46V32M16CV-5B ALSC-MT46V32M16CV-5B Datasheet
1Mb / 93P
   Double Data Rate (DDR) SDRAM
logo
Micron Technology
MT46V32M4-1 MICRON-MT46V32M4-1 Datasheet
2Mb / 68P
   DOUBLE DATA RATE DDR SDRAM
MT46V128M4 MICRON-MT46V128M4 Datasheet
2Mb / 68P
   DOUBLE DATA RATE DDR SDRAM
MT46V2M32V1 MICRON-MT46V2M32V1 Datasheet
2Mb / 65P
   DOUBLE DATA RATE DDR SDRAM
MT46V256M4 MICRON-MT46V256M4 Datasheet
2Mb / 74P
   DOUBLE DATA RATE (DDR) SDRAM
MT46V16M8 MICRON-MT46V16M8 Datasheet
166Kb / 9P
   DOUBLE DATA RATE DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com