Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT28C16AJI-90T Datasheet(PDF) 6 Page - ON Semiconductor

Part # CAT28C16AJI-90T
Description  16 kb CMOS Parallel EEPROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT28C16AJI-90T Datasheet(HTML) 6 Page - ON Semiconductor

Back Button CAT28C16AJI-90T Datasheet HTML 2Page - ON Semiconductor CAT28C16AJI-90T Datasheet HTML 3Page - ON Semiconductor CAT28C16AJI-90T Datasheet HTML 4Page - ON Semiconductor CAT28C16AJI-90T Datasheet HTML 5Page - ON Semiconductor CAT28C16AJI-90T Datasheet HTML 6Page - ON Semiconductor CAT28C16AJI-90T Datasheet HTML 7Page - ON Semiconductor CAT28C16AJI-90T Datasheet HTML 8Page - ON Semiconductor CAT28C16AJI-90T Datasheet HTML 9Page - ON Semiconductor CAT28C16AJI-90T Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
CAT28C16A
http://onsemi.com
6
DATA Polling
DATA polling is provided to indicate the completion of a
byte write cycle. Once a byte write cycle is initiated,
attempting to read the last byte written will output the
complement of that data on I/O7 (I/O0–I/O6 are
indeterminate) until the programming cycle is complete.
Upon completion of the self−timed byte write cycle, all I/O’s
will output true data during a read cycle.
Figure 6. Byte Write Cycle [CE Controlled]
ADDRESS
DATA OUT
DATA IN
DATA VALID
HIGH−Z
WE
OE
CE
tAS
tAH
tCS
tOES
tCW
tOEH
tCH
tDL
tDS
tDH
tWC
Figure 7. DATA Polling
ADDRESS
I/O7
WE
OE
CE
DIN = X
DOUT = X
DOUT = X
tOEH
tOE
tWC
tOES
Hardware Data Protection
The following is a list of hardware data protection features
that are incorporated into the CAT28C16A.
1. VCC sense provides for write protection when VCC
falls below 3.0 V min.
2. A power on delay mechanism, tINIT (see AC
characteristics), provides a 5 to 20 ms delay before
a write sequence, after VCC has reached 3.0 V
min.
3. Write inhibit is activated by holding any one of
OE low, CE high or WE high.
4. Noise pulses of less than 20 ns on the WE or CE
inputs will not result in a write cycle.


Similar Part No. - CAT28C16AJI-90T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT28C16AJI-90T ONSEMI-CAT28C16AJI-90T Datasheet
143Kb / 10P
   16 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 6
More results

Similar Description - CAT28C16AJI-90T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT28C16AXI90 ONSEMI-CAT28C16AXI90 Datasheet
118Kb / 10P
   16 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 6
CAT28C16ALI12 ONSEMI-CAT28C16ALI12 Datasheet
143Kb / 10P
   16 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 6
CAT28C17A ONSEMI-CAT28C17A Datasheet
140Kb / 12P
   16 kb CMOS Parallel EEPROM
December, 2009 ??Rev. 4
CAT28C16AL20 ONSEMI-CAT28C16AL20 Datasheet
137Kb / 10P
   16 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 6
CAT28C257 ONSEMI-CAT28C257 Datasheet
143Kb / 13P
   256 kb CMOS Parallel EEPROM
December, 2009 ??Rev. 6
CAT28LV65 ONSEMI-CAT28LV65 Datasheet
159Kb / 15P
   64 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 7
CAT28LV64T13I-15 ONSEMI-CAT28LV64T13I-15 Datasheet
144Kb / 15P
   64 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 7
CAT28LV64 ONSEMI-CAT28LV64 Datasheet
157Kb / 15P
   64 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 7
CAT24C164WI-G ONSEMI-CAT24C164WI-G Datasheet
147Kb / 14P
   16 kb CMOS Serial EEPROM, Cascadable
October, 2009 ??Rev. 2
LE2416RDXA ONSEMI-LE2416RDXA Datasheet
343Kb / 17P
   16 kb I2C CMOS Serial EEPROM
August 2016 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com