Electronic Components Datasheet Search |
|
0997-6-50-20-75-14-11-0 Datasheet(PDF) 1 Page - Mill-Max Mfg. Corp. |
|
0997-6-50-20-75-14-11-0 Datasheet(HTML) 1 Page - Mill-Max Mfg. Corp. |
|
1 / 1 page MATERIAL SPECIFICATIONS: SLEEVE & PLUNGER MATERIAL: Copper Alloy SPRING MATERIAL: Beryllium Copper SLEEVE & PLUNGER FINISH: 20 μ” Gold over Nickel SPRING FINISH: 10 μ” Gold over Nickel DIMENSION IN INCHES: TOLERANCES ON: LENGTHS: ±.006 DIAMETERS: ±.002 ANGLES: ± 2° PINS A HI C SIO N SPRING-LOADED CONNECTORS Discrete Spring-Loaded Contacts www.mill-max.com 516-922-6000 17 RoHS 2002/95/EC .106 .106 A .080 .080 .072 DIA. .072 DIA. .016 .016 .055 .055 STROKE STROKE MID MID .070 DIA. .070 DIA. .078 DIA. .078 DIA. .042 DIA. .042 DIA. .0275 .0275 MAX MAX STROKE STROKE ORDER CODE: 09XX - X - XX - 20 - 7X - 14 - 11 - 0 Spring Number 75 76 .0275 .0195 .055 .039 60 g 60 g 25 g 25 g SPRING NUMBER Mid. STROKE Max. STROKE FORCE @ Mid. Stroke Initial Force (Pre-load) 0910-1 ⇒ ⇒4 0910-X-57-20-75-14-11-0 Standard Stroke, Surface mount Packaged on carrier tape. See chart for tape width and qty. per reel .016 .016 .137 .137 .072 DIA. .072 DIA. .098 .098 .070 DIA. .070 DIA. .078 DIA. .078 DIA. .042 DIA. .042 DIA. .039 .039 .072 .072 .0195 .0195 MID MID STROKE STROKE MAX MAX STROKE STROKE 0910-0-57-20-76-14-11-0 Short Stroke, Surface mount Packaged on 16mm wide carrier tape: 1,500 parts per 13” reel. MECHANICAL & ELECTRICAL SPECIFICATIONS: DURABILITY: 1,000,000 cycles CURRENT RATING: 2A continuous, 3A peak CONTACT RESISTANCE: 20 m Ω max. 75 & 76 Springs are not Interchangeable 0990-0 .156 DIA. .156 DIA. .0195 .0195 .039 .039 .098 .098 .064 DIA. .064 DIA. .032 .032 .059 DIA. .059 DIA. .042 DIA. .042 DIA. MID MID STROKE STROKE MAX MAX STROKE STROKE Basic Part Number Length A 0910-1 0910-2 0910-3 0910-4 .177 .197 .217 .236 0910-0 0910-1 0910-2 0910-3 0910-4 Basic Part Number 16mm 24mm 24mm 24mm Tape Width 1,500 1,100 1,100 1,100 Quantity per Reel 0990-0-50-20-76-14-11-0 Short Stroke, Surface mount Large Base .0275 .0275 .055 .055 .106 .106 A .064 DIA. .064 DIA. .059 DIA. .059 DIA. .042 DIA. .042 DIA. .032 .032 .156 DIA. .156 DIA. 0990-X-50-20-75-14-11-0 Standard Stroke, Surface mount Large Base 0990-1 ⇒ ⇒4 Basic Part Number Length A 0990-1 0990-2 0990-3 0990-4 .177 .197 .217 .236 .032 .032 .0275 .0275 .055 .055 .198 .198 A .042 DIA. .042 DIA. .059 DIA. .059 DIA. .064 DIA. .064 DIA. .156 DIA. .156 DIA. 0997-X-50-20-75-14-11-0 Standard Stroke, Surface mount Large Base Basic Part Number Length A 0997-0 0997-1 0997-2 0997-3 0997-4 0997-5 0997-6 0997-7 0997-8 0997-9 .255 .275 .295 .315 .335 .350 .370 .390 .410 .430 0967 0997-0 ⇒ ⇒9 .331 .331 .206 .206 .030 .030 .090 .090 .100 .100 .055 .055 .0275 .0275 STROKE STROKE STROKE STROKE MAX MAX MID MID .118 .118 DIA. DIA. 0967-0-15-20-75-14-11-0 Standard Stroke, Horizontal Surface mount Also available on 16mm wide carrier tape: 2,200 parts per 13” reel. Order as: 0967-0-58-20-75-14-11-0 .140 .140 .196 .196 .040 .040 .105 .105 P.C.B. Layout |
Similar Part No. - 0997-6-50-20-75-14-11-0 |
|
Similar Description - 0997-6-50-20-75-14-11-0 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |