Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT28C16AJ-12T Datasheet(PDF) 2 Page - ON Semiconductor

Part # CAT28C16AJ-12T
Description  16 kb CMOS Parallel EEPROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT28C16AJ-12T Datasheet(HTML) 2 Page - ON Semiconductor

  CAT28C16AJ-12T Datasheet HTML 1Page - ON Semiconductor CAT28C16AJ-12T Datasheet HTML 2Page - ON Semiconductor CAT28C16AJ-12T Datasheet HTML 3Page - ON Semiconductor CAT28C16AJ-12T Datasheet HTML 4Page - ON Semiconductor CAT28C16AJ-12T Datasheet HTML 5Page - ON Semiconductor CAT28C16AJ-12T Datasheet HTML 6Page - ON Semiconductor CAT28C16AJ-12T Datasheet HTML 7Page - ON Semiconductor CAT28C16AJ-12T Datasheet HTML 8Page - ON Semiconductor CAT28C16AJ-12T Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
CAT28C16A
http://onsemi.com
2
Figure 1. Block Diagram
ADDR. BUFFER
& LATCHES
ADDR. BUFFER
& LATCHES
INADVERTENT
CONTROL
LOGIC
TIMER
HIGH VOLTAGE
GENERATOR
I/O BUFFERS
2,048 x 8
EEPROM
ARRAY
CE
OE
WE
VCC
A0−A3
A4−A10
WRITE
PROTECTION
COLUMN
DECODER
ROW
DECODER
DATA POLLING
I/O0−I/O7
Table 1. MODE SELECTION
Mode
CE
WE
OE
I/O
Power
Read
L
H
L
DOUT
ACTIVE
Byte Write (WE Controlled)
L
H
DIN
ACTIVE
Byte Write (CE Controlled)
L
H
DIN
ACTIVE
Standby, and Write Inhibit
H
X
X
High−Z
STANDBY
Read and Write Inhibit
X
H
H
High−Z
ACTIVE
Table 2. CAPACITANCE (TA = 25°C, f = 1.0 MHz, VCC = 5 V)
Symbol
Test
Max
Conditions
Units
CI/O (Note 1)
Input/Output Capacitance
10
VI/O = 0 V
pF
CIN (Note 1)
Input Capacitance
6
VIN = 0 V
pF
1. This parameter is tested initially and after a design or process change that affects the parameter.
Table 3. ABSOLUTE MAXIMUM RATINGS
Parameters
Ratings
Units
Temperature Under Bias
–55 to +125
°C
Storage Temperature
–65 to +150
°C
Voltage on Any Pin with Respect to Ground (Note 2)
–2.0 V to +VCC + 2.0 V
V
VCC with Respect to Ground
−2.0 to +7.0
V
Package Power Dissipation Capability (TA = 25°C)
1.0
W
Lead Soldering Temperature (10 secs)
300
°C
Output Short Circuit Current (Note 3)
100
mA
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
2. The minimum DC input voltage is −0.5 V. During transitions, inputs may undershoot to −2.0 V for periods of less than 20 ns. Maximum DC
voltage on output pins is VCC + 0.5 V, which may overshoot to VCC + 2.0 V for periods of less than 20 ns.
3. Output shorted for no more than one second. No more than one output shorted at a time.


Similar Part No. - CAT28C16AJ-12T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT28C16AJ-12T ONSEMI-CAT28C16AJ-12T Datasheet
143Kb / 10P
   16 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 6
More results

Similar Description - CAT28C16AJ-12T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT28C16AXI90 ONSEMI-CAT28C16AXI90 Datasheet
118Kb / 10P
   16 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 6
CAT28C16ALI12 ONSEMI-CAT28C16ALI12 Datasheet
143Kb / 10P
   16 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 6
CAT28C17A ONSEMI-CAT28C17A Datasheet
140Kb / 12P
   16 kb CMOS Parallel EEPROM
December, 2009 ??Rev. 4
CAT28C16AL20 ONSEMI-CAT28C16AL20 Datasheet
137Kb / 10P
   16 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 6
CAT28C257 ONSEMI-CAT28C257 Datasheet
143Kb / 13P
   256 kb CMOS Parallel EEPROM
December, 2009 ??Rev. 6
CAT28LV65 ONSEMI-CAT28LV65 Datasheet
159Kb / 15P
   64 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 7
CAT28LV64T13I-15 ONSEMI-CAT28LV64T13I-15 Datasheet
144Kb / 15P
   64 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 7
CAT28LV64 ONSEMI-CAT28LV64 Datasheet
157Kb / 15P
   64 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 7
CAT24C164WI-G ONSEMI-CAT24C164WI-G Datasheet
147Kb / 14P
   16 kb CMOS Serial EEPROM, Cascadable
October, 2009 ??Rev. 2
LE2416RDXA ONSEMI-LE2416RDXA Datasheet
343Kb / 17P
   16 kb I2C CMOS Serial EEPROM
August 2016 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com