Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A-876M Datasheet(PDF) 1 Page - Tyco Electronics

Part # A-876M
Description  A-876M SPDT N.C., 300 Amps, 28 VDC
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

A-876M Datasheet(HTML) 1 Page - Tyco Electronics

  A-876M Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CONTACTOR CONFIGURATION
DC Relays
A-876M SPDT N.C.,
300 Amps, 28 VDC
PRODUCT SPECIFICATIONS
Construction
Gasket Sealed, Vented
Main Contacts:
Configuration
SPST N.C.
Voltage (Nominal)
28 VDC
Current (Resistive)
300 Amps; 400 Amps for 5 Minutes
Auxiliary Contacts:
Configuration
2PDT
Voltage (Nominal)
28 VDC
Current
Resistive
5 Amps
Inductive
3 Amps
Coil Data:
Duty Cycle
Continuous (Economizing)
Voltage (Nominal)
28 VDC
Pick-Up Voltage
18 VDC Maximum
Drop-Out Voltage
1 - 7 VDC
Coil Current @ 28 VDC & +25
°C
In-Rush
6.70 Amps
Hold
0.34 Amps
Operating Tempeature
-55
°C to +71°C
Life:
Electrical
50,000 Cycles
Mechanical
100,000 Cycles
Weight Maximum
3 Lbs.
Features:
• SPDT N.C. Main Contacts
• Transient Suppression
• Economizing Coil
• 28 VDC
• 300 Amps
• High Reliability
• Meets many requirements of MIL-R-6106
Notes:
Catalog (web doc only)
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 5-04
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
HARTMAN Aerospace Power Products
Dimensions for this product are expressed in inches.
Multiply values by 25.4 for millimeters.
For factory-direct application assistance, contact the HARTMAN
product team at (419) 521-9500, Fax (419) 526-2749.
© 2004 by Tyco Electronics Corporation. All Rights Reserved.
HARTMAN and TYCO are trademarks.


Similar Part No. - A-876M

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A-871F MACOM-A-871F Datasheet
48Kb / 1P
   A-871F SPDT N.O. & N.C.,200 Amps, 28 VDC
A-874L MACOM-A-874L Datasheet
76Kb / 1P
   A-874L 3PST, 335 Amps, 200 VAC, 400 Hz
More results

Similar Description - A-876M

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A-871F MACOM-A-871F Datasheet
48Kb / 1P
   A-871F SPDT N.O. & N.C.,200 Amps, 28 VDC
A-931F MACOM-A-931F Datasheet
64Kb / 1P
   A-931F SPST N.C., 600 Amps, 28 VDC
A-981S MACOM-A-981S Datasheet
60Kb / 1P
   A-981S SPDT,400 Amps, 28 VDC
A-885Y MACOM-A-885Y Datasheet
35Kb / 1P
   A-885Y SPDT,100 Amps, 28 VDC
A-770 MACOM-A-770 Datasheet
58Kb / 1P
   A-770 SPST N.O., 300 Amps, 28 VDC
AH-965H MACOM-AH-965H Datasheet
82Kb / 1P
   300 Amps, 28 VDC DC Relays
E-384 MACOM-E-384 Datasheet
40Kb / 1P
   E-384 SPDT, 3 Amps, 28 VDC
E-312P MACOM-E-312P Datasheet
62Kb / 1P
   E-312P SPDT, 5 Amps, 28 VDC
E-308 MACOM-E-308 Datasheet
42Kb / 1P
   E-308 SPDT, 3 Amps, 28 VDC
N-417E MACOM-N-417E Datasheet
68Kb / 1P
   SPDT, Double Break, 100 Amps, 28 VDC
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com