Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT78745 Datasheet(PDF) 4 Page - Tyco Electronics

Part # MT78745
Description  Accessories Multimode Relay MT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MT78745 Datasheet(HTML) 4 Page - Tyco Electronics

  MT78745 Datasheet HTML 1Page - Tyco Electronics MT78745 Datasheet HTML 2Page - Tyco Electronics MT78745 Datasheet HTML 3Page - Tyco Electronics MT78745 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MT sockets for PCB and with solder terminals MT 78 602/603/612/613
Technical data
MT 78 602/603/612/613
Rated current
10 A
Rated voltage / max.switching voltage AC
240/400 VAC
Dielectric strength coil-contact circuit
2500 Vrms
open contact circuit
1500 Vrms
adjacent contact circuits
2500 Vrms
Clearance / creepage coil-contact circuit
W 2.8/4 mm
Material group of insulation parts
W IIIa
Insulation to IEC 60664-1
Type of insulation coil-contact circuit
basic
open contact circuit
functional
adjacent contact circuits
basic
Rated insulation voltage
250
Pollution degree
2
Rated voltage system
230/400
Overvoltage category
III
RoHS - Directive 2002/95/EC
MT 78 602, MT 78 603
compliant as per product date code 0517
MT 78 612, MT 78 613
compliant as per product date code 0543
Degree of protection DIN 40050
IP20
Ambient temperature range
-40...+70°C
Terminals
pcb, solder teminals
Insertion cycles
A (10)
Max. Insertion Force total
100 N
Mounting distance
0, dense packing
Resistance to soldering heat
270°C / 10 s
Weight
7 g
Packaging unit
25 pcs
Sockets with solder and PCB terminals
Type
Part Number
MT 78 612
Socket 8-pin with solder terminals
7-1415043-1
MT 78 613
Socket 11-pin with solder terminals
8-1415043-1
MT 78 602
Socket 8-pin with PCB terminals
9-1415043-1
MT 78 603
Socket 11-pin with PCB terminals
1415044-1
MT 78 612 Socket 8-pin with solder terminals
MT 78 613 Socket 11-pin with solder terminals
MT 78 602 Socket 8-pin with PCB terminals
MT 78 603 Socket 11-pin with PCB terminals
F0107-A
F0105-A
F0106-A
F0104-A
S0309-AA
S0309-AC
S0309-AD
S0309-AB
4
Accessories Multimode Relay MT (Continued)
General Purpose Relays
Datasheet
Rev. FG1
Issued 2006/07
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information
only to be used together
with the 'Definitions' at
schrackrelays.com in the
‘Schrack’ section.
Specifications subject to
change.


Similar Part No. - MT78745

ManufacturerPart #DatasheetDescription
logo
Maxic Technology Corpor...
MT7810 MAXIC-MT7810 Datasheet
156Kb / 1P
   High Efficiency High Precision Buck Constant Current Driver
MT7811B MAXIC-MT7811B Datasheet
168Kb / 1P
   High Efficiency High Precision Buck Constant Current Driver
MT7812B MAXIC-MT7812B Datasheet
168Kb / 1P
   High Efficiency High Precision Buck Constant Current Driver
MT7813B MAXIC-MT7813B Datasheet
170Kb / 1P
   High Efficiency High Precision Buck Constant Current Driver
MT7814BD MAXIC-MT7814BD Datasheet
169Kb / 1P
   High Efficiency High Precision Buck Constant Current Driver
More results

Similar Description - MT78745

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MT3B3024 MACOM-MT3B3024 Datasheet
528Kb / 3P
   Multimode Relay MT
logo
PHOENIX CONTACT
3190577 PHOENIX-3190577 Datasheet
56Kb / 2P
   Accessories - ICC-MT 0,5-1,0
1859988 PHOENIX-1859988 Datasheet
60Kb / 4P
   Accessories - MCC-MT 0,2-0,35
3190580 PHOENIX-3190580 Datasheet
56Kb / 2P
   Accessories - ICC-MT 1,5-2,5
1879531 PHOENIX-1879531 Datasheet
57Kb / 2P
   Accessories - MSTBC-MT 0.2-0.5
1893889 PHOENIX-1893889 Datasheet
39Kb / 1P
   Accessories - MSTBC-MT 0,2-0,5 MATRIZZENPAAR
logo
Tyco Electronics
MT221012 MACOM-MT221012 Datasheet
216Kb / 3P
   Multimode Relay
logo
PHOENIX CONTACT
3190593 PHOENIX-3190593 Datasheet
54Kb / 3P
   Accessories - ICC-MT 1,5-2,5 BA
1879544 PHOENIX-1879544 Datasheet
54Kb / 2P
   Accessories - MSTBC-MT 0,2-0,5 BAND
1923717 PHOENIX-1923717 Datasheet
57Kb / 3P
   Accessories - MCC-MT 0,2-0,35 (0,0) BA
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com