Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTML0024 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MTML0024
Description  Accessories Multimode Relay MT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MTML0024 Datasheet(HTML) 2 Page - Tyco Electronics

  MTML0024 Datasheet HTML 1Page - Tyco Electronics MTML0024 Datasheet HTML 2Page - Tyco Electronics MTML0024 Datasheet HTML 3Page - Tyco Electronics MTML0024 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Datasheet
Rev. FG1
Issued 2006/07
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information
only to be used together
with the 'Definitions' at
schrackrelays.com in the
‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
2
Accessories Multimode Relay MT (Continued)
Approvals
V REG.-Nr. 6182, Z E135149
Technical data
MT 78 750/755/760/740/745
Rated current
10 A
Rated voltage / max.switching voltage AC
240/400 VAC
Dielectric strength coil-contact circuit
2500 Vrms
open contact circuit
1500 Vrms
adjacent contact circuits
2500 Vrms
Clearance / creepage coil-contact circuit
W 2.8/4 mm
Material group of insulation parts
W IIIa
Insulation to IEC 60664-1
Type of insulation coil-contact circuit
basic
open contact circuit
functional
adjacent contact circuits
basic
Rated insulation voltage
250 V
Pollution degree
2
Rated voltage system
230/400 V
Overvoltage category
III
RoHS - Directive 2002/95/EC
DIN-rail sockets and retainers:
compliant
Degree of protection DIN 40050
IP20
Ambient temperature range
-20...+80°C
Terminals
screw
Terminal screw torque acc. IEC 61984
0.5 Nm
max.
0.7 Nm
Wire cross section
single wire
2 x 2.5 mm2
fine wire
2 x 2.5 mm2
with bootlace crimp (DIN 46228/1)
2 x 1.5 mm2
Insertion cycles
A (10)
Max. Insertion Force total
100 N
Mounting distance
0, dense packing
Weight MT 78 750/760
54 g
MT 78 755
47 g
MT 78 740
62 g
MT 78 745
56 g
Packaging unit
25 pcs
DIN-rail sockets with screw-type terminals
Type
Part Number
MT 78 750
DIN-rail socket with screw-type terminals 11-pin
1415035-1
MT 78 755
DIN-rail socket with screw-type terminals 8-pin
3-1415035-1
MT 78 760
DIN-rail socket with screw-type terminals 11-pin
8-1415034-1
MT78 740
DIN-rail socket with screw-type terminals, 11-pin
8-1393163-3
MT78 745
DIN-rail socket with screw-type terminals, 8-pin
8-1393163-4
F0200-A
S0366-A
Socket system MT 78 740 and MT 78 745
I
8/11 pin socket for MT2 / MT3
I
Double A2 screw for simple further
connection of coil supply
MT 78 740 MT3 DIN-rail socket with screw-type terminals, 11-pin
MT 78 745 MT2 DIN rail socket with screw type terminals, 8-pin


Similar Part No. - MTML0024

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
MTM10N06E ISC-MTM10N06E Datasheet
261Kb / 2P
   isc N-Channel MOSFET Transistor
2023-9-18
MTM10N100E ISC-MTM10N100E Datasheet
260Kb / 2P
   isc N-Channel MOSFET Transistor
2023-9-18
MTM10N12L ISC-MTM10N12L Datasheet
260Kb / 2P
   isc N-Channel MOSFET Transistor
2023-9-18
MTM10N15L ISC-MTM10N15L Datasheet
260Kb / 2P
   isc N-Channel MOSFET Transistor
2023-9-27
MTM10N25 ISC-MTM10N25 Datasheet
260Kb / 2P
   isc N-Channel MOSFET Transistor
2023-9-27
More results

Similar Description - MTML0024

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MT3B3024 MACOM-MT3B3024 Datasheet
528Kb / 3P
   Multimode Relay MT
logo
PHOENIX CONTACT
3190577 PHOENIX-3190577 Datasheet
56Kb / 2P
   Accessories - ICC-MT 0,5-1,0
1859988 PHOENIX-1859988 Datasheet
60Kb / 4P
   Accessories - MCC-MT 0,2-0,35
3190580 PHOENIX-3190580 Datasheet
56Kb / 2P
   Accessories - ICC-MT 1,5-2,5
1879531 PHOENIX-1879531 Datasheet
57Kb / 2P
   Accessories - MSTBC-MT 0.2-0.5
1893889 PHOENIX-1893889 Datasheet
39Kb / 1P
   Accessories - MSTBC-MT 0,2-0,5 MATRIZZENPAAR
logo
Tyco Electronics
MT221012 MACOM-MT221012 Datasheet
216Kb / 3P
   Multimode Relay
logo
PHOENIX CONTACT
3190593 PHOENIX-3190593 Datasheet
54Kb / 3P
   Accessories - ICC-MT 1,5-2,5 BA
1879544 PHOENIX-1879544 Datasheet
54Kb / 2P
   Accessories - MSTBC-MT 0,2-0,5 BAND
1923717 PHOENIX-1923717 Datasheet
57Kb / 3P
   Accessories - MCC-MT 0,2-0,35 (0,0) BA
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com