Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT28LV256HE25T Datasheet(PDF) 10 Page - ON Semiconductor

Part # CAT28LV256HE25T
Description  256K-Bit CMOS PARALLEL EEPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT28LV256HE25T Datasheet(HTML) 10 Page - ON Semiconductor

Back Button CAT28LV256HE25T Datasheet HTML 4Page - ON Semiconductor CAT28LV256HE25T Datasheet HTML 5Page - ON Semiconductor CAT28LV256HE25T Datasheet HTML 6Page - ON Semiconductor CAT28LV256HE25T Datasheet HTML 7Page - ON Semiconductor CAT28LV256HE25T Datasheet HTML 8Page - ON Semiconductor CAT28LV256HE25T Datasheet HTML 9Page - ON Semiconductor CAT28LV256HE25T Datasheet HTML 10Page - ON Semiconductor CAT28LV256HE25T Datasheet HTML 11Page - ON Semiconductor CAT28LV256HE25T Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
CAT28LV256
10
Doc. No. MD-1071, Rev. E
© 2009 SCILLC. All rights reserved.
Characteristics subject to change without notice
CE
WE
AA
5555
55
2AAA
DATA
ADDRESS
tWC
80
5555
AA
5555
55
2AAA
20
5555
SDP
RESET
DEVICE
UNPROTECTED
CE
WE
tWP
AA
5555
55
2AAA
A0
5555
DATA
ADDRESS
tBLC
tWC
BYTE OR
PAGE
WRITES
ENABLED
To activate the software data protection, the device must
be sent three write commands to specific addresses with
specific data (Figure 9). This sequence of commands
(along with subsequent writes) must adhere to the page
write timing specifications (Figure 11). Once this is done,
all subsequent byte or page writes to the device must be
preceded by this same set of write commands. The data
protection mechanism is activated until a deactivate
sequence is issued, regardless of power on/off transi-
tions. This gives the user added inadvertent write pro-
tection on power-up in addition to the hardware protec-
tion provided.
To allow the user the ability to program the device with
an E2PROM programmer (or for testing purposes) there
is a software command sequence for deactivating the
data protection. The six step algorithm (Figure 10) will
reset the internal protection circuitry, and the device will
return to standard operating mode (Figure 12 provides
reset timing). After the sixth byte of this reset sequence
has been issued, standard byte or page writing can
commence.
Figure 11. Software Data Protection Timing
Figure 12. Resetting Software Data Protection Timing


Similar Part No. - CAT28LV256HE25T

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT28LV256H13-20T CATALYST-CAT28LV256H13-20T Datasheet
68Kb / 12P
   256K-Bit CMOS PARALLEL E2PROM
CAT28LV256H13-25T CATALYST-CAT28LV256H13-25T Datasheet
68Kb / 12P
   256K-Bit CMOS PARALLEL E2PROM
CAT28LV256H13-30T CATALYST-CAT28LV256H13-30T Datasheet
68Kb / 12P
   256K-Bit CMOS PARALLEL E2PROM
CAT28LV256H13A-20T CATALYST-CAT28LV256H13A-20T Datasheet
68Kb / 12P
   256K-Bit CMOS PARALLEL E2PROM
CAT28LV256H13A-25T CATALYST-CAT28LV256H13A-25T Datasheet
68Kb / 12P
   256K-Bit CMOS PARALLEL E2PROM
More results

Similar Description - CAT28LV256HE25T

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT28C257 CATALYST-CAT28C257_04 Datasheet
527Kb / 12P
   256K-Bit CMOS PARALLEL EEPROM
CAT28C256 CATALYST-CAT28C256_04 Datasheet
530Kb / 12P
   256K-Bit Parallel EEPROM
CAT28C257 CATALYST-CAT28C257 Datasheet
75Kb / 10P
   256K-Bit CMOS PARALLEL E2PROM
CAT28HT256 CATALYST-CAT28HT256 Datasheet
218Kb / 10P
   256K-Bit CMOS PARALLEL E2PROM
CAT28LV256 CATALYST-CAT28LV256 Datasheet
53Kb / 10P
   256K-Bit CMOS PARALLEL E2PROM
CAT28LV256 CATALYST-CAT28LV256_04 Datasheet
68Kb / 12P
   256K-Bit CMOS PARALLEL E2PROM
CAT24FC256 CATALYST-CAT24FC256_05 Datasheet
641Kb / 12P
   256K-Bit I2C Serial CMOS EEPROM
CAT24FC256 CATALYST-CAT24FC256 Datasheet
421Kb / 12P
   256K-Bit I2C Serial CMOS EEPROM
CAT24WC256 CATALYST-CAT24WC256 Datasheet
406Kb / 10P
   256K-Bit I2C Serial CMOS EEPROM
CAT24WC257 CATALYST-CAT24WC257 Datasheet
417Kb / 10P
   256K-Bit I2C Serial CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com