Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT16041 Datasheet(PDF) 3 Page - Tyco Electronics

Part # RT16041
Description  Accessories Industrial Power Relay RT / RP / SR2M
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RT16041 Datasheet(HTML) 3 Page - Tyco Electronics

  RT16041 Datasheet HTML 1Page - Tyco Electronics RT16041 Datasheet HTML 2Page - Tyco Electronics RT16041 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Datasheet
Rev. EK1
Issued 2005/11
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information
only to be used together
with the 'Definitions' at
schrackrelays.com in the
‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
3
Sockets for PCB RP 78 601/602
Approvals
Z E135149
Technical data
RP 78 601 / RP 78 602
Rated current
12 A *)
Limiting continuous current
see derating curve
Rated voltage / max.switching voltage AC
240/400
Dielectric strength coil-contact circuit
4000 Vrms
open contact circuit
1000 Vrms
adjacent contact circuits
2500 Vrms
Clearance / creepage coil-contact circuit
RT: W 10 / 10 mm, RP, SR2M: W 8 / 8 mm
Material group of insulation parts
W IIIa
Insulation to IEC 60664-1
Type of insulation coil-contact circuit
reinforced
open contact circuit
functional
adjacent contact circuits
functional
Rated insulation voltage
250 V
Pollution degree
2
Rated voltage system
230/400 V
Overvoltage category
III
RoHS - Directive 2002/95/EC
compliant
Degree of protection DIN 40050
IP20
Ambient temperature range
-40...+80°C
Terminals
pcb
Insertion cycles
A (10)
Max. Insertion Force total
100 N
Mounting distance
0, dense packing
Resistance to soldering heat
270°C / 10 s
Weight
3 g
Packaging unit
100 pcs
Socket with PCB terminals
Type
Part Number
RP 78 601
Socket with PCB terminals,pinning 3.5 mm
8-1393234-4
RP 78 602
Socket with PCB terminals,pinning 5 mm
8-1393234-5
Accessories for RP 78 601, RP 78 602
Type
Part Number
RT 16 041
Plastic retaining clip RT, relay height 15.7 mm
3-1393161-4
RP 16 100
Plastic retaining clip RP, relay height 25.5 mm
1-1393161-7
RT 28 516
Metal retaining clip RT, relay height 15.7 mm
0-1419108-7
RP 28 500
Metal retaining clip RP, relay height 25.5 mm
1-1393161-9
3
Accessories Industrial Power Relay RT / RP / SR2M (Continued)
F0116-A
F0117-A
S0322-AD
S0322-AC
RP 78 602 Socket with PCB terminals, pinning 5 mm
RP 78 601 Socket with PCB terminals, pinning 3.5 mm
*) For 1 pole relays (16 A) the relay
terminals 11-21, 12-22 and 14-24 have to
be bridged on the PCB.


Similar Part No. - RT16041

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RT16041 MACOM-RT16041 Datasheet
201Kb / 4P
   Accessories Industrial Power Relay RT / RP / SR2M
More results

Similar Description - RT16041

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1419108-1 MACOM-2-1419108-1 Datasheet
201Kb / 4P
   Accessories Industrial Power Relay RT / RP / SR2M
RT17016 MACOM-RT17016 Datasheet
201Kb / 4P
   Accessories Industrial Power Relay RT / RP / SR2M
2-1419108-2 MACOM-2-1419108-2 Datasheet
207Kb / 4P
   Accessories Industrial Power Relay RT / RP / SR2M
2-1419108-3 MACOM-2-1419108-3 Datasheet
201Kb / 4P
   Accessories Industrial Power Relay RT / RP / SR2M
RT17017 MACOM-RT17017 Datasheet
544Kb / 6P
   Accessories Industrial Power Relay RT
SR2M MACOM-SR2M_05 Datasheet
174Kb / 3P
   Safety Relay SR2M
SR2M MACOM-SR2M_09 Datasheet
227Kb / 3P
   Safety Relay SR2M
RT114024 MACOM-RT114024_08 Datasheet
267Kb / 3P
   Interface Power Relay RT
2-1393258-0 MACOM-2-1393258-0 Datasheet
612Kb / 3P
   Force Guided Relay SR2M
RT114024 MACOM-RT114024_05 Datasheet
211Kb / 3P
   Interface Power Relay RT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com