Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT64LC40SI-GT3 Datasheet(PDF) 2 Page - ON Semiconductor

Part # CAT64LC40SI-GT3
Description  4 kb SPI Serial EEPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT64LC40SI-GT3 Datasheet(HTML) 2 Page - ON Semiconductor

  CAT64LC40SI-GT3 Datasheet HTML 1Page - ON Semiconductor CAT64LC40SI-GT3 Datasheet HTML 2Page - ON Semiconductor CAT64LC40SI-GT3 Datasheet HTML 3Page - ON Semiconductor CAT64LC40SI-GT3 Datasheet HTML 4Page - ON Semiconductor CAT64LC40SI-GT3 Datasheet HTML 5Page - ON Semiconductor CAT64LC40SI-GT3 Datasheet HTML 6Page - ON Semiconductor CAT64LC40SI-GT3 Datasheet HTML 7Page - ON Semiconductor CAT64LC40SI-GT3 Datasheet HTML 8Page - ON Semiconductor CAT64LC40SI-GT3 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
CAT64LC40
http://onsemi.com
2
SK
DI
DO
1
2
3
4
8
7
6
5
SK
1
2
3
4
8
7
6
5
SK
1
2
3
4
8
7
6
5
1
2
3
4
8
7
6
5
SK
DI
DO
PIN CONNECTIONS
PDIP−8 (P, L)
SOIC−8 (J, W)
SOIC−8 (S, V)
TSSOP−8 (U, Y)
CS
VCC
RDY/BUSY
RESET
GND
RDY/BUSY
CS
VCC
RESET
GND
DO
DI
DO
DI
CS
VCC
RDY/BUSY
RESET
GND
CS
VCC
RDY/BUSY
RESET
GND
Table 1. ABSOLUTE MAXIMUM RATINGS
Parameters
Ratings
Unit
Temperature Under Bias
−55 to +125
°C
Storage Temperature
−65 to +150
°C
Voltage on any Pin with Respect to Ground (Note 1)
−2.0 to +VCC +2.0
V
VCC with Respect to Ground
−2.0 to +7.0
V
Package Power Dissipation Capability (TA = 25°C)
1.0
W
Lead Soldering Temperature (10 secs)
300
°C
Output Short Circuit Current (Note 2)
100
mA
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. The minimum DC input voltage is −0.5 V. During transitions, inputs may undershoot to −2.0 V for periods of less than 20 ns. Maximum DC
voltage on output pins is VCC + 0.5 V, which may overshoot to VCC + 2.0 V for periods of less than 20 ns.
2. Output shorted for no more than one second. No more than one output shorted at a time.
Table 2. RELIABILITY CHARACTERISTICS
Symbol
Parameter
Min
Max
Units
NEND (Note 3)
Endurance
1,000,000
Cycles/Byte
TDR (Note 3)
Data Retention
100
Years
VZAP (Note 3)
ESD Susceptibility
2000
V
ILTH (Notes 3 and 4)
Latch−Up
100
mA
3. This parameter is tested initially and after a design or process change that affects the parameter.
4. Latch−up protection is provided for stresses up to 100 mA on address and data pins from −1 V to VCC +1 V.
Table 3. CAPACITANCE (TA = 25°C, f = 1.0 MHz, VCC = 6.0 V)
Symbol
Test
Conditions
Max
Units
CI/O (Note 5)
Input/Output Capacitance (DO, RDY/BSY)
VI/O = 0 V
8
pF
CIN (Note 5)
Input Capacitance (CS, SK, DI, RESET)
VIN = 0 V
6
pF
5. This parameter is tested initially and after a design or process change that affects the parameter.


Similar Part No. - CAT64LC40SI-GT3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT64LC40SITE13 CATALYST-CAT64LC40SITE13 Datasheet
64Kb / 9P
   1K/2K/4K-Bit SPI Serial E2PROM
CAT64LC40SITE13 CATALYST-CAT64LC40SITE13 Datasheet
300Kb / 12P
   1K/2K/4K-Bit SPI Serial EEPROM
More results

Similar Description - CAT64LC40SI-GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NV25010 ONSEMI-NV25010 Datasheet
271Kb / 15P
   EEPROM Serial 1/2/4-Kb SPI
June, 2018 ??Rev. 1
NV25010WF ONSEMI-NV25010WF Datasheet
191Kb / 12P
   EEPROM Serial 1/2/4-Kb SPI
June, 2018 ??Rev. 1
NV25320WF ONSEMI-NV25320WF Datasheet
196Kb / 13P
   EEPROM Serial 32-Kb SPI
June, 2018 ??Rev. 1
NV25640WF ONSEMI-NV25640WF Datasheet
195Kb / 13P
   EEPROM Serial 64-Kb SPI
June, 2018 ??Rev. 1
CAT25128 ONSEMI-CAT25128_18 Datasheet
388Kb / 22P
   EEPROM Serial 128-Kb SPI
June, 2018 ??Rev. 9
CAT25010 ONSEMI-CAT25010_18 Datasheet
308Kb / 17P
   EEPROM Serial 1/2/4-Kb SPI
June, 2018 ??Rev. 26
CAV25010 ONSEMI-CAV25010_18 Datasheet
265Kb / 14P
   EEPROM Serial 1/2/4-Kb SPI
June, 2018 ??Rev. 1
NV25128WF ONSEMI-NV25128WF Datasheet
211Kb / 13P
   EEPROM Serial 128-Kb SPI
June, 2018 ??Rev. 1
NV25512WF ONSEMI-NV25512WF Datasheet
210Kb / 13P
   EEPROM Serial 512-Kb SPI
June, 2018 ??Rev. 2
CAT25512 ONSEMI-CAT25512_18 Datasheet
395Kb / 20P
   EEPROM Serial 512-Kb SPI
June, 2018 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com