Selected language     English  â–¼


0-1393161-8 Datasheet(PDF) 3 Page - Tyco Electronics

Part No. 0-1393161-8
Description  Accessories Industrial Power Relay RT / RP / SR2M
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

   
 3 page
background image
Datasheet
Rev. EK1
Issued 2005/11
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information
only to be used together
with the 'Definitions' at
schrackrelays.com in the
‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
3
Sockets for PCB RP 78 601/602
Approvals
Z E135149
Technical data
RP 78 601 / RP 78 602
Rated current
12 A *)
Limiting continuous current
see derating curve
Rated voltage / max.switching voltage AC
240/400
Dielectric strength coil-contact circuit
4000 Vrms
open contact circuit
1000 Vrms
adjacent contact circuits
2500 Vrms
Clearance / creepage coil-contact circuit
RT: W 10 / 10 mm, RP, SR2M: W 8 / 8 mm
Material group of insulation parts
W IIIa
Insulation to IEC 60664-1
Type of insulation coil-contact circuit
reinforced
open contact circuit
functional
adjacent contact circuits
functional
Rated insulation voltage
250 V
Pollution degree
2
Rated voltage system
230/400 V
Overvoltage category
III
RoHS - Directive 2002/95/EC
compliant
Degree of protection DIN 40050
IP20
Ambient temperature range
-40...+80°C
Terminals
pcb
Insertion cycles
A (10)
Max. Insertion Force total
100 N
Mounting distance
0, dense packing
Resistance to soldering heat
270°C / 10 s
Weight
3 g
Packaging unit
100 pcs
Socket with PCB terminals
Type
Part Number
RP 78 601
Socket with PCB terminals,pinning 3.5 mm
8-1393234-4
RP 78 602
Socket with PCB terminals,pinning 5 mm
8-1393234-5
Accessories for RP 78 601, RP 78 602
Type
Part Number
RT 16 041
Plastic retaining clip RT, relay height 15.7 mm
3-1393161-4
RP 16 100
Plastic retaining clip RP, relay height 25.5 mm
1-1393161-7
RT 28 516
Metal retaining clip RT, relay height 15.7 mm
0-1419108-7
RP 28 500
Metal retaining clip RP, relay height 25.5 mm
1-1393161-9
3
Accessories Industrial Power Relay RT / RP / SR2M (Continued)
F0116-A
F0117-A
S0322-AD
S0322-AC
RP 78 602 Socket with PCB terminals, pinning 5 mm
RP 78 601 Socket with PCB terminals, pinning 3.5 mm
*) For 1 pole relays (16 A) the relay
terminals 11-21, 12-22 and 14-24 have to
be bridged on the PCB.




Html Pages

1  2  3 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl