Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT28F001TI-90TT Datasheet(PDF) 1 Page - ON Semiconductor

Part # CAT28F001TI-90TT
Description  1 Megabit CMOS Boot Block Flash Memory
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT28F001TI-90TT Datasheet(HTML) 1 Page - ON Semiconductor

  CAT28F001TI-90TT Datasheet HTML 1Page - ON Semiconductor CAT28F001TI-90TT Datasheet HTML 2Page - ON Semiconductor CAT28F001TI-90TT Datasheet HTML 3Page - ON Semiconductor CAT28F001TI-90TT Datasheet HTML 4Page - ON Semiconductor CAT28F001TI-90TT Datasheet HTML 5Page - ON Semiconductor CAT28F001TI-90TT Datasheet HTML 6Page - ON Semiconductor CAT28F001TI-90TT Datasheet HTML 7Page - ON Semiconductor CAT28F001TI-90TT Datasheet HTML 8Page - ON Semiconductor CAT28F001TI-90TT Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1
Doc. No. MD-1078, Rev. K
© 2008 SCILLC. All rights reserved.
Characteristics subject to change without notice
1 Megabit CMOS Boot Block
Flash Memory
FEATURES
s Fast Read Access Time: 90/120 ns
s On-Chip Address and Data Latches
s Blocked Architecture
— One 8 KB Boot Block w/ Lock Out
• Top or Bottom Locations
— Two 4 KB Parameter Blocks
— One 112 KB Main Block
s Low Power CMOS Operation
s 12.0V
± 5% Programming and Erase Voltage
s Automated Program & Erase Algorithms
s High Speed Programming
s Commercial, Industrial and Automotive
Temperature Ranges
s Deep Powerdown Mode
— 0.05
µA I
CC Typical
— 0.8
µA I
PP Typical
s Hardware Data Protection
s Electronic Signature
s 100,000 Program/Erase Cycles and 10 Year
Data Retention
s JEDEC Standard Pinouts:
— 32 pin DIP
— 32 pin PLCC
— 32 pin TSOP
s Reset/Deep Power Down Mode
s "Green" Package Options Available
I/O0–I/O7
I/O BUFFERS
CE, OE LOGIC
SENSE
AMP
DATA
LATCH
ERASE VOLTAGE
SWITCH
COMMAND
REGISTER
CE
OE
WE
VOLTAGE VERIFY
SWITCH
Y-DECODER
X-DECODER
Y-GATING
8K-BYTE BOOT BLOCK
4K-BYTE PARAMETER BLOCK
4K-BYTE PARAMETER BLOCK
112K-BYTE MAIN BLOCK
A0–A16
WRITE STATE
MACHINE
ADDRESS
COUNTER
STATUS
REGISTER
PROGRAM VOLTAGE
SWITCH
RP
BLOCK DIAGRAM
DESCRIPTION
The CAT28F001 is a high speed 128K X 8 bit electrically
erasable and reprogrammable Flash memory ideally
suited for applications requiring in-system or after sale
code updates.
The CAT28F001 has a blocked architecture with one 8
KB Boot Block, two 4 KB Parameter Blocks and one 112
KB Main Block. The Boot Block section can be at the top
or bottom of the memory map and includes a reprogram-
ming write lock out feature to guarantee data integrity. It
is designed to contain secure code which will bring up
the system minimally and download code to other loca-
tions of CAT28F001.
The CAT28F001 is designed with a signature mode
which allows the user to identify the IC manufacturer and
device type. The CAT28F001 is also designed with on-
Chip Address Latches, Data Latches, Programming and
Erase Algorithms.
The CAT28F001 is manufactured using Catalyst’s ad-
vanced CMOS floating gate technology. It is designed
to endure 100,000 program/erase cycles and has a data
retention of 10 years. The device is available in JEDEC
approved 32-pin plastic DIP, PLCC or TSOP packages.
Licensed Intel
second source
CAT28F001


Similar Part No. - CAT28F001TI-90TT

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT28F001TI-90TT CATALYST-CAT28F001TI-90TT Datasheet
108Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
CAT28F001TI-90TT CATALYST-CAT28F001TI-90TT Datasheet
455Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
More results

Similar Description - CAT28F001TI-90TT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT28F001G-12TE13 ONSEMI-CAT28F001G-12TE13 Datasheet
103Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
Doc. No. MD-1078, Rev. K
logo
Catalyst Semiconductor
CAT28F001 CATALYST-CAT28F001 Datasheet
108Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
CAT28F001 CATALYST-CAT28F001_05 Datasheet
455Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
CAT28F002 CATALYST-CAT28F002 Datasheet
140Kb / 16P
   2 Megabit CMOS Boot Block Flash Memory
logo
ON Semiconductor
CAT28F010 ONSEMI-CAT28F010 Datasheet
385Kb / 16P
   1 Megabit CMOS Flash Memory
Doc. No. MD-1019, Rev. G
logo
Catalyst Semiconductor
CAT28F102 CATALYST-CAT28F102 Datasheet
159Kb / 14P
   1 Megabit CMOS Flash Memory
CAT28F010 CATALYST-CAT28F010 Datasheet
100Kb / 14P
   1 Megabit CMOS Flash Memory
logo
ON Semiconductor
CAT28F010GI12 ONSEMI-CAT28F010GI12 Datasheet
113Kb / 16P
   1 Megabit CMOS Flash Memory
Doc. No. MD-1019, Rev. G
CAT28F010L90 ONSEMI-CAT28F010L90 Datasheet
113Kb / 16P
   1 Megabit CMOS Flash Memory
Doc. No. MD-1019, Rev. G
CAT28F010P-15 ONSEMI-CAT28F010P-15 Datasheet
113Kb / 16P
   1 Megabit CMOS Flash Memory
Doc. No. MD-1019, Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com