Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT28LV64LA-20T Datasheet(PDF) 3 Page - ON Semiconductor

Part # CAT28LV64LA-20T
Description  64 kb CMOS Parallel EEPROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT28LV64LA-20T Datasheet(HTML) 3 Page - ON Semiconductor

  CAT28LV64LA-20T Datasheet HTML 1Page - ON Semiconductor CAT28LV64LA-20T Datasheet HTML 2Page - ON Semiconductor CAT28LV64LA-20T Datasheet HTML 3Page - ON Semiconductor CAT28LV64LA-20T Datasheet HTML 4Page - ON Semiconductor CAT28LV64LA-20T Datasheet HTML 5Page - ON Semiconductor CAT28LV64LA-20T Datasheet HTML 6Page - ON Semiconductor CAT28LV64LA-20T Datasheet HTML 7Page - ON Semiconductor CAT28LV64LA-20T Datasheet HTML 8Page - ON Semiconductor CAT28LV64LA-20T Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
CAT28LV64
http://onsemi.com
3
Figure 1. Block Diagram
CE
OE
WE
VCC
A0−A4
A5−A12
DATA POLLING
AND
TOGGLE BIT
I/O0−I/O7
ADDR. BUFFER
& LATCHES
ADDR. BUFFER
& LATCHES
INADVERTENT
CONTROL
LOGIC
TIMER
HIGH VOLTAGE
GENERATOR
I/O BUFFERS
32 BYTE PAGE
REGISTER
WRITE
PROTECTION
ROW
DECODER
COLUMN
DECODER
8,192 x 8
E2PROM
ARRAY
Table 1. ABSOLUTE MAXIMUM RATINGS
Parameters
Ratings
Units
Temperature Under Bias
−55 to +125
°C
Storage Temperature
−65 to +150
°C
Voltage on Any Pin with Respect to Ground (Note 1)
−2.0 V to +VCC + 2.0 V
V
VCC with Respect to Ground
−2.0 to +7.0
V
Package Power Dissipation Capability (TA = 25°C)
1.0
W
Lead Soldering Temperature (10 secs)
300
°C
Output Short Circuit Current (Note 2)
100
mA
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. The minimum DC input voltage is −0.5 V. During transitions, inputs may undershoot to −2.0 V for periods of less than 20 ns. Maximum DC
voltage on output pins is VCC + 0.5 V, which may overshoot to VCC + 2.0 V for periods of less than 20 ns.
2. Output shorted for no more than one second. No more than one output shorted at a time.
Table 2. RELIABILITY CHARACTERISTICS (Note 3)
Symbol
Parameter
Test Method
Min
Max
Units
NEND
Endurance
MIL−STD−883, Test Method 1033
105
Cycles/Byte
TDR
Data Retention
MIL−STD−883, Test Method 1008
100
Years
VZAP
ESD Susceptibility
MIL−STD−883, Test Method 3015
2,000
V
ILTH (Note 4)
Latch−Up
JEDEC Standard 17
100
mA
3. These parameters are tested initially and after a design or process change that affects the parameters.
4. Latch−up protection is provided for stresses up to 100 mA on address and data pins from −1 V to VCC + 1 V.
Table 3. MODE SELECTION
Mode
CE
WE
OE
I/O
Power
Read
L
H
L
DOUT
ACTIVE
Byte Write (WE Controlled)
L
H
DIN
ACTIVE
Byte Write (CE Controlled)
L
H
DIN
ACTIVE
Standby and Write Inhibit
H
X
X
High−Z
STANDBY
Read and Write Inhibit
X
H
H
High−Z
ACTIVE


Similar Part No. - CAT28LV64LA-20T

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT28LV64LA-20T CATALYST-CAT28LV64LA-20T Datasheet
527Kb / 12P
   64K-Bit CMOS PARALLEL EEPROM
More results

Similar Description - CAT28LV64LA-20T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT28LV64T13I-15 ONSEMI-CAT28LV64T13I-15 Datasheet
144Kb / 15P
   64 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 7
CAT28LV65 ONSEMI-CAT28LV65 Datasheet
159Kb / 15P
   64 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 7
CAT28C16AXI90 ONSEMI-CAT28C16AXI90 Datasheet
118Kb / 10P
   16 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 6
CAT28C17A ONSEMI-CAT28C17A Datasheet
140Kb / 12P
   16 kb CMOS Parallel EEPROM
December, 2009 ??Rev. 4
CAT28C257 ONSEMI-CAT28C257 Datasheet
143Kb / 13P
   256 kb CMOS Parallel EEPROM
December, 2009 ??Rev. 6
CAT28C16ALI12 ONSEMI-CAT28C16ALI12 Datasheet
143Kb / 10P
   16 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 6
CAT28C16AL20 ONSEMI-CAT28C16AL20 Datasheet
137Kb / 10P
   16 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 6
CAT28C16A ONSEMI-CAT28C16A Datasheet
137Kb / 10P
   16 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 6
CAT24C64LI ONSEMI-CAT24C64LI Datasheet
185Kb / 15P
   64 kb I2C CMOS Serial EEPROM
August, 2013 ??Rev. 17
CAT25640VI ONSEMI-CAT25640VI Datasheet
189Kb / 19P
   64-Kb SPI Serial CMOS EEPROM
May, 2012 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com