Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

329 Datasheet(PDF) 1 Page - Mill-Max Mfg. Corp.

Part # 329
Description  INTERCONNECTS 2,54 Grid Solder Cup Headers and Sockets Single and Double Row
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MILL-MAX [Mill-Max Mfg. Corp.]
Direct Link  http://www.mill-max.com
Logo MILL-MAX - Mill-Max Mfg. Corp.

329 Datasheet(HTML) 1 Page - Mill-Max Mfg. Corp.

  329 Datasheet HTML 1Page - Mill-Max Mfg. Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
INTERCONNECTS
2,54 Grid Solder Cup Headers and Sockets
Single and Double Row
www.mill-max.com
 516-922-6000
75
Series 329, 380,
429, 480
1,83 DIA.
1,83 DIA.
2,79
2,79
2,54
2,54
Number of Pins
Number of Pins
X 2,54
X 2,54
0,51 DIA.
0,51 DIA.
0,99 DIA.
0,99 DIA.
HOLE
HOLE
3,23
3,23
3,15
3,15
4,22
4,22
7,37
7,37
3,81
3,81
0,46
0,46
0,38-0,64
0,38-0,64
2,54
2,54
1,35 DIA.
1,35 DIA.
HOLE
HOLE
0,97 DIA.
0,97 DIA.
2,54
2,54
2,79
2,79
0,25
0,25 *
2,54
2,54
Number of Pins
Number of Pins
X 2,54
X 2,54
1,52
1,52 2,29
2,29
Ordering Information
Fig. 1
Fig. 2
Fig. 4
1,83 DIA.
1,83 DIA.
2,79
2,79
2,54
2,54
Number of Pins
Number of Pins
X 2,54 / 2
X 2,54 / 2
0,51 DIA.
0,51 DIA.
0,99 DIA.
0,99 DIA.
HOLE
HOLE
3,23
3,23
3,15
3,15
4,22
4,22
2,54
2,54
2,54
2,54
Number of Pins
Number of Pins
X 2,54 / 2
X 2,54 / 2
2,79
2,79
0,46
0,46
0,38-0,64
0,38-0,64
7,37
7,37
3,81
3,81
2,54
2,54
1,35 DIA.
1,35 DIA.
0,97 DIA.
0,97 DIA.
HOLE
HOLE
2,54
2,54
5,08
5,08
0,25
0,25 *
2,29
2,29
1,52
1,52
380-XX-1_ _-00-001000
Series 480...001
Solder Cup / Solder Tail
480-10-2 _ _-00-001000
Specify # of pins
01-64
Specify # of pins
02-64
Series 429...540
Solder Cup Sockets
429-43-2 _ _-41-540000
Specify # of pins
02-64
Series 380...001
Solder Cup / Solder Tail
• Series 380 & 480 use MM #8000 pins.
See page 183 for details.
• Series 329 & 429 use MM #2954 pin
receptacles and accept pin diameters
from 0,38 - 0,64. See page 142 for details.
• Series 329 & 429 receptacles use Hi-Rel,
4 finger BeCu #30 contacts rated at
3 amps. See page 218 for details.
• Solder cups are pre-aligned.
• Insulators are high temp. thermoplastic.
Fig. 1
Fig. 2
Fig. 3
Fig. 4
Pin Plating
SPECIFY PLATING CODE XX=
10 
90 
40 
PLATING CODE =
13 
93
43 
Sleeve (Pin)
Contact (Clip)
Fig. 3
329-43-1 _ _-41-540000
Specify # of pins
01-64
Series 329...540
Solder Cup Sockets
RoHS
2002/95/EC
For Electrical,
Mechanical & Enviromental
Data, See pg. 4
For RoHS compliance
select plating code.
XX=Plating Code
See Below
For Electrical,
Mechanical & Enviromental
Data, See pg. 4
For RoHS compliance
select plating code.
5,08µm Sn
0,76µm Au
0,25
μm Au 5,08μm Sn/Pb 5,08μm Sn


Similar Part No. - 329

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
329 ETC2-329 Datasheet
199Kb / 1P
   Wiha ComfortGrip Pliers
logo
WECO ELECTRICAL CONNECT...
329 WECO-329 Datasheet
91Kb / 1P
   Socket terminal strip Screw connection
02.20
logo
Dialight Corporation
329-0701-030 DIALIGHT-329-0701-030 Datasheet
447Kb / 3P
   554 SERIES SINGLE DUAL LAMP SWITCHES
329-0701-037 DIALIGHT-329-0701-037 Datasheet
447Kb / 3P
   554 SERIES SINGLE DUAL LAMP SWITCHES
329-0701-537 DIALIGHT-329-0701-537 Datasheet
447Kb / 3P
   554 SERIES SINGLE DUAL LAMP SWITCHES
More results

Similar Description - 329

ManufacturerPart #DatasheetDescription
logo
Mill-Max Mfg. Corp.
329-10-102-00-560000 MILL-MAX-329-10-102-00-560000 Datasheet
180Kb / 1P
   INTERCONNECTS 2,54 Grid Surface Mount Headers and Sockets Single and Double Row
830-10-001-10-001000 MILL-MAX-830-10-001-10-001000 Datasheet
177Kb / 1P
   INTERCONNECTS 2mm Grid Headers and Sockets Single and Double Row
850 MILL-MAX-850 Datasheet
260Kb / 1P
   INTERCONNECTS .050??Grid Headers and Sockets Single and Double Row
830-10-001-20-001000 MILL-MAX-830-10-001-20-001000 Datasheet
155Kb / 1P
   INTERCONNECTS 2mm Grid Right Angle Headers and Sockets Single and Double Row
830-10-001-30-001000 MILL-MAX-830-10-001-30-001000 Datasheet
201Kb / 1P
   INTERCONNECTS 2mm Grid Surface Mount Headers And Sockets Single and Double Row
850-10-001-30-001000 MILL-MAX-850-10-001-30-001000 Datasheet
253Kb / 1P
   INTERCONNECTS .050??Grid Surface Mount Headers and Sockets Single and Double Row
850-10-001-20-001000 MILL-MAX-850-10-001-20-001000 Datasheet
277Kb / 1P
   INTERCONNECTS .050??Grid Right Angle Headers and Sockets Single and Double Row
800 MILL-MAX-800 Datasheet
184Kb / 1P
   INTERCONNECTS .100??Grid (.030??dia.) Low Profile Headers & Versatile Sockets Single and Double Row
800-10-003-30-001000 MILL-MAX-800-10-003-30-001000 Datasheet
176Kb / 1P
   INTERCONNECTS .100??Grid (.030??dia.) Pins, Surface Mount Headers & Sockets Single and Double Row
310 MILL-MAX-310 Datasheet
199Kb / 1P
   INTERCONNECTS .100??Grid (.018??dia.) Pins SMT Gull Wing Headers & Sockets Single and Double Row
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com