Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT64LC40UA-T3 Datasheet(PDF) 5 Page - ON Semiconductor

Part # CAT64LC40UA-T3
Description  4 kb SPI Serial EEPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT64LC40UA-T3 Datasheet(HTML) 5 Page - ON Semiconductor

  CAT64LC40UA-T3 Datasheet HTML 1Page - ON Semiconductor CAT64LC40UA-T3 Datasheet HTML 2Page - ON Semiconductor CAT64LC40UA-T3 Datasheet HTML 3Page - ON Semiconductor CAT64LC40UA-T3 Datasheet HTML 4Page - ON Semiconductor CAT64LC40UA-T3 Datasheet HTML 5Page - ON Semiconductor CAT64LC40UA-T3 Datasheet HTML 6Page - ON Semiconductor CAT64LC40UA-T3 Datasheet HTML 7Page - ON Semiconductor CAT64LC40UA-T3 Datasheet HTML 8Page - ON Semiconductor CAT64LC40UA-T3 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
CAT64LC40
http://onsemi.com
5
Device Operation
The CAT64LC40 is a 4 kb nonvolatile memory intended
for use with all standard controllers. The CAT64LC40 is
organized in a 256 x 16 format. All instructions are based on
an 8−bit format. There are four 16−bit instructions: READ,
WRITE, EWEN, and EWDS. The CAT64LC40 operates on
a single power supply ranging from 2.5 V to 6.0 V and it has
an on−chip voltage generator to provide the high voltage
needed during a programming operation. Instructions,
addresses and data to be written are clocked into the DI pin
on the rising edge of the SK clock. The DO pin is normally
in a high impedance state except when outputting data in a
READ operation or outputting RDY/BSY status when
polled during a WRITE operation.
The format for all instructions sent to this device includes
a 4−bit start sequence, 1010, a 4−bit op code and an 8−bit
address field or dummy bits. For a WRITE operation, a
16−bit data field is also required following the 8−bit address
field.
SK
DI
DO
RESET
Figure 3. Synchronous Data Timing
tRESS
tRESH
tRC
tCSS
CS
RDY/BUSY
tDIS
tDIH
tSKLOW
tSKHI
tCSH
tCSMIN
tHZ
tSV
tSV
tPD0, tPD1
Figure 4. Read Instruction Timing
*Please check the instruction set table for address
SK
DI
DO
RESET
1
ADDRESS*
D15 D14
D1 D0
HIGH
01
0
1
0
0
0
CS
RDY/BUSY


Similar Part No. - CAT64LC40UA-T3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT64LC40UATE13 CATALYST-CAT64LC40UATE13 Datasheet
64Kb / 9P
   1K/2K/4K-Bit SPI Serial E2PROM
CAT64LC40UATE13 CATALYST-CAT64LC40UATE13 Datasheet
300Kb / 12P
   1K/2K/4K-Bit SPI Serial EEPROM
More results

Similar Description - CAT64LC40UA-T3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NV25010 ONSEMI-NV25010 Datasheet
271Kb / 15P
   EEPROM Serial 1/2/4-Kb SPI
June, 2018 ??Rev. 1
NV25010WF ONSEMI-NV25010WF Datasheet
191Kb / 12P
   EEPROM Serial 1/2/4-Kb SPI
June, 2018 ??Rev. 1
NV25320WF ONSEMI-NV25320WF Datasheet
196Kb / 13P
   EEPROM Serial 32-Kb SPI
June, 2018 ??Rev. 1
NV25640WF ONSEMI-NV25640WF Datasheet
195Kb / 13P
   EEPROM Serial 64-Kb SPI
June, 2018 ??Rev. 1
CAT25128 ONSEMI-CAT25128_18 Datasheet
388Kb / 22P
   EEPROM Serial 128-Kb SPI
June, 2018 ??Rev. 9
CAT25010 ONSEMI-CAT25010_18 Datasheet
308Kb / 17P
   EEPROM Serial 1/2/4-Kb SPI
June, 2018 ??Rev. 26
CAV25010 ONSEMI-CAV25010_18 Datasheet
265Kb / 14P
   EEPROM Serial 1/2/4-Kb SPI
June, 2018 ??Rev. 1
NV25128WF ONSEMI-NV25128WF Datasheet
211Kb / 13P
   EEPROM Serial 128-Kb SPI
June, 2018 ??Rev. 1
NV25512WF ONSEMI-NV25512WF Datasheet
210Kb / 13P
   EEPROM Serial 512-Kb SPI
June, 2018 ??Rev. 2
CAT25512 ONSEMI-CAT25512_18 Datasheet
395Kb / 20P
   EEPROM Serial 512-Kb SPI
June, 2018 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com