Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

801-43-036-10-012000 Datasheet(PDF) 1 Page - Mill-Max Mfg. Corp.

Part # 801-43-036-10-012000
Description  INTERCONNECTS .100??Grid (.030??dia.) Low Profile Headers & Versatile Sockets Single and Double Row
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MILL-MAX [Mill-Max Mfg. Corp.]
Direct Link  http://www.mill-max.com
Logo MILL-MAX - Mill-Max Mfg. Corp.

801-43-036-10-012000 Datasheet(HTML) 1 Page - Mill-Max Mfg. Corp.

  801-43-036-10-012000 Datasheet HTML 1Page - Mill-Max Mfg. Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
INTERCONNECTS
.100” Grid (.030” dia.) Low Profile Headers & Versatile Sockets
Single and Double Row
www.mill-max.com
516-922-6000
80
Series 800, 801
802, 803
Ordering Information
800-XX-0_ _-10-002000
Double Row
Low Profile Pin Header
802-XX-0 _ _-10-002000
Fig. 1
Fig. 2
Specify # of pins
01-64
Specify # of pins
02-64
801-XX-0 _ _-10-002000
Single Row
Low Profile Socket (long insulator)
801-XX-0 _ _-10-012000
Fig. 3
Fig. 4
Specify # of pins
01-64
Specify # of pins
01-36
Single Row
Low Profile Socket (short insulator)
Single Row
Low Profile Pin Header
Double Row Low Profile Socket
803-XX-0 _ _-10-002000
Fig. 5
Specify # of pins
02-72
Fig. 1
SPECIFY PLATING CODE XX=
13
91
93
99
41
43
44
Sleeve (Pin)
Contact (Clip)
10µ” Au
200µ” Sn/Pb 200µ” Sn/Pb 200µ”Sn/Pb
200µ”Sn 200µ”Sn 200µ”Sn
30µ” Au
10µ” Au
30µ” Au
200µ”Sn/Pb
10µ” Au
30µ” Au 200µ”Sn
Pin Plating
10
μ” Au
200
μ” Sn/Pb 200μ”Sn
SPECIFY PLATING CODE XX=
10
90
40
• Series 800 and 802 single and double
row pin headers use MM #5016 pins.
See page 182 for details.
• Series 801 and 803 single and double
row sockets use MM #1303 pins. See
page 150 for details.
• Series 801 and 803 receptacles use
Hi-Rel, 6-finger BeCu #47 contacts
rated at 4.5 amps. Receptacles accept
.025” diameter and .025” square pins.
See page 221 for details.
• Insulators are high temp. thermoplastic.
RoHS
2002/95/EC
XX=Plating Code
See Below
For Electrical,
Mechanical & Enviromental
Data, See pg. 4
For RoHS compliance
select
plating code.
XX=Plating Code
See Below
For Electrical,
Mechanical & Enviromental
Data, See pg. 4
For RoHS compliance
select
plating code.
Fig. 2
Fig. 3
Fig. 4
Fig. 5


Similar Part No. - 801-43-036-10-012000

ManufacturerPart #DatasheetDescription
logo
Mill-Max Mfg. Corp.
801-43-001-10-001000 MILL-MAX-801-43-001-10-001000 Datasheet
183Kb / 1P
   INTERCONNECTS .100??Grid (.030??dia.) Pins, Straight and Right Angle Single Row
801-43-001-20-001000 MILL-MAX-801-43-001-20-001000 Datasheet
183Kb / 1P
   INTERCONNECTS .100??Grid (.030??dia.) Pins, Straight and Right Angle Single Row
801-43-001-61-001000 MILL-MAX-801-43-001-61-001000 Datasheet
202Kb / 1P
   INTERCONNECTS .100??Grid (.030??dia.) Pins, Solderless Press-Fit Single Row
801-43-001-62-001000 MILL-MAX-801-43-001-62-001000 Datasheet
202Kb / 1P
   INTERCONNECTS .100??Grid (.030??dia.) Pins, Solderless Press-Fit Single Row
801-43-003-30-001000 MILL-MAX-801-43-003-30-001000 Datasheet
176Kb / 1P
   INTERCONNECTS .100??Grid (.030??dia.) Pins, Surface Mount Headers & Sockets Single and Double Row
More results

Similar Description - 801-43-036-10-012000

ManufacturerPart #DatasheetDescription
logo
Mill-Max Mfg. Corp.
800-10-003-30-001000 MILL-MAX-800-10-003-30-001000 Datasheet
176Kb / 1P
   INTERCONNECTS .100??Grid (.030??dia.) Pins, Surface Mount Headers & Sockets Single and Double Row
310 MILL-MAX-310 Datasheet
199Kb / 1P
   INTERCONNECTS .100??Grid (.018??dia.) Pins SMT Gull Wing Headers & Sockets Single and Double Row
830-10-001-10-001000 MILL-MAX-830-10-001-10-001000 Datasheet
177Kb / 1P
   INTERCONNECTS 2mm Grid Headers and Sockets Single and Double Row
850 MILL-MAX-850 Datasheet
260Kb / 1P
   INTERCONNECTS .050??Grid Headers and Sockets Single and Double Row
802 MILL-MAX-802 Datasheet
300Kb / 1P
   INTERCONNECTS .100??Grid (.030??dia.) Pins, Straight and Right Angle Double Row
802-10-002-61-001000 MILL-MAX-802-10-002-61-001000 Datasheet
217Kb / 1P
   INTERCONNECTS .100??Grid (.030??dia.) Pins, Solderless Press-Fit Double Row
830-10-001-20-001000 MILL-MAX-830-10-001-20-001000 Datasheet
155Kb / 1P
   INTERCONNECTS 2mm Grid Right Angle Headers and Sockets Single and Double Row
800-10-001-10-001000 MILL-MAX-800-10-001-10-001000 Datasheet
183Kb / 1P
   INTERCONNECTS .100??Grid (.030??dia.) Pins, Straight and Right Angle Single Row
830-10-001-30-001000 MILL-MAX-830-10-001-30-001000 Datasheet
201Kb / 1P
   INTERCONNECTS 2mm Grid Surface Mount Headers And Sockets Single and Double Row
329-10-102-00-560000 MILL-MAX-329-10-102-00-560000 Datasheet
180Kb / 1P
   INTERCONNECTS 2,54 Grid Surface Mount Headers and Sockets Single and Double Row
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com