Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

301-44-101-41-560000 Datasheet(PDF) 1 Page - Mill-Max Mfg. Corp.

Part # 301-44-101-41-560000
Description  INTERCONNECTS 2,54 Grid (0,46 dia.) Pins, Straight and Right Angle Single Row
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MILL-MAX [Mill-Max Mfg. Corp.]
Direct Link  http://www.mill-max.com
Logo MILL-MAX - Mill-Max Mfg. Corp.

301-44-101-41-560000 Datasheet(HTML) 1 Page - Mill-Max Mfg. Corp.

  301-44-101-41-560000 Datasheet HTML 1Page - Mill-Max Mfg. Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
INTERCONNECTS
2,54 Grid (0,46 dia.) Pins, Straight and Right Angle
Single Row
www.mill-max.com
 516-922-6000
73
Series 301, 310,
350, 399
SPECIFY PLATING CODE XX=
13 
91
93
99
41 
43 
44 
Sleeve (Pin)
Contact (Clip)
• Series 3XX are available with straight
and right angle solder tails.
• Series 350 & 399...009 use MM #3404
and #5011 pins. See pages 179 & 181
for details.
• Series 301, 310 & 399...003 use MM
#0156, #1001 & #1103 receptacles. See
pages 136 & 137 for details.
• Receptacles use Hi-Rel, 4 finger #30
BeCu contact rated at 3 amps. See page
218 for details.
• Insulators are high temp. thermoplastic.
Ordering Information
350-XX-1_ _-00-006000
Series 399...009
Right Angle Pin Header
Fig. 1
Specify # of pins
01-64
Specify # of pins
02-64
Series 350...006
Straight Pin Header
Pin Plating
SPECIFY PLATING CODE XX=
10 
90
40 
Fig. 2
Fig. 3
399-XX-1_ _-10-009000
310-XX-1_ _-41-001000
Specify # of pins
01-64
Series 310...001
Straight Socket
Fig. 4
301-XX-1_ _-41-560000
Specify # of pins
01-64
Series 301...056
Socket w/ Retention Pegs
Fig. 5
399-XX-1_ _-10-003000
Specify # of pins
01-64
Series 399...003
Right Angle Socket
2,54
2,54
2,54
2,54
Number of Pins X 2,54
Number of Pins X 2,54
Fig. 1
3,61
3,61
0,46 DIA.
0,46 DIA.
X 2,54
X 2,54
Number of Pins
Number of Pins
2,54
2,54
2,79
2,79 3,61
3,61
2,79
2,79
2,54
2,54
0,46 DIA.
0,46 DIA.
Fig. 2
0,46 DIA.
0,46 DIA.
X 2,54
X 2,54
Number of Pins
Number of Pins
2,54
2,54
2,54
2,54
2,79
2,79
3,99
3,99
1,27
1,27
3,2
3,2
4,5
4,5
0,61 DIA.
0,61 DIA.
Fig. 3
X 2,54
X 2,54
Number of Pins
Number of Pins
2,54
2,54
0,51 DIA.
0,51 DIA.
2,79
2,79 3,71
3,71 4,19
4,19
3,18
3,18
2,41
2,41
0,38-0,64
0,38-0,64
0,25
0,25 0,46
0,46
Fig. 4
7,37
7,37
3,71
3,71
2,79
2,79
4,14
4,14
3,23
3,23
0,38-0,64
0,38-0,64
0,46
0,46
*
0,25
0,25
0,51 DIA.
0,51 DIA.
2,54
2,54
1,14 DIA.
1,14 DIA.
1,09
1,09
X 2,54
X 2,54
Number of Pins
Number of Pins
2,54
2,54
2,36
2,36
Fig. 5
X 2,54
X 2,54
Number of Pins
Number of Pins
2,54
2,54
0,46 DIA.
0,46 DIA.
5,59
5,59
3,2
3,2
2,54
2,54
1,27
1,27
2,39
2,39
2,79
2,79
3,66
3,66
41, 91 & 99 Platings Non-Standard
RoHS
2002/95/EC
XX=Plating Code
See Below
For Electrical,
Mechanical & Enviromental
Data, See pg. 4
For RoHS compliance
select plating code.
XX=Plating Code
See Below
For Electrical,
Mechanical & Enviromental
Data, See pg. 4
For RoHS compliance
select plating code.
0,25µm Au 5,08µm Sn/Pb 5,08µm Sn/Pb 5,08µm Sn/Pb 5,08µm Sn 5,08µm Sn 5,08µm Sn
0,76µm Au
0,25µm Au
0,76µm Au
5,08µm Sn/Pb 0,25µm Au 0,76µm Au 5,08µm Sn
0,25
μm Au 5,08μm Sn/Pb 5,08μm Sn


Similar Part No. - 301-44-101-41-560000

ManufacturerPart #DatasheetDescription
logo
Mill-Max Mfg. Corp.
301-43-103-41-560000 MILL-MAX-301-43-103-41-560000 Datasheet
123Kb / 3P
   Interconnect Socket Solder Tail Socket with Clinch Pin Retention Pins
301-43-104-41-560000 MILL-MAX-301-43-104-41-560000 Datasheet
123Kb / 3P
   Interconnect Socket Solder Tail Socket with Clinch Pin Retention Pins
301-43-105-41-560000 MILL-MAX-301-43-105-41-560000 Datasheet
123Kb / 3P
   Interconnect Socket Solder Tail Socket with Clinch Pin Retention Pins
301-43-106-41-560000 MILL-MAX-301-43-106-41-560000 Datasheet
123Kb / 3P
   Interconnect Socket Solder Tail Socket with Clinch Pin Retention Pins
301-43-107-41-560000 MILL-MAX-301-43-107-41-560000 Datasheet
123Kb / 3P
   Interconnect Socket Solder Tail Socket with Clinch Pin Retention Pins
More results

Similar Description - 301-44-101-41-560000

ManufacturerPart #DatasheetDescription
logo
Mill-Max Mfg. Corp.
800-10-001-10-001000 MILL-MAX-800-10-001-10-001000 Datasheet
183Kb / 1P
   INTERCONNECTS .100??Grid (.030??dia.) Pins, Straight and Right Angle Single Row
802 MILL-MAX-802 Datasheet
300Kb / 1P
   INTERCONNECTS .100??Grid (.030??dia.) Pins, Straight and Right Angle Double Row
800-10-001-61-001000 MILL-MAX-800-10-001-61-001000 Datasheet
202Kb / 1P
   INTERCONNECTS .100??Grid (.030??dia.) Pins, Solderless Press-Fit Single Row
335 MILL-MAX-335 Datasheet
103Kb / 1P
   INTERCONNECTS Low Profile, .018??dia. Pins Single and Double Row
800-10-003-30-001000 MILL-MAX-800-10-003-30-001000 Datasheet
176Kb / 1P
   INTERCONNECTS .100??Grid (.030??dia.) Pins, Surface Mount Headers & Sockets Single and Double Row
310 MILL-MAX-310 Datasheet
199Kb / 1P
   INTERCONNECTS .100??Grid (.018??dia.) Pins SMT Gull Wing Headers & Sockets Single and Double Row
802-10-002-61-001000 MILL-MAX-802-10-002-61-001000 Datasheet
217Kb / 1P
   INTERCONNECTS .100??Grid (.030??dia.) Pins, Solderless Press-Fit Double Row
329 MILL-MAX-329 Datasheet
211Kb / 1P
   INTERCONNECTS 2,54 Grid Solder Cup Headers and Sockets Single and Double Row
329-10-102-00-560000 MILL-MAX-329-10-102-00-560000 Datasheet
180Kb / 1P
   INTERCONNECTS 2,54 Grid Surface Mount Headers and Sockets Single and Double Row
830-10-001-20-001000 MILL-MAX-830-10-001-20-001000 Datasheet
155Kb / 1P
   INTERCONNECTS 2mm Grid Right Angle Headers and Sockets Single and Double Row
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com