Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT93C86WA-GT3C Datasheet(PDF) 4 Page - ON Semiconductor

Part # CAT93C86WA-GT3C
Description  16K-Bit Microwire Serial EEPROM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT93C86WA-GT3C Datasheet(HTML) 4 Page - ON Semiconductor

  CAT93C86WA-GT3C Datasheet HTML 1Page - ON Semiconductor CAT93C86WA-GT3C Datasheet HTML 2Page - ON Semiconductor CAT93C86WA-GT3C Datasheet HTML 3Page - ON Semiconductor CAT93C86WA-GT3C Datasheet HTML 4Page - ON Semiconductor CAT93C86WA-GT3C Datasheet HTML 5Page - ON Semiconductor CAT93C86WA-GT3C Datasheet HTML 6Page - ON Semiconductor CAT93C86WA-GT3C Datasheet HTML 7Page - ON Semiconductor CAT93C86WA-GT3C Datasheet HTML 8Page - ON Semiconductor CAT93C86WA-GT3C Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
CAT93C86 (Rev. C)
Doc. No. MD-1091 Rev. R
4
© 2008 SCILLC. All rights reserved
Characteristics subject to change without notice
INSTRUCTION SET
Address
Data
Instruction
Start
Bit
Opcode
x8
x16
x8
x16
Comments
READ
1
10
A10-A0
A9-A0
Read Address AN– A0
ERASE
1
11
A10-A0
A9-A0
Clear Address AN– A0
WRITE
1
01
A10-A0
A9-A0
D7-D0
D15-D0
Write Address AN– A0
EWEN
1
00
11XXXXXXXXX
11XXXXXXXX
Write Enable
EWDS
1
00
00XXXXXXXXX
00XXXXXXXX
Write Disable
ERAL
1
00
10XXXXXXXXX
10XXXXXXXX
Clear All Addresses
WRAL
1
00
01XXXXXXXXX
01XXXXXXXX
D7-D0
D15-D0
Write All Addresses
DEVICE OPERATION
The CAT93C86 is a 16,384-bit nonvolatile memory
intended
for
use
with
industry
standard
microprocessors. The CAT93C86 can be organized
as either registers of 16 bits or 8 bits. When organized
as X16, seven 13-bit instructions control the reading,
writing and erase operations of the device.
When
organized as X8, seven 14-bit instructions control the
reading, writing and erase operations of the device.
The CAT93C86 operates on a single power supply
and will generate on chip, the high voltage required
during any write operation.
Instructions, addresses, and write data are clocked
into the DI pin on the rising edge of the clock (SK).
The DO pin is normally in a high impedance state
except when reading data from the device, or when
checking the ready/busy status after a write operation.
The ready/busy status can be determined after the
start of a write operation by selecting the device (CS
high) and polling the DO pin; DO low indicates that the
write operation is not completed, while DO high
indicates that the device is ready for the next
instruction. If necessary, the DO pin may be placed
back into a high impedance state during chip select by
shifting a dummy “1” into the DI pin. The DO pin will
enter the high impedance state on the falling edge of
the clock (SK). Placing the DO pin into the high
impedance state is recommended in applications
where the DI pin and the DO pin are to be tied
together to form a common DI/O pin.
The format for all instructions sent to the device is a
logical “1” start bit, a 2-bit (or 4-bit) opcode, 10-bit
address (an additional bit when organized X8) and for
write operations a 16-bit data field (8-bit for X8
organizations).
Note: The Write, Erase, Write all and Erase all
instructions require PE=1. If PE is left floating, 93C86
is in Program Enabled mode. For Write Enable and
Write Disable instruction PE = don’t care.
Read
Upon receiving a READ command and an address
(clocked into the DI pin), the DO pin of the CAT93C86
will come out of the high impedance state and, after
sending an initial dummy zero bit, will begin shifting
out the data addressed (MSB first). The output data
bits will toggle on the rising edge of the SK clock and
are stable after the specified time delay (tPD0 or tPD1).
After the initial data word has been shifted out and CS
remains asserted with the SK clock continuing to
toggle, the device will automatically increment to the
next address and shift out the next data word in a
sequential
READ
mode.
As
long
as
CS
is
continuously asserted and SK continues to toggle, the
device will keep incrementing to the next address
automatically until it reaches to the end of the address
space, then loops back to address 0.
In the
sequential READ mode, only the initial data word is
preceeded by a dummy zero bit. All subsequent data
words will follow without a dummy zero bit.
Write
After receiving a WRITE command, address and the
data, the CS (Chip Select) pin must be deselected for
a minimum of tCSMIN. The falling edge of CS will start
the self clocking clear and data store cycle of the
memory location specified in the instruction. The
clocking of the SK pin is not necessary after the
device has entered the self clocking mode. The
ready/busy
status
of
the
CAT93C86
can
be
determined by selecting the device and polling the DO
pin. Since this device features Auto-Clear before
write, it is NOT necessary to erase a memory location
before it is written into.


Similar Part No. - CAT93C86WA-GT3C

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT93C86WA-GT3 CATALYST-CAT93C86WA-GT3 Datasheet
447Kb / 13P
   16K-Bit Microwire Serial EEPROM
More results

Similar Description - CAT93C86WA-GT3C

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT93C86 CATALYST-CAT93C86_06 Datasheet
447Kb / 13P
   16K-Bit Microwire Serial EEPROM
CAT93C86 CATALYST-CAT93C86 Datasheet
409Kb / 9P
   16K-Bit Microwire Serial EEPROM
logo
ON Semiconductor
CAT93C86-C ONSEMI-CAT93C86-C Datasheet
620Kb / 13P
   16K-Bit Microwire Serial EEPROM
Rev. S
logo
Microchip Technology
93LC86C-ISN MICROCHIP-93LC86C-ISN Datasheet
431Kb / 26P
   16K Microwire Compatible Serial EEPROM
01/26/04
93AA86A MICROCHIP-93AA86A Datasheet
494Kb / 28P
   16K Microwire Compatible Serial EEPROM
2005
93AA86A MICROCHIP-93AA86A_12 Datasheet
776Kb / 38P
   16K Microwire Compatible Serial EEPROM
11/29/11
logo
Fairchild Semiconductor
NM93C86A FAIRCHILD-NM93C86A Datasheet
110Kb / 13P
   16K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93C86A FAIRCHILD-FM93C86A Datasheet
111Kb / 12P
   16K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
logo
Microchip Technology
93LC86-I MICROCHIP-93LC86-I Datasheet
224Kb / 22P
   8K/16K 2.5V Microwire Serial EEPROM
01/05/10
93C76 MICROCHIP-93C76 Datasheet
84Kb / 12P
   8K/16K 5.0V Microwire Serial EEPROM
1996
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com