Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT525 Datasheet(PDF) 3 Page - ON Semiconductor

Part # CAT525
Description  Quad Digitally Programmable Potentiometer (DPP?? with 256 Taps and Microwire Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT525 Datasheet(HTML) 3 Page - ON Semiconductor

  CAT525 Datasheet HTML 1Page - ON Semiconductor CAT525 Datasheet HTML 2Page - ON Semiconductor CAT525 Datasheet HTML 3Page - ON Semiconductor CAT525 Datasheet HTML 4Page - ON Semiconductor CAT525 Datasheet HTML 5Page - ON Semiconductor CAT525 Datasheet HTML 6Page - ON Semiconductor CAT525 Datasheet HTML 7Page - ON Semiconductor CAT525 Datasheet HTML 8Page - ON Semiconductor CAT525 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Not Recommended for New Design
CAT525
© 2008 SCILLC. All rights reserved.
3
Doc. No. MD-2001 Rev. J
Characteristics subject to change without notice
ABSOLUTE MAXIMUM RATINGS
Parameters
Ratings
Units
Supply Voltage*
VDD to GND
-0.5 to +7
V
Inputs
CLK to GND
-0.5 to VDD +0.5
V
CS to GND
-0.5 to VDD +0.5
V
DI to GND
-0.5 to VDD +0.5
V
RDY/BSY
¯¯¯¯ to GND -0.5 to VDD +0.5
V
PROG to GND
-0.5 to VDD +0.5
V
VREFH to GND
-0.5 to VDD +0.5
V
VREFL to GND
-0.5 to VDD +0.5
V
Parameters
Ratings
Units
Outputs
D0 to GND
-0.5 to VDD +0.5
V
VOUT 1– 4 to GND
-0.5 to VDD +0.5
V
Operating Ambient Temperature
Commercial
(‘C’ or Blank suffix)
0 to +70
°C
Industrial (‘I’ suffix)
-40 to +85
°C
Junction Temperature
+150
°C
Storage Temperature
-65 to +150
°C
Lead Soldering (10 sec max)
+300
°C
RELIABILITY CHARACTERISTICS
Symbol
Parameter
Test Method
Min
Max
Units
VZAP
(2)
ESD Susceptibility
MIL-STD-883, Test Method 3015
2000
V
ILTH
(2)(3)
Latch-Up
JEDEC Standard 17
100
mA
POWER SUPPLY
Symbol
Parameter
Conditions
Min
Typ
Max
Units
IDD1
Supply Current (Read)
Normal Operating
400
600
µA
Programming, VDD = 5V
1600
2500
µA
IDD2
Supply Current (Write)
VDD = 3V
1000
1600
µA
VDD
Operating Voltage Range
2.7
5.5
V
LOGIC INPUTS
Symbol
Parameter
Conditions
Min
Typ
Max
Units
IIH
Input Leakage Current
VIN = VDD
10
µA
IIL
Input Leakage Current
VIN = 0V
-10
µA
VIH
High Level Input Voltage
2
VDD
V
VIL
Low Level Input Voltage
0
0.8
V
LOGIC OUTPUTS
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VOH
High Level Output Voltage
IOH = -40µA
VDD -0.3
V
IOL = 1 mA, VDD = +5V
0.4
V
VOL
Low Level Output Voltage
IOL = 0.4 mA, VDD = +3V
0.4
V
Notes:
(1) Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions outside of those listed in the operational sections of this
specification is not implied. Exposure to any absolute maximum rating for extended periods may affect device performance and reliability.
(2) This parameter is tested initially and after a design or process change that affects the parameter.
(3) Latch-up protection is provided for stresses up to 100mA on address and data pins from –1V to VCC + 1V.


Similar Part No. - CAT525

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT525 CATALYST-CAT525 Datasheet
82Kb / 12P
   Configured Digitally Programmable Potentiometer (DPP??: Programmable Voltage Applications
CAT525 CATALYST-CAT525 Datasheet
867Kb / 28P
   Catalyst Semiconductor
CAT525 CATALYST-CAT525 Datasheet
99Kb / 12P
   Configured Digitally Programmable Potentiometer
CAT525 CATALYST-CAT525 Datasheet
254Kb / 16P
   Configured Digitally Programmable Potentiometer (DPP??: Programmable Voltage Applications
CAT525 CATALYST-CAT525 Datasheet
256Kb / 16P
   Quad Digitally Programmable Potentiometer (DPP?? with 256 Taps and Microwire Interface
More results

Similar Description - CAT525

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT524 CATALYST-CAT524_07 Datasheet
248Kb / 15P
   Quad Digitally Programmable Potentiometer (DPP?? with 256 Taps and Microwire Interface
CAT525_0711 CATALYST-CAT525_0711 Datasheet
256Kb / 16P
   Quad Digitally Programmable Potentiometer (DPP?? with 256 Taps and Microwire Interface
logo
ON Semiconductor
CAT523 ONSEMI-CAT523 Datasheet
201Kb / 15P
   Dual Digitally Programmable Potentiometer (DPP?? with 256 Taps and Microwire Interface
Doc. No. MD-2005 Rev. I
logo
Catalyst Semiconductor
CAT523 CATALYST-CAT523_07 Datasheet
236Kb / 15P
   Dual Digitally Programmable Potentiometer (DPP?? with 256 Taps and Microwire Interface
CAT5251 CATALYST-CAT5251_08 Datasheet
279Kb / 15P
   Quad Digitally Programmable Potentiometer (DPP?? with 256 Taps and SPI Interface
logo
ON Semiconductor
CAT5251 ONSEMI-CAT5251 Datasheet
252Kb / 15P
   Quad Digitally Programmable Potentiometer (DPP?? with 256 Taps and SPI Interface
Doc. No. MD-2017 Rev. H
logo
Catalyst Semiconductor
CAT5251 CATALYST-CAT5251 Datasheet
95Kb / 15P
   Quad Digitally Programmable Potentiometer (DPP) with 256 Taps and SPI Interface
logo
ON Semiconductor
CAT524 ONSEMI-CAT524 Datasheet
214Kb / 15P
   Quad Digitally Programmable Potentiometer (DPPtm) with 256 Taps and Microwire Interface
Doc. No. MD-2006 Rev. I
logo
Catalyst Semiconductor
CAT5259 CATALYST-CAT5259_08 Datasheet
283Kb / 16P
   Quad Digitally Programmable Potentiometers (DPP?? with 256 Taps and I짼C Interface
logo
ON Semiconductor
CAT5259 ONSEMI-CAT5259 Datasheet
730Kb / 16P
   Quad Digitally Programmable Potentiometers (DPP?? with 256 Taps and I짼C Interface
Doc. No. MD-2000 Rev. J
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com