Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT660EVA-T3 Datasheet(PDF) 3 Page - ON Semiconductor

Part # CAT660EVA-T3
Description  100 mA CMOS Charge Pump Inverter/Doubler
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT660EVA-T3 Datasheet(HTML) 3 Page - ON Semiconductor

  CAT660EVA-T3 Datasheet HTML 1Page - ON Semiconductor CAT660EVA-T3 Datasheet HTML 2Page - ON Semiconductor CAT660EVA-T3 Datasheet HTML 3Page - ON Semiconductor CAT660EVA-T3 Datasheet HTML 4Page - ON Semiconductor CAT660EVA-T3 Datasheet HTML 5Page - ON Semiconductor CAT660EVA-T3 Datasheet HTML 6Page - ON Semiconductor CAT660EVA-T3 Datasheet HTML 7Page - ON Semiconductor CAT660EVA-T3 Datasheet HTML 8Page - ON Semiconductor CAT660EVA-T3 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
CAT660
http://onsemi.com
3
Table 2. ABSOLUTE MAXIMUM RATINGS
Parameters
Ratings
Units
V+ to GND
6
V
Input Voltage (Pins 1, 6 and 7)
−0.3 to (V+ + 0.3)
V
BOOST/FC and OSC Input Voltage
The least negative of (Out − 0.3 V) or
(V+ − 6 V) to (V+ + 0.3 V)
V
Output Short−circuit Duration to GND
(OUT may be shorted to GND for 1 sec without damage but shorting OUT
to V+ should be avoided.)
1
sec.
Continuous Power Dissipation (TA = 70°C)
Plastic DIP
SOIC
TDFN
730
500
1
mW
mW
W
Storage Temperature
−65 to +160
°C
Lead Soldering Temperature (10 sec)
300
°C
Operating Ambient Temperature Range
−40 to +85
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
NOTE: TA = Ambient Temperature
Table 3. ELECTRICAL CHARACTERISTICS (V+ = 5 V, C1 = C2 = 150 mF, Boost/FC = Open, COSC = 0 pF, inverter mode with test
circuit as shown in Figure 3 unless otherwise noted. Temperature is over operating ambient temperature range unless otherwise noted.)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Supply Voltage
VS
Inverter: LV = Open, RL = 1 kW
3.0
5.5
V
Inverter: LV = GND, RL = 1 kW
1.5
5.5
Doubler: LV = OUT, RL = 1 kW
2.5
5.5
Supply Current
IS
BOOST/FC = open, LV = Open
0.09
0.5
mA
BOOST/FC = V+, LV = Open
0.3
3
Output Current
IOUT
OUT is more negative than −4 V
100
mA
Output Resistance
RO
IL = 100 mA, C1 = C2 = 150 mF (Note 2)
BOOST/FC = V+ (C1, C2 ESR ≤ 0.5 W)
4
7
W
IL = 100 mA, C1 = C2 = 10 mF
12
Oscillator Frequency
(Note 3)
FOSC
BOOST/FC = Open
5
10
kHz
BOOST/FC = V+
40
80
OSC Input
Current
IOSC
BOOST/FC = Open
BOOST/FC = V+
±1
±5
mA
Power Efficiency
PE
RL = 1 kW connected between V+ and OUT,
TA = 25°C (Doubler)
96
98
%
RL = 500 W connected between GND and OUT,
TA = 25°C (Inverter)
92
96
IL = 100 mA to GND, TA = 25°C (Inverter)
88
Voltage Conversion
Efficiency
VEFF
No load, TA = 25°C
99
99.9
%
1. In Figure 3, test circuit capacitors C1 and C2 are 150 mF and have 0.2 W maximum ESR. Higher ESR levels may reduce efficiency and output
voltage.
2. The output resistance is a combination of the internal switch resistance and the external capacitor ESR. For maximum voltage and efficiency
keep external capacitor ESR under 0.2 W.
3. FOSC is tested with COSC = 100 pF to minimize test fixture loading. The test is correlated back to COSC = 0 pF to simulate the capacitance
at OSC when the device is inserted into a test socket without an external COSC.


Similar Part No. - CAT660EVA-T3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT660EVA-T3 CATALYST-CAT660EVA-T3 Datasheet
174Kb / 16P
   100mA CMOS Charge Pump Inverter/Doubler
logo
ON Semiconductor
CAT660EVA-T3 ONSEMI-CAT660EVA-T3 Datasheet
177Kb / 16P
   100mA CMOS Charge Pump Inverter/Doubler
Doc. No. MD-5000, Rev. X
More results

Similar Description - CAT660EVA-T3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT660EVA-GT3 ONSEMI-CAT660EVA-GT3 Datasheet
142Kb / 13P
   100 mA CMOS Charge Pump Inverter/Doubler
July, 2012 ??Rev. 26
CAT661 ONSEMI-CAT661 Datasheet
164Kb / 16P
   High Frequency 100 mA CMOS Charge Pump, Inverter/Doubler
May, 2010 ??Rev. 11
CAT661 ONSEMI-CAT661_12 Datasheet
142Kb / 14P
   High Frequency 100 mA CMOS Charge Pump, Inverter/Doubler
July, 2012 ??Rev. 12
CAT660ELA ONSEMI-CAT660ELA Datasheet
177Kb / 16P
   100mA CMOS Charge Pump Inverter/Doubler
Doc. No. MD-5000, Rev. X
logo
Catalyst Semiconductor
CAT660 CATALYST-CAT660_07 Datasheet
174Kb / 16P
   100mA CMOS Charge Pump Inverter/Doubler
CAT660 CATALYST-CAT660 Datasheet
497Kb / 16P
   100mA CMOS Charge Pump Inverter/Doubler
logo
ON Semiconductor
CAT661ELA ONSEMI-CAT661ELA Datasheet
183Kb / 17P
   High Frequency 100mA CMOS Charge Pump, Inverter/Doubler
Doc. No. MD-5003, Rev. L
logo
Catalyst Semiconductor
CAT661 CATALYST-CAT661_07 Datasheet
173Kb / 17P
   High Frequency 100mA CMOS Charge Pump, Inverter/Doubler
CAT661 CATALYST-CAT661 Datasheet
488Kb / 16P
   High Frequency 100mA CMOS Charge Pump, Inverter/Doubler
logo
Sipex Corporation
SP6660 SIPEX-SP6660 Datasheet
284Kb / 22P
   200mA Charge Pump Inverter or Doubler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com