Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT93C86LAT3C Datasheet(PDF) 2 Page - ON Semiconductor

Part # CAT93C86LAT3C
Description  16K-Bit Microwire Serial EEPROM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT93C86LAT3C Datasheet(HTML) 2 Page - ON Semiconductor

  CAT93C86LAT3C Datasheet HTML 1Page - ON Semiconductor CAT93C86LAT3C Datasheet HTML 2Page - ON Semiconductor CAT93C86LAT3C Datasheet HTML 3Page - ON Semiconductor CAT93C86LAT3C Datasheet HTML 4Page - ON Semiconductor CAT93C86LAT3C Datasheet HTML 5Page - ON Semiconductor CAT93C86LAT3C Datasheet HTML 6Page - ON Semiconductor CAT93C86LAT3C Datasheet HTML 7Page - ON Semiconductor CAT93C86LAT3C Datasheet HTML 8Page - ON Semiconductor CAT93C86LAT3C Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
CAT93C86 (Rev. C)
Doc. No. MD-1091 Rev. R
2
© 2008 SCILLC. All rights reserved
Characteristics subject to change without notice
ABSOLUTE MAXIMUM RATINGS
(1)
Parameters
Ratings
Units
Temperature Under Bias
–55 to +125
ºC
Storage Temperature
–65 to 150
ºC
Voltage on any Pin with Respect to Ground
(2)
-2.0 to +VCC +2.0
V
VCC with Respect to Ground
-2.0 to +7.0
V
Package Power Dissipation Capability (TA = 25ºC)
1.0
W
Lead Soldering Temperature (10 seconds)
300
ºC
Output Short Circuit Current
(3)
100
mA
RELIABILITY CHARACTERISTICS
Symbol
Parameter
Reference Test Method
Min
Units
NEND
(4)
Endurance
MIL-STD-883, Test Method 1033
1,000,000
Cycles/Byte
TDR
(4)
Data Retention
MIL-STD-883, Test Method 1008
100
Years
VZAP
(4)
ESD Susceptibility
MIL-STD-883, Test Method 3015
2000
V
ILTH
(4)(5)
Latch-Up
JEDEC Standard 17
100
mA
D.C. OPERATING CHARACTERISTICS
VCC = +1.8V to +5.5V unless otherwise specified.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
ICC1
Power Supply Current (Write)
fSK = 1MHz; VCC = 5.0V
3
mA
ICC2
Power Supply Current (Read)
fSK = 1MHz; VCC = 5.0V
500
µA
ISB1
Power Supply Current
(Standby) (x8 Mode)
CS = 0V ORG = GND
10
µA
ISB2
Power Supply Current
(Standby) (x16Mode)
CS = 0V ORG = Float or VCC
0
10
µA
ILI
Input Leakage Current
VIN = 0V to VCC
1
µA
ILO
Output Leakage Current
(Including ORG pin)
VOUT = 0V to VCC, CS = 0V
1
µA
VIL1
Input Low Voltage
4.5V
≤ VCC < 5.5V
-0.1
0.8
V
VIH1
Input High Voltage
4.5V
≤ VCC < 5.5V
2
VCC + 1
V
VIL2
Input Low Voltage
1.8V
≤ VCC < 4.5V
0
VCC x 0.2
V
VIH2
Input High Voltage
1.8V
≤ VCC < 4.5V
VCC x 0.7
VCC + 1
V
VOL1
Output Low Voltage
4.5V
≤ VCC < 5.5V; IOL = 2.1mA
0.4
V
VOH1
Output High Voltage
4.5V
≤ VCC < 5.5V; IOH = -400µA
2.4
V
VOL2
Output Low Voltage
1.8V
≤ VCC < 4.5V; IOL = 1mA
0.2
V
VOH2
Output High Voltage
1.8V
≤ VCC < 4.5V; IOH = -100µA
VCC - 0.2
V
Notes:
(1) Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions outside of those listed in the operational sections of this
specification is not implied. Exposure to any absolute maximum rating for extended periods may affect device performance and reliability.
(2) The minimum DC input voltage is –0.5V. During transitions, inputs may undershoot to –2.0V for periods of less than 20ns. Maximum DC
voltage on output pins is VCC +0.5V, which may overshoot to VCC +2.0V for periods of less than 20ns.
(3) Output shorted for no more than one second. No more than one output shorted at a time.
(4) These parameters are tested initially and after a design or process change that affects the parameter.
(5) Latch-up protection is provided for stresses up to 100 mA pn address and data pins from –1V to VCC +1V.


Similar Part No. - CAT93C86LAT3C

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT93C86LAT3 CATALYST-CAT93C86LAT3 Datasheet
447Kb / 13P
   16K-Bit Microwire Serial EEPROM
More results

Similar Description - CAT93C86LAT3C

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT93C86 CATALYST-CAT93C86_06 Datasheet
447Kb / 13P
   16K-Bit Microwire Serial EEPROM
CAT93C86 CATALYST-CAT93C86 Datasheet
409Kb / 9P
   16K-Bit Microwire Serial EEPROM
logo
ON Semiconductor
CAT93C86-C ONSEMI-CAT93C86-C Datasheet
620Kb / 13P
   16K-Bit Microwire Serial EEPROM
Rev. S
logo
Microchip Technology
93LC86C-ISN MICROCHIP-93LC86C-ISN Datasheet
431Kb / 26P
   16K Microwire Compatible Serial EEPROM
01/26/04
93AA86A MICROCHIP-93AA86A Datasheet
494Kb / 28P
   16K Microwire Compatible Serial EEPROM
2005
93AA86A MICROCHIP-93AA86A_12 Datasheet
776Kb / 38P
   16K Microwire Compatible Serial EEPROM
11/29/11
logo
Fairchild Semiconductor
NM93C86A FAIRCHILD-NM93C86A Datasheet
110Kb / 13P
   16K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93C86A FAIRCHILD-FM93C86A Datasheet
111Kb / 12P
   16K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
logo
Microchip Technology
93LC86-I MICROCHIP-93LC86-I Datasheet
224Kb / 22P
   8K/16K 2.5V Microwire Serial EEPROM
01/05/10
93C76 MICROCHIP-93C76 Datasheet
84Kb / 12P
   8K/16K 5.0V Microwire Serial EEPROM
1996
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com