Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT812 Datasheet(PDF) 1 Page - ON Semiconductor

Part # CAT812
Description  4-Pin Microprocessor Power Supply Supervisors with Manual Reset
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT812 Datasheet(HTML) 1 Page - ON Semiconductor

  CAT812 Datasheet HTML 1Page - ON Semiconductor CAT812 Datasheet HTML 2Page - ON Semiconductor CAT812 Datasheet HTML 3Page - ON Semiconductor CAT812 Datasheet HTML 4Page - ON Semiconductor CAT812 Datasheet HTML 5Page - ON Semiconductor CAT812 Datasheet HTML 6Page - ON Semiconductor CAT812 Datasheet HTML 7Page - ON Semiconductor CAT812 Datasheet HTML 8Page - ON Semiconductor CAT812 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
CAT811, CAT812
4-Pin Microprocessor Power Supply Supervisors
with Manual Reset
DESCRIPTION
FEATURES
Precision monitoring of
+5.0 V (± 5%, ± 10%, ± 20%),
+3.3 V (± 5%, ± 10%),
+3.0 V (± 10%) and
+2.5 V (± 5%) power supplies
The CAT811 and CAT812 are microprocessor supervi-
sory circuits that monitor power supplies. The CAT811
and CAT812 are direct replacements for the MAX811
and MAX812 in applications operating over the industrial
temperature range; both have a manual reset input.
Manual reset input
These devices generate a reset signal, which is
asserted while the power supply voltage is below a
preset threshold level and for at least 140ms after the
power supply level has risen above that level. The
underlying floating gate technology, AE
Offered in two output configurations:
CAT811: Active LOW reset
CAT812: Active HIGH reset
Direct replacements for the MAX811 and
MAX812 in applications operating over the
industrial temperature range
2(TM) used by
Catalyst Semiconductor, makes it possible to offer any
custom
reset threshold value. Seven industry
standard threshold levels are offered to support
+5.0V, +3.3V, +3.0V and +2.5V systems.
Reset valid down to VCC = 1.0V
6µA power supply current
Power supply transient immunity
The CAT811 features a RESET push-pull output
(active LOW) and the CAT812 features a RESET
push-pull output (active HIGH).
Available in SOT-143 packages with Sn or
NiPdAu Green Lead finishes.
Industrial temperature range: -40ºC to +85ºC
Fast transients on the power supply are ignored and
the output is guaranteed to be in the correct state at
Vcc levels as low as 1.0 V.
APPLICATION
Computers, Servers, Laptops
The CAT811/812 are fully specified over the industrial
temperature range (-40°C to 85°C) and are available
in a compact 4-pin SOT-143 package.
Cable modems
Wireless communications
Embedded control systems
White goods
For Ordering Information details, see page 10.
Power meters
Intelligent instruments
PDAs and handheld equipment
PIN CONFIGURATION
THRESHOLD SUFFIX SELECTOR
DESCRIPTION
4 VCC
Nominal Threshold
Voltage
Threshold Suffix
Designation
1
GND
CAT811
CAT812
4.63V
L
4.38V
M
4.00V
J
3.08V
T
2.93V
S
2.63V
R
2.32V
Z
RESET
¯¯¯¯¯¯ 2
3 MR
¯¯¯
© 2010 SCILLC. All rights reserved.
1
Doc. No. MD-3005 Rev. U
Characteristics subject to change without notice


Similar Part No. - CAT812

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT812 CATALYST-CAT812 Datasheet
867Kb / 28P
   Catalyst Semiconductor
CAT812 CATALYST-CAT812 Datasheet
92Kb / 9P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
CAT812 CATALYST-CAT812 Datasheet
228Kb / 11P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
logo
ON Semiconductor
CAT812 ONSEMI-CAT812 Datasheet
118Kb / 9P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
October, 2012 ??Rev. 2
logo
Catalyst Semiconductor
CAT812J CATALYST-CAT812J Datasheet
92Kb / 9P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
More results

Similar Description - CAT812

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT811 CATALYST-CAT811_05 Datasheet
92Kb / 9P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
logo
ON Semiconductor
CAT811LTBI ONSEMI-CAT811LTBI Datasheet
118Kb / 9P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
October, 2012 ??Rev. 2
CAT811RTBI ONSEMI-CAT811RTBI Datasheet
118Kb / 9P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
October, 2012 ??Rev. 2
logo
Catalyst Semiconductor
CAT811 CATALYST-CAT811_08 Datasheet
228Kb / 11P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
logo
Diodes Incorporated
APX811 DIODES-APX811 Datasheet
223Kb / 2P
   Tiny microprocessor supervisors with manual reset
logo
Catalyst Semiconductor
CAT811 CATALYST-CAT811 Datasheet
59Kb / 11P
   4-Pin Microprocessor Power Supply Supervisors
logo
Diodes Incorporated
APX811 DIODES-APX811_09 Datasheet
175Kb / 10P
   4-Pin Microprocessor Supervisor With Manual Reset
APX811/812 Rev. 2
logo
ON Semiconductor
CAT853MTBI-GT3 ONSEMI-CAT853MTBI-GT3 Datasheet
117Kb / 9P
   3-Pin Microprocessor Power Supply Supervisors
May, 2012 ??Rev. 10
CAT810STBI-T10 ONSEMI-CAT810STBI-T10 Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT810JTBI ONSEMI-CAT810JTBI Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com