Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

890-19-036-10-802 Datasheet(PDF) 1 Page - Mill-Max Mfg. Corp.

Part # 890-19-036-10-802
Description  INTERCONNECTS .025??Square Pin Headers Single and Double Row
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MILL-MAX [Mill-Max Mfg. Corp.]
Direct Link  http://www.mill-max.com
Logo MILL-MAX - Mill-Max Mfg. Corp.

890-19-036-10-802 Datasheet(HTML) 1 Page - Mill-Max Mfg. Corp.

  890-19-036-10-802 Datasheet HTML 1Page - Mill-Max Mfg. Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Mill-Max-Mfg.Corp., P.O. Box 300, 190 Pine Hollow Road, Oyster Bay, NY 11771-0300.Tel: 516-922-6000 Fax: 516-922-9253
85
INTERCONNECTS
.025” Square Pin Headers
Single and Double Row
Series 890, 892
SPECIFY PLATING CODE XX=
1 9
3 9
9 0
10
µ” Au
30
µ” Au
150
µ” Sn/Pb
150
µ” Sn/Pb 150µ” Sn/Pb 150µ” Sn/Pb
XX= Plating Code
See Below
Pin (Dim ‘A’)
Tail (Dim ‘B’)
• Square pin headers may be used
as board-to-board interconnects
using series 801, 803 socket
strips; or as a hardware program-
ming switch with series 999 color
coded jumpers.
• Single and double row strips are
available with straight or right
angle solder tails.
• Current rating is 1 amp.
• Insulator is std. temp.
thermoplastic.
PIN
LENGTH
A
TAIL
LENGTH
B
LENGTH OF
SELECTIVE
GOLD
G min.
Single Row Fig.1
Vertical Mount
Double Row Fig.2
Vertical Mount
Single Row Fig.3
Right Angle
Double Row Fig.4
Right Angle
.230
.100
.180
890-XX-XXX-10-802
892-XX-XXX-10-802
.235
.120
.180
890-XX-XXX-10-803
892-XX-XXX-10-803
.230
.205
.180
890-XX-XXX-10-805
892-XX-XXX-10-805
.230
.305
.180
890-XX-XXX-10-806
892-XX-XXX-10-806
Ordering Information
.230
.405
.180
890-XX-XXX-10-807
892-XX-XXX-10-807
.230
.505
.180
890-XX-XXX-10-808
892-XX-XXX-10-808
.265
.135
.215
890-XX-XXX-10-800
892-XX-XXX-10-800
.335
.100
.285
890-XX-XXX-10-809
892-XX-XXX-10-809
.230
.115
.180
890-XX-XXX-20-902
892-XX-XXX-20-902
Specify number
of pins XXX:
From 002
To
036
Specify total
no. of pins XXX:
From 004 (2x2)
To
072 (2x36)


Similar Part No. - 890-19-036-10-802

ManufacturerPart #DatasheetDescription
logo
Precid-Dip Durtal SA
890-19-024-10-000 PREDIP-890-19-024-10-000 Datasheet
57Kb / 1P
   PCB connectors 2.54 mm Single row / double row Solder tail
890-19-024-10-800 PREDIP-890-19-024-10-800 Datasheet
57Kb / 1P
   PCB connectors 2.54 mm Single row / double row Solder tail
890-19-024-10-802 PREDIP-890-19-024-10-802 Datasheet
57Kb / 1P
   PCB connectors 2.54 mm Single row / double row Solder tail
890-19-024-10-803 PREDIP-890-19-024-10-803 Datasheet
57Kb / 1P
   PCB connectors 2.54 mm Single row / double row Solder tail
890-19-024-10-804 PREDIP-890-19-024-10-804 Datasheet
57Kb / 1P
   PCB connectors 2.54 mm Single row / double row Solder tail
More results

Similar Description - 890-19-036-10-802

ManufacturerPart #DatasheetDescription
logo
Mill-Max Mfg. Corp.
830-10-001-10-001000 MILL-MAX-830-10-001-10-001000 Datasheet
177Kb / 1P
   INTERCONNECTS 2mm Grid Headers and Sockets Single and Double Row
850 MILL-MAX-850 Datasheet
260Kb / 1P
   INTERCONNECTS .050??Grid Headers and Sockets Single and Double Row
830-10-001-20-001000 MILL-MAX-830-10-001-20-001000 Datasheet
155Kb / 1P
   INTERCONNECTS 2mm Grid Right Angle Headers and Sockets Single and Double Row
830-10-001-30-001000 MILL-MAX-830-10-001-30-001000 Datasheet
201Kb / 1P
   INTERCONNECTS 2mm Grid Surface Mount Headers And Sockets Single and Double Row
329-10-102-00-560000 MILL-MAX-329-10-102-00-560000 Datasheet
180Kb / 1P
   INTERCONNECTS 2,54 Grid Surface Mount Headers and Sockets Single and Double Row
329 MILL-MAX-329 Datasheet
211Kb / 1P
   INTERCONNECTS 2,54 Grid Solder Cup Headers and Sockets Single and Double Row
850-10-001-30-001000 MILL-MAX-850-10-001-30-001000 Datasheet
253Kb / 1P
   INTERCONNECTS .050??Grid Surface Mount Headers and Sockets Single and Double Row
850-10-001-20-001000 MILL-MAX-850-10-001-20-001000 Datasheet
277Kb / 1P
   INTERCONNECTS .050??Grid Right Angle Headers and Sockets Single and Double Row
800 MILL-MAX-800 Datasheet
184Kb / 1P
   INTERCONNECTS .100??Grid (.030??dia.) Low Profile Headers & Versatile Sockets Single and Double Row
800-10-003-30-001000 MILL-MAX-800-10-003-30-001000 Datasheet
176Kb / 1P
   INTERCONNECTS .100??Grid (.030??dia.) Pins, Surface Mount Headers & Sockets Single and Double Row
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com