Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT811MTBI-T3 Datasheet(PDF) 10 Page - ON Semiconductor

Part # CAT811MTBI-T3
Description  4-Pin Microprocessor Power Supply Supervisors with Manual Reset
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT811MTBI-T3 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button CAT811MTBI-T3 Datasheet HTML 3Page - ON Semiconductor CAT811MTBI-T3 Datasheet HTML 4Page - ON Semiconductor CAT811MTBI-T3 Datasheet HTML 5Page - ON Semiconductor CAT811MTBI-T3 Datasheet HTML 6Page - ON Semiconductor CAT811MTBI-T3 Datasheet HTML 7Page - ON Semiconductor CAT811MTBI-T3 Datasheet HTML 8Page - ON Semiconductor CAT811MTBI-T3 Datasheet HTML 9Page - ON Semiconductor CAT811MTBI-T3 Datasheet HTML 10Page - ON Semiconductor CAT811MTBI-T3 Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
CAT811, CAT812
(1)
EXAMPLE OF ORDERING INFORMATION
Prefix
Device #
Suffix
CAT
811
S
TB
I
-G
T10
Company ID
Trip Level
L: 4.63V
M: 4.38V
J: 4.00V
T: 3.08V
S: 2.93V
R: 2.63V
Z: 2.32V
Product Number
811: Push-Pull/Active Low Output
812: Push-Pull/Active High Output
Tape & Reel
T: Tape & Reel
3: 3,000/Reel
10: 10,000/Reel
Lead Finish
Blank: Matte-Tin
G: NiPdAu
Package
TB: SOT-143
Temperature Range
I = Industrial (-40ºC to 85ºC)
Notes:
(1) All packages are RoHS-compliant (Lead-free, Halogen-free).
(2) The standard lead finish is NiPdAu. Contact factory for other package availability.
(3) This device used in the above example is a CAT811STBI-GT10 (SOT-143 4-Lead, Push-Pull/Active Low Output, trip level of 2.85V to
3.00V, NiPdAu, Tape & Reel, 10,000/Reel)
(4) For additional package and temperature options, please contact your nearest ON Semiconductor Sales office.
Doc. No. MD-3005 Rev. U
10
© 2010 SCILLC. All rights reserved.
Characteristics subject to change without notice


Similar Part No. - CAT811MTBI-T3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT811MTBI-T3 CATALYST-CAT811MTBI-T3 Datasheet
228Kb / 11P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
logo
ON Semiconductor
CAT811MTBI-T3 ONSEMI-CAT811MTBI-T3 Datasheet
118Kb / 9P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
October, 2012 ??Rev. 2
CAT811MTBI-T3 ONSEMI-CAT811MTBI-T3 Datasheet
118Kb / 9P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
October, 2012 ??Rev. 2
More results

Similar Description - CAT811MTBI-T3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT811 CATALYST-CAT811_05 Datasheet
92Kb / 9P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
logo
ON Semiconductor
CAT811LTBI ONSEMI-CAT811LTBI Datasheet
118Kb / 9P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
October, 2012 ??Rev. 2
CAT811RTBI ONSEMI-CAT811RTBI Datasheet
118Kb / 9P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
October, 2012 ??Rev. 2
logo
Catalyst Semiconductor
CAT811 CATALYST-CAT811_08 Datasheet
228Kb / 11P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
logo
Diodes Incorporated
APX811 DIODES-APX811 Datasheet
223Kb / 2P
   Tiny microprocessor supervisors with manual reset
logo
Catalyst Semiconductor
CAT811 CATALYST-CAT811 Datasheet
59Kb / 11P
   4-Pin Microprocessor Power Supply Supervisors
logo
Diodes Incorporated
APX811 DIODES-APX811_09 Datasheet
175Kb / 10P
   4-Pin Microprocessor Supervisor With Manual Reset
APX811/812 Rev. 2
logo
ON Semiconductor
CAT853MTBI-GT3 ONSEMI-CAT853MTBI-GT3 Datasheet
117Kb / 9P
   3-Pin Microprocessor Power Supply Supervisors
May, 2012 ??Rev. 10
CAT810STBI-T10 ONSEMI-CAT810STBI-T10 Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT810JTBI ONSEMI-CAT810JTBI Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com