Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT811RTBI-GT10 Datasheet(PDF) 2 Page - ON Semiconductor

Part # CAT811RTBI-GT10
Description  4-Pin Microprocessor Power Supply Supervisors with Manual Reset
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT811RTBI-GT10 Datasheet(HTML) 2 Page - ON Semiconductor

  CAT811RTBI-GT10 Datasheet HTML 1Page - ON Semiconductor CAT811RTBI-GT10 Datasheet HTML 2Page - ON Semiconductor CAT811RTBI-GT10 Datasheet HTML 3Page - ON Semiconductor CAT811RTBI-GT10 Datasheet HTML 4Page - ON Semiconductor CAT811RTBI-GT10 Datasheet HTML 5Page - ON Semiconductor CAT811RTBI-GT10 Datasheet HTML 6Page - ON Semiconductor CAT811RTBI-GT10 Datasheet HTML 7Page - ON Semiconductor CAT811RTBI-GT10 Datasheet HTML 8Page - ON Semiconductor CAT811RTBI-GT10 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
CAT811, CAT812
PIN DESCRIPTION
Pin Number
Name
Description
CAT811
CAT812
1
1
GND
Ground
Active LOW reset. RESET
¯¯¯¯¯¯ is asserted if V
2
RESET
¯¯¯¯¯¯
CC falls below the reset threshold
and remains low for at least 140ms after VCC rises above the reset threshold.
Active HIGH reset. RESET is asserted if VCC falls below the reset threshold
and remains high for at least 140ms after V
2
RESET
CC rises above the reset
threshold.
Manual Reset Input. A logic LOW on MR
¯¯¯ asserts RESET. RESET remains
active as long as MR
¯¯¯ is LOW and for 140ms after MR
¯¯¯ returns HIGH. The
active low input has an internal 20kΩ pull-up resistor. The input should be
left open if not used.
MR
¯¯¯
3
3
4
4
V
Power supply voltage that is monitored.
CC
BLOCK DIAGRAM
CAT812
VCC
RESET
+
RESET
&
DIGITAL
DELAY
VCC
TOLERANCE
BIAS
VOLTAGE
REFERENCE
GND
CAT811
VCC
RESET
+
RESET
&
DIGITAL
DELAY
VCC
TOLERANCE
BIAS
VOLTAGE
REFERENCE
GND
VCC
VCC
MR
MR
Doc. No. MD-3005 Rev. U
2
© 2010 SCILLC. All rights reserved.
Characteristics subject to change without notice


Similar Part No. - CAT811RTBI-GT10

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT811RTBI-GT10 CATALYST-CAT811RTBI-GT10 Datasheet
228Kb / 11P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
More results

Similar Description - CAT811RTBI-GT10

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT811 CATALYST-CAT811_05 Datasheet
92Kb / 9P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
logo
ON Semiconductor
CAT811LTBI ONSEMI-CAT811LTBI Datasheet
118Kb / 9P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
October, 2012 ??Rev. 2
CAT811RTBI ONSEMI-CAT811RTBI Datasheet
118Kb / 9P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
October, 2012 ??Rev. 2
logo
Catalyst Semiconductor
CAT811 CATALYST-CAT811_08 Datasheet
228Kb / 11P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
logo
Diodes Incorporated
APX811 DIODES-APX811 Datasheet
223Kb / 2P
   Tiny microprocessor supervisors with manual reset
logo
Catalyst Semiconductor
CAT811 CATALYST-CAT811 Datasheet
59Kb / 11P
   4-Pin Microprocessor Power Supply Supervisors
logo
Diodes Incorporated
APX811 DIODES-APX811_09 Datasheet
175Kb / 10P
   4-Pin Microprocessor Supervisor With Manual Reset
APX811/812 Rev. 2
logo
ON Semiconductor
CAT853MTBI-GT3 ONSEMI-CAT853MTBI-GT3 Datasheet
117Kb / 9P
   3-Pin Microprocessor Power Supply Supervisors
May, 2012 ??Rev. 10
CAT810STBI-T10 ONSEMI-CAT810STBI-T10 Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT810JTBI ONSEMI-CAT810JTBI Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com