Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT93C56ZD4A-GT2E Datasheet(PDF) 7 Page - ON Semiconductor

Part # CAT93C56ZD4A-GT2E
Description  2-Kb Microwire Serial CMOS EEPROM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT93C56ZD4A-GT2E Datasheet(HTML) 7 Page - ON Semiconductor

Back Button CAT93C56ZD4A-GT2E Datasheet HTML 3Page - ON Semiconductor CAT93C56ZD4A-GT2E Datasheet HTML 4Page - ON Semiconductor CAT93C56ZD4A-GT2E Datasheet HTML 5Page - ON Semiconductor CAT93C56ZD4A-GT2E Datasheet HTML 6Page - ON Semiconductor CAT93C56ZD4A-GT2E Datasheet HTML 7Page - ON Semiconductor CAT93C56ZD4A-GT2E Datasheet HTML 8Page - ON Semiconductor CAT93C56ZD4A-GT2E Datasheet HTML 9Page - ON Semiconductor CAT93C56ZD4A-GT2E Datasheet HTML 10Page - ON Semiconductor CAT93C56ZD4A-GT2E Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
CAT93C56, CAT93C57
http://onsemi.com
7
Read
Upon receiving a READ command and an address
(clocked into the DI pin), the DO pin of the CAT93C56/57
will come out of the high impedance state and, after sending
an initial dummy zero bit, will begin shifting out the data
addressed (MSB first). The output data bits will toggle on
the rising edge of the SK clock and are stable after the
specified time delay (tPD0 or tPD1).
For the CAT93C56/57, after the initial data word has been
shifted out and CS remains asserted with the SK clock
continuing to toggle, the device will automatically
increment to the next address and shift out the next data word
in a sequential READ mode. As long as CS is continuously
asserted and SK continues to toggle, the device will keep
incrementing to the next address automatically until it
reaches to the end of the address space, then loops back to
address 0. In the sequential READ mode, only the initial
data word is preceeded by a dummy zero bit. All subsequent
data words will follow without a dummy zero bit. The
READ instruction timing is illustrated in Figure 3.
Erase/Write Enable and Disable
The CAT93C56/57 powers up in the write disable state.
Any writing after power−up or after an EWDS (erase/write
disable) instruction must first be preceded by the EWEN
(erase/write enable) instruction. Once the write instruction
is enabled, it will remain enabled until power to the device
is removed, or the EWDS instruction is sent. The EWDS
instruction can be used to disable all CAT93C56/57 write
and erase instructions, and will prevent any accidental
writing or clearing of the device. Data can be read normally
from the device regardless of the write enable/disable status.
The EWEN and EWDS instructions timing is shown in
Figure 4.
SK
CS
DI
DO
HIGH−Z
11
0
Dummy 0
Address + 1 Address + 2 Address + n
Don’t Care
Figure 3. READ Instruction Timing
AN AN−1
A0
tPD0
D15 . . .
or
D7 . . .
D15 . . . D0
or
D7 . . . D0
D15 . . . D0
or
D7 . . . D0
D15 . . . D0
or
D7 . . . D0
CS
DI
STANDBY
10
0
*
* ENABLE = 11
DISABLE = 00
SK
Figure 4. EWEN/EWDS Instruction Timing


Similar Part No. - CAT93C56ZD4A-GT2E

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT93C56ZD4A-GT2E CATALYST-CAT93C56ZD4A-GT2E Datasheet
411Kb / 9P
   2K-Bit Microwire Serial EEPROM
More results

Similar Description - CAT93C56ZD4A-GT2E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT93C56LI-G ONSEMI-CAT93C56LI-G Datasheet
155Kb / 17P
   2-Kb Microwire Serial CMOS EEPROM
August, 2009 ??Rev. 18
logo
Catalyst Semiconductor
CAT93C56 CATALYST-CAT93C56_07 Datasheet
374Kb / 18P
   2-Kb Microwire Serial CMOS EEPROM
logo
ON Semiconductor
CAV93C56 ONSEMI-CAV93C56 Datasheet
136Kb / 10P
   2 Kb Microwire Serial CMOS EEPROM
December, 2013 ??Rev. 0
CAT93C66V-TE13 ONSEMI-CAT93C66V-TE13 Datasheet
175Kb / 16P
   4 kb Microwire Serial CMOS EEPROM
April, 2012 ??Rev. 11
logo
Catalyst Semiconductor
CAT93C66 CATALYST-CAT93C66_07 Datasheet
261Kb / 17P
   4-Kb Microwire Serial CMOS EEPROM
logo
ON Semiconductor
CAT93C66 ONSEMI-CAT93C66 Datasheet
438Kb / 17P
   4-Kb Microwire Serial CMOS EEPROM
Doc. No. MD-1089 Rev. T
CAT93C66P ONSEMI-CAT93C66P Datasheet
175Kb / 16P
   4 kb Microwire Serial CMOS EEPROM
April, 2012 ??Rev. 11
CAV93C66 ONSEMI-CAV93C66 Datasheet
134Kb / 10P
   4 Kb Microwire Serial CMOS EEPROM
December, 2013 ??Rev. P0
CAT93C66VE ONSEMI-CAT93C66VE Datasheet
175Kb / 16P
   4 kb Microwire Serial CMOS EEPROM
April, 2012 ??Rev. 11
CAT93C66 ONSEMI-CAT93C66_15 Datasheet
116Kb / 13P
   4 kb Microwire Serial CMOS EEPROM
August, 2015 ??Rev. 13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com