Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1772256 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1772256
Description  HC-D 7-TFL-49/M1PG11S/PA
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1772256 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1772256 Datasheet HTML 1Page - PHOENIX CONTACT 1772256 Datasheet HTML 2Page - PHOENIX CONTACT 1772256 Datasheet HTML 3Page - PHOENIX CONTACT 1772256 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
HC-D 7-TFL-49/M1PG11S/PA Order No.: 1772256
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1772256
PHOENIX CONTACT Inc., USA
Page 2 / 4
http://www.phoenixcon.com
Feb 25, 2010
Design
D7
Height
48 mm
Width
28 mm
Length
26.5 mm
Housing type
Sleeve housings
Locking type
for single locking latch
Type of the screw connection
1x Pg11
Pg screw connection
With
Wrench size, union nut
18 mm
Cable exit
Lateral
External cable diameter
7.5 mm ... 12.5 mm
Degree of protection
IP54 / IP65 with sealing screw
Ambient temperature (operation)
-40 °C ... 125 °C
Housing material
PA
Housing surface material
PA, light gray
Cable gland material
PA
Cable seal material
NBR
Locking latch material
PA
Certificates / Approvals
Certification
GOST
Accessories
Item
Designation
Description
Assembly
1686229
HC-D 7-DS-IP65
Sealing screw, for IP65 protection


Similar Part No. - 1772256

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1772250000 WEIDMULLER-1772250000 Datasheet
742Kb / 22P
   Cable glands
More results

Similar Description - 1772256

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1675463 PHOENIX-1675463 Datasheet
57Kb / 4P
   Housing - HC-D 7-TFL-49/O1PG11S/PA
1773271 PHOENIX-1773271 Datasheet
99Kb / 4P
   HC-D 7-TFL-48/M1PG11S
1772269 PHOENIX-1772269 Datasheet
88Kb / 4P
   HC-D 7-TFL-57/M1PG11G/PA
1675450 PHOENIX-1675450 Datasheet
57Kb / 4P
   Housing - HC-D 7-TFL-57/O1PG11G/PA
1604889 PHOENIX-1604889 Datasheet
54Kb / 2P
   Housing - HC-D 7-TFL-57/O1M20G/PA
1773048 PHOENIX-1773048 Datasheet
112Kb / 4P
   HC-D 7-TFL-57/M1PG11G
1604888 PHOENIX-1604888 Datasheet
116Kb / 4P
   HC-D 7-TFL-57/O1M20G
1660627 PHOENIX-1660627 Datasheet
60Kb / 4P
   Housing - HC-D 7-TFL-57/O1PG11G
1672932 PHOENIX-1672932 Datasheet
58Kb / 4P
   Housing - HC-D 7-TFL-48/O1PG11S
1641510 PHOENIX-1641510 Datasheet
129Kb / 5P
   HC-A3-BUQ1,5-TFL-G-PA
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com