Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT4002BSD-GT3 Datasheet(PDF) 1 Page - ON Semiconductor

Part # CAT4002BSD-GT3
Description  Constant Current Programmable LED Driver with 32 Dimming Levels
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT4002BSD-GT3 Datasheet(HTML) 1 Page - ON Semiconductor

  CAT4002BSD-GT3 Datasheet HTML 1Page - ON Semiconductor CAT4002BSD-GT3 Datasheet HTML 2Page - ON Semiconductor CAT4002BSD-GT3 Datasheet HTML 3Page - ON Semiconductor CAT4002BSD-GT3 Datasheet HTML 4Page - ON Semiconductor CAT4002BSD-GT3 Datasheet HTML 5Page - ON Semiconductor CAT4002BSD-GT3 Datasheet HTML 6Page - ON Semiconductor CAT4002BSD-GT3 Datasheet HTML 7Page - ON Semiconductor CAT4002BSD-GT3 Datasheet HTML 8Page - ON Semiconductor CAT4002BSD-GT3 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
© Semiconductor Components Industries, LLC, 2010
January, 2010 − Rev. 2
1
Publication Order Number:
CAT4002B/D
CAT4002B, CAT4003B,
CAT4004B
Constant Current
Programmable LED Driver
with 32 Dimming Levels
Description
The CAT4002B, CAT4003B and CAT4004B provide respectively
two, three and four matched low dropout current sources to drive
LEDs. The CAT400XB requires no external RSET resistor; the LED
current is internally set to 25 mA when the device is first enabled.
Each LED channel includes an individual control loop allowing the
device to handle a wide range of LED forward voltages while still
maintaining tight current matching.
The EN/DIM logic input supports the device enable and a digital
dimming interface for setting the LED channel current with 32 linear
dimming levels.
LEDs can be powered directly from a Lithium−ion battery due to the
low dropout (75 mV at 20 mA) current sinks.
Package options are available including the 4−channel tiny 8−pad
UDFN 2 mm x 2 mm with a max height of 0.55 mm, and 2 or 3−
channel in the 6−lead TSOT−23 and SC−70.
Features
2, 3, 4 LED Current Sinks with Tight Matching
32 Dimming Levels
Low Dropout Driver 75 mV at 20 mA
No Switching Noise
Shutdown Current less than 1 mA
25 mA Max LED Current per Channel
Dimming via 1−wire EZDimt Interface
Thermal Shutdown Protection
RoHS Compliant
6−lead TSOT−23, SC−70, and 8−pad UDFN 2 mm x 2 mm Packages
Typical Applications
LCD Display Backlight
Cellular Phones
Digital Still Cameras
http://onsemi.com
See detailed ordering information on page 2 of this data
sheet.
ORDERING INFORMATION
SC70−6
SD SUFFIX
CASE 419AD
TSOT23−6
TD SUFFIX
CASE 419AF
UDFN−8
HU2 SUFFIX
CASE 517AW
TYPICAL APPLICATION CIRCUIT
GND
VIN
2.4 V
to
5.5 V
EN/DIM
CAT4002B
VIN
1 mF
LED1
LED2
One Wire
Programming
32 Steps
CIN


Similar Part No. - CAT4002BSD-GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT4002A ONSEMI-CAT4002A Datasheet
183Kb / 11P
   Constant Current LED Driver with 32 Dimming Levels and Rset
July, 2010 ??Rev. 0
CAT4002A ONSEMI-CAT4002A Datasheet
165Kb / 11P
   Constant Current LED Driver
June, 2011 ??Rev. 2
CAT4002ASD-GT3 ONSEMI-CAT4002ASD-GT3 Datasheet
183Kb / 11P
   Constant Current LED Driver with 32 Dimming Levels and Rset
July, 2010 ??Rev. 0
CAT4002ASD-GT3 ONSEMI-CAT4002ASD-GT3 Datasheet
165Kb / 11P
   Constant Current LED Driver
June, 2011 ??Rev. 2
CAT4002ASD-GT3 ONSEMI-CAT4002ASD-GT3 Datasheet
165Kb / 11P
   Constant Current LED Driver
June, 2011 ??Rev. 2
More results

Similar Description - CAT4002BSD-GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT4002A ONSEMI-CAT4002A_10 Datasheet
183Kb / 11P
   Constant Current LED Driver with 32 Dimming Levels and Rset
July, 2010 ??Rev. 0
CAT3649 ONSEMI-CAT3649_14 Datasheet
303Kb / 13P
   6-Channel LED Driver with 32 Dimming Levels & PWM
August, 2014 ??Rev. 3
logo
E-CMOS Corporation
EC4215 E-CMOS-EC4215 Datasheet
257Kb / 6P
   Constant Current LED Driver with PWM Dimming
logo
Shenzhen Huazhimei Semi...
HM7138 HMSEMI-HM7138 Datasheet
375Kb / 7P
   PWM dimming LED constant current driver
logo
ON Semiconductor
CAT3649 ONSEMI-CAT3649 Datasheet
304Kb / 14P
   6-Channel Quad-Mode LED Driver with 32 Dimming Levels & PWM
November, 2010 ??Rev. 2
logo
New Japan Radio
NJW4615A NJRC-NJW4615A Datasheet
70Kb / 4P
   Constant Current LED Driver with PWM Dimming Control
logo
ON Semiconductor
CAT4003B ONSEMI-CAT4003B_12 Datasheet
178Kb / 12P
   Constant Current Programmable LED Driver
January, 2012 ??Rev. 2
logo
Unisonic Technologies
L3060 UTC-L3060_17 Datasheet
249Kb / 5P
   HIGH DIMMING RATIO LED CONSTANT CURRENT DRIVER
logo
ON Semiconductor
CAT4101TV-T75 ONSEMI-CAT4101TV-T75 Datasheet
158Kb / 11P
   1 A Constant-Current LED Driver with PWM Dimming
Doc. No. MD-5036, Rev. D
logo
Shenzhen Huazhimei Semi...
HM3343 HMSEMI-HM3343 Datasheet
1Mb / 10P
   PWM dimming LED constant current driver chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com