Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT4004 Datasheet(PDF) 1 Page - ON Semiconductor

Part # CAT4004
Description  4-Channel Constant Current LED Driver with EZDim
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT4004 Datasheet(HTML) 1 Page - ON Semiconductor

  CAT4004 Datasheet HTML 1Page - ON Semiconductor CAT4004 Datasheet HTML 2Page - ON Semiconductor CAT4004 Datasheet HTML 3Page - ON Semiconductor CAT4004 Datasheet HTML 4Page - ON Semiconductor CAT4004 Datasheet HTML 5Page - ON Semiconductor CAT4004 Datasheet HTML 6Page - ON Semiconductor CAT4004 Datasheet HTML 7Page - ON Semiconductor CAT4004 Datasheet HTML 8Page - ON Semiconductor CAT4004 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© Semiconductor Components Industries, LLC, 2010
March, 2010 − Rev. 2
1
Publication Order Number:
CAT4004/D
CAT4004
4-Channel Constant Current
LED Driver with EZDimt
Description
The CAT4004 provides four matched low dropout current sources to
drive LEDs. An external resistor on RSET sets the current in the LED
channels. Each LED channel includes an individual control loop
allowing the device to handle a wide range of LED forward voltages
while still maintaining tight current matching.
The EN/DIM logic inputs supports device enable and a digital
dimming interface for current setting of all LEDs. Six different current
dimming ratios are available.
The device is aimed at “direct drive” battery applications. It is
required that the battery or voltage source have enough headroom to
drive the LED forward voltage and current sink (>150 mV).
The device is available in a tiny 8−lead TDFN 2 mm x 3 mm
package with a max height of 0.8 mm.
Features
Four LED Current Sinks with Tight Matching
Low Dropout Driver 130 mV at 30 mA
No Switching Noise
Shutdown Current < 1 mA
LED Current set by External Resistor
Dimming via 1−wire EZDimt Interface
Thermal Shutdown Protection
8−lead 2 mm x 3 mm TDFN Package
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
Applications
LCD Display Backlight
Cellular Phones
Digital Still Cameras
Handheld Devices
Figure 1. Typical Application Circuit
CAT4004
VIN
EN/DIM
RSET
GND
LED1 LED2 LED3 LED4
RSET
3.8 kW
One wire
programming
20 mA
1 mF
2.4 V
to
5.5 V
CIN
VIN
http://onsemi.com
PIN CONNECTIONS
MARKING DIAGRAMS
FX = CAT4004VP2−T3
HA = CAT4004VP2−GT3
A = Assembly Location
XXX = Last Three Digits of Assembly Lot Number
Y = Production Year (Last Digit)
M = Production Month (1−9, A, B, C)
(Top View)
Device
Package
Shipping
ORDERING INFORMATION
CAT4004VP2−T3
(Note 1)
TDFN−8
(Pb−Free)
3,000/
Tape & Reel
1. Matte−Tin Plated Finish (RoHS−compliant).
2. NiPdAu Plated Finish (RoHS−compliant).
TDFN−8
VP2 SUFFIX
CASE 511AK
CAT4004VP2−GT3
(Note 2)
TDFN−8
(Pb−Free)
3,000/
Tape & Reel
LED3
RSET
VIN
LED2
LED1
GND
EN/DIM
LED4
1
FXA
XXX
YM
HAA
XXX
YM


Similar Part No. - CAT4004

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT4004 CATALYST-CAT4004 Datasheet
295Kb / 11P
   4-Channel Constant Current LED Driver with EZDi TM
CAT4004 CATALYST-CAT4004 Datasheet
248Kb / 11P
   4-Channel Constant Current LED Driver with EZDim?
logo
ON Semiconductor
CAT4004A ONSEMI-CAT4004A Datasheet
183Kb / 11P
   Constant Current LED Driver with 32 Dimming Levels and Rset
July, 2010 ??Rev. 0
CAT4004A ONSEMI-CAT4004A Datasheet
165Kb / 11P
   Constant Current LED Driver
June, 2011 ??Rev. 2
CAT4004AHU2-GT3 ONSEMI-CAT4004AHU2-GT3 Datasheet
183Kb / 11P
   Constant Current LED Driver with 32 Dimming Levels and Rset
July, 2010 ??Rev. 0
More results

Similar Description - CAT4004

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT4004 CATALYST-CAT4004_08 Datasheet
248Kb / 11P
   4-Channel Constant Current LED Driver with EZDim?
logo
ON Semiconductor
CAT4004VP2-T3 ONSEMI-CAT4004VP2-T3 Datasheet
219Kb / 11P
   4-Channel Constant Current LED Driver with EZDim
Doc. No. MD-5024 Rev. C
logo
SamHop Microelectronics...
SM6704 SAMHOP-SM6704 Datasheet
86Kb / 1P
   4-Channel Constant Current LED Driver
SM6704A SAMHOP-SM6704A Datasheet
86Kb / 1P
   4-Channel Constant Current LED Driver
logo
M.S. Kennedy Corporatio...
SM6704A MSK-SM6704A Datasheet
86Kb / 1P
   4-Channel Constant Current LED Driver
SM6704 MSK-SM6704 Datasheet
86Kb / 1P
   4-Channel Constant Current LED Driver
logo
Catalyst Semiconductor
CAT4004 CATALYST-CAT4004 Datasheet
295Kb / 11P
   4-Channel Constant Current LED Driver with EZDi TM
logo
List of Unclassifed Man...
UCS2904B ETC-UCS2904B Datasheet
488Kb / 8P
   4-channel LED constant current driver UCS2904B
ver2.
logo
Lowpower Semiconductor ...
LP3360 POWER-LP3360 Datasheet
225Kb / 6P
   4-Channel Constant Current White LED Driver
logo
ON Semiconductor
CAT3616 ONSEMI-CAT3616 Datasheet
322Kb / 14P
   6-Channel Charge Pump LED Driver with EZDim
April, 2010 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com