Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT4004 Datasheet(PDF) 10 Page - ON Semiconductor

Part # CAT4004
Description  4-Channel Constant Current LED Driver with EZDim
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT4004 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button CAT4004 Datasheet HTML 2Page - ON Semiconductor CAT4004 Datasheet HTML 3Page - ON Semiconductor CAT4004 Datasheet HTML 4Page - ON Semiconductor CAT4004 Datasheet HTML 5Page - ON Semiconductor CAT4004 Datasheet HTML 6Page - ON Semiconductor CAT4004 Datasheet HTML 7Page - ON Semiconductor CAT4004 Datasheet HTML 8Page - ON Semiconductor CAT4004 Datasheet HTML 9Page - ON Semiconductor CAT4004 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
CAT4004
http://onsemi.com
10
Example of Ordering Information (Note 6)
Prefix
Device #
Suffix
Company ID
CAT
4004
Product Number
4004
T3
T: Tape & Reel
3: 3,000 / Reel
Tape & Reel (Note 8)
(Optional)
VP2
Package
− G
G: NiPdAu
Blank: Matte−Tin (Note 7)
Lead Finish
VP2: TDFN 2 x 3 mm
4. All packages are RoHS−compliant (Lead−free, Halogen−free).
5. The standard lead finish is NiPdAu.
6. The device used in the above example is a CAT4004VP2−GT3 (TDFN, NiPdAu Plated Finish, Tape & Reel, 3,000/Reel).
7. For Matte−Tin package option, please contact your nearest ON Semiconductor Sales office.
8. For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should
Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
CAT4004/D
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5773−3850
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Similar Part No. - CAT4004

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT4004 CATALYST-CAT4004 Datasheet
295Kb / 11P
   4-Channel Constant Current LED Driver with EZDi TM
CAT4004 CATALYST-CAT4004 Datasheet
248Kb / 11P
   4-Channel Constant Current LED Driver with EZDim?
logo
ON Semiconductor
CAT4004A ONSEMI-CAT4004A Datasheet
183Kb / 11P
   Constant Current LED Driver with 32 Dimming Levels and Rset
July, 2010 ??Rev. 0
CAT4004A ONSEMI-CAT4004A Datasheet
165Kb / 11P
   Constant Current LED Driver
June, 2011 ??Rev. 2
CAT4004AHU2-GT3 ONSEMI-CAT4004AHU2-GT3 Datasheet
183Kb / 11P
   Constant Current LED Driver with 32 Dimming Levels and Rset
July, 2010 ??Rev. 0
More results

Similar Description - CAT4004

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT4004 CATALYST-CAT4004_08 Datasheet
248Kb / 11P
   4-Channel Constant Current LED Driver with EZDim?
logo
ON Semiconductor
CAT4004VP2-T3 ONSEMI-CAT4004VP2-T3 Datasheet
219Kb / 11P
   4-Channel Constant Current LED Driver with EZDim
Doc. No. MD-5024 Rev. C
logo
SamHop Microelectronics...
SM6704 SAMHOP-SM6704 Datasheet
86Kb / 1P
   4-Channel Constant Current LED Driver
SM6704A SAMHOP-SM6704A Datasheet
86Kb / 1P
   4-Channel Constant Current LED Driver
logo
M.S. Kennedy Corporatio...
SM6704A MSK-SM6704A Datasheet
86Kb / 1P
   4-Channel Constant Current LED Driver
SM6704 MSK-SM6704 Datasheet
86Kb / 1P
   4-Channel Constant Current LED Driver
logo
Catalyst Semiconductor
CAT4004 CATALYST-CAT4004 Datasheet
295Kb / 11P
   4-Channel Constant Current LED Driver with EZDi TM
logo
List of Unclassifed Man...
UCS2904B ETC-UCS2904B Datasheet
488Kb / 8P
   4-channel LED constant current driver UCS2904B
ver2.
logo
Lowpower Semiconductor ...
LP3360 POWER-LP3360 Datasheet
225Kb / 6P
   4-Channel Constant Current White LED Driver
logo
ON Semiconductor
CAT3616 ONSEMI-CAT3616 Datasheet
322Kb / 14P
   6-Channel Charge Pump LED Driver with EZDim
April, 2010 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com