Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT4008W-T2 Datasheet(PDF) 8 Page - ON Semiconductor

Part # CAT4008W-T2
Description  8-Channel Constant Current LED Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT4008W-T2 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button CAT4008W-T2 Datasheet HTML 4Page - ON Semiconductor CAT4008W-T2 Datasheet HTML 5Page - ON Semiconductor CAT4008W-T2 Datasheet HTML 6Page - ON Semiconductor CAT4008W-T2 Datasheet HTML 7Page - ON Semiconductor CAT4008W-T2 Datasheet HTML 8Page - ON Semiconductor CAT4008W-T2 Datasheet HTML 9Page - ON Semiconductor CAT4008W-T2 Datasheet HTML 10Page - ON Semiconductor CAT4008W-T2 Datasheet HTML 11Page - ON Semiconductor CAT4008W-T2 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
CAT4008
http://onsemi.com
8
Table 5. PIN DESCRIPTION
Name
Function
GND
Ground
SIN
Serial data input pin
CLK
Serial clock input pin
LATCH
Latch serial data to output registers
LED1−LED8
LED channel 1 to 8 cathode terminals
BLANK
Enable / disable all channels
SOUT
Serial data output pin.
RSET
LED current set pin
VDD
Positive supply Voltage
Pin Function
GND is the ground reference pin for the device. This pin
must be connected to the ground plane on the PCB.
SIN is the serial data input. Data is loaded into the internal
register on each rising edge of CLK.
CLK is the serial clock input. On each rising CLK edge, data
is transferred from SIN to the internal 8−bit serial shift
register.
LATCH is the latch data input. On the rising edge of
LATCH, data is loaded from the 8−bit serial shift register
into the output register latch. On the falling edge, this data
is latched in the output register and isolated from the state of
the serial shift register.
LED1 – LED8 are the LED current sink channels. These
pins are connected to the LED cathodes. The current sinks
drive the LEDs with a current equal to about 51 times RSET
pin current. For the LED sink to operate correctly, the
voltage on the LED pin must be above 0.4 V.
BLANK is the LED channel enable and disable input pin.
When low, LEDs are enabled according to the output latch
register content. When high, all LEDs are off, while
preserving the data in the output latch register.
SOUT is the serial data output of the 8−bit serial shift
register. This pin is used to cascade several devices on the
serial bus. The SOUT pin is then connected to the SIN input
of the next device on the serial bus to cascade.
RSET is the LED current setting pin. A resistor is connected
between this pin and ground. Each LED channel current is
set to about 51 times the current pulled out of the pin. The
RSET pin voltage is regulated to 1.2 V.
VDD is the positive supply pin voltage for the entire device.
A small 1
mF ceramic is recommended close to pin.
Current Setting Resistor
Table 6 lists standard resistor values for various LED
current settings.
Table 6.
LED CURRENT
AND RSET RESISTOR VALUES
LED Current [mA]
RSET [kW]
10
6.19
20
3.09
30
2.05
40
1.54
60
1.02
80
0.768


Similar Part No. - CAT4008W-T2

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT4008W-T2 CATALYST-CAT4008W-T2 Datasheet
258Kb / 14P
   8-Channel Constant Current LED Driver
logo
ON Semiconductor
CAT4008W-T2 ONSEMI-CAT4008W-T2 Datasheet
216Kb / 14P
   8-Channel Constant Current LED Driver
Doc. No. MD-5034 Rev. C
More results

Similar Description - CAT4008W-T2

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
TB62783FNG COMCHIP-TB62783FNG_15 Datasheet
74Kb / 6P
   8-Channel Constant-Current LED Driver
logo
Marktech Corporate
TB62777FNG MARKTECH-TB62777FNG_15 Datasheet
338Kb / 20P
   8-Channel Constant-Current LED Driver
logo
Catalyst Semiconductor
CAT4008 CATALYST-CAT4008 Datasheet
258Kb / 14P
   8-Channel Constant Current LED Driver
logo
Marktech Corporate
TB62783FNG MARKTECH-TB62783FNG Datasheet
74Kb / 6P
   8-Channel Constant-Current LED Driver
logo
ON Semiconductor
CAT4008 ONSEMI-CAT4008_15 Datasheet
89Kb / 11P
   8-Channel Constant Current LED Driver
July, 2015 ??Rev. 3
logo
Toshiba Semiconductor
TB62777FNG TOSHIBA-TB62777FNG_10 Datasheet
355Kb / 20P
   8-Channel Constant-Current LED Driver
logo
Marktech Corporate
TB62777FNG MARKTECH-TB62777FNG Datasheet
338Kb / 20P
   8-Channel Constant-Current LED Driver
TB62777FG MARKTECH-TB62777FG Datasheet
338Kb / 20P
   8-Channel Constant-Current LED Driver
logo
ON Semiconductor
CAT4008W-T2 ONSEMI-CAT4008W-T2 Datasheet
216Kb / 14P
   8-Channel Constant Current LED Driver
Doc. No. MD-5034 Rev. C
logo
Marktech Corporate
TB62777FG MARKTECH-TB62777FG_15 Datasheet
338Kb / 20P
   8-Channel Constant-Current LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com