Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT4008W-T2 Datasheet(PDF) 3 Page - ON Semiconductor

Part # CAT4008W-T2
Description  8-Channel Constant Current LED Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT4008W-T2 Datasheet(HTML) 3 Page - ON Semiconductor

  CAT4008W-T2 Datasheet HTML 1Page - ON Semiconductor CAT4008W-T2 Datasheet HTML 2Page - ON Semiconductor CAT4008W-T2 Datasheet HTML 3Page - ON Semiconductor CAT4008W-T2 Datasheet HTML 4Page - ON Semiconductor CAT4008W-T2 Datasheet HTML 5Page - ON Semiconductor CAT4008W-T2 Datasheet HTML 6Page - ON Semiconductor CAT4008W-T2 Datasheet HTML 7Page - ON Semiconductor CAT4008W-T2 Datasheet HTML 8Page - ON Semiconductor CAT4008W-T2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
CAT4008
http://onsemi.com
3
Table 3. ELECTRICAL OPERATING CHARACTERISTICS
(VDD = 5.0 V, TAMB = 25°C, over recommended operating conditions unless specified otherwise.)
Symbol
Name
Conditions
Min
Typ
Max
Units
DC CHARACTERISTICS
ILED−ACC
LED Current (any channel)
VLED = 1 V, RSET = 3.08 kW
18
20
22
mA
VLED = 1 V, RSET = 1.54 kW
36
40
44
VLED = 1 V, RSET = 769 W
80
ILED−MAT
LED Current Matching
(ILED − ILEDAVR) / ILEDAVR
VLED = 1 V, RSET = 3.08 kW
±1.5
%
VLED = 1 V, RSET = 1.54 kW
−6.0
±1.5
+6.0
VLED = 1 V, RSET = 769 W
±2.0
ΔIVDD
LED current regulation vs. VDD
VDD within 4.5 V and 5.5 V
LED current 30 mA
±0.1
% / V
ΔIVLED
LED current regulation vs. VLED
VLED within 1 V and 3 V
LED current 30 mA
±0.05
% / V
IDDOFF
Supply Current (all outputs off)
RSET = 3.08 kW
2
8
mA
RSET = 769 W
5.5
IDDON
Supply Current (all outputs on)
RSET = 3.08 kW
2.5
9
mA
RSET = 769 W
6.2
ILKG
LEDn output Leakage
VLED = 5 V, outputs off
−1
1
mA
RLATCH
LATCH Pull−down Resistance
100
180
300
kW
RBLANK
BLANK Pull−up Resistance
100
180
300
kW
VIH
VIL
Logic high input voltage
Logic low input voltage
0.7xVDD
0.3xVDD
V
VHYS
Logic input hysteresis voltage
0.1xVDD
V
IIL
Logic Input leakage current
(CLK, SIN)
VI = VDD or GND
−5
0
5
mA
VOH
VOL
SOUT logic high output voltage
SOUT logic low output voltage
IOH = −1 mA
IOL = 1 mA
VCC−0.3 V
0.3
V
VRSET
RSET Regulated Voltage
BLANK high, outputs off
1.17
1.20
1.23
V
TSD
Thermal Shutdown
160
°C
THYST
Thermal Hysteresis
20
°C


Similar Part No. - CAT4008W-T2

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT4008W-T2 CATALYST-CAT4008W-T2 Datasheet
258Kb / 14P
   8-Channel Constant Current LED Driver
logo
ON Semiconductor
CAT4008W-T2 ONSEMI-CAT4008W-T2 Datasheet
216Kb / 14P
   8-Channel Constant Current LED Driver
Doc. No. MD-5034 Rev. C
More results

Similar Description - CAT4008W-T2

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
TB62783FNG COMCHIP-TB62783FNG_15 Datasheet
74Kb / 6P
   8-Channel Constant-Current LED Driver
logo
Marktech Corporate
TB62777FNG MARKTECH-TB62777FNG_15 Datasheet
338Kb / 20P
   8-Channel Constant-Current LED Driver
logo
Catalyst Semiconductor
CAT4008 CATALYST-CAT4008 Datasheet
258Kb / 14P
   8-Channel Constant Current LED Driver
logo
Marktech Corporate
TB62783FNG MARKTECH-TB62783FNG Datasheet
74Kb / 6P
   8-Channel Constant-Current LED Driver
logo
ON Semiconductor
CAT4008 ONSEMI-CAT4008_15 Datasheet
89Kb / 11P
   8-Channel Constant Current LED Driver
July, 2015 ??Rev. 3
logo
Toshiba Semiconductor
TB62777FNG TOSHIBA-TB62777FNG_10 Datasheet
355Kb / 20P
   8-Channel Constant-Current LED Driver
logo
Marktech Corporate
TB62777FNG MARKTECH-TB62777FNG Datasheet
338Kb / 20P
   8-Channel Constant-Current LED Driver
TB62777FG MARKTECH-TB62777FG Datasheet
338Kb / 20P
   8-Channel Constant-Current LED Driver
logo
ON Semiconductor
CAT4008W-T2 ONSEMI-CAT4008W-T2 Datasheet
216Kb / 14P
   8-Channel Constant Current LED Driver
Doc. No. MD-5034 Rev. C
logo
Marktech Corporate
TB62777FG MARKTECH-TB62777FG_15 Datasheet
338Kb / 20P
   8-Channel Constant-Current LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com